Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ACPL-785E Datasheet(PDF) 10 Page - AVAGO TECHNOLOGIES LIMITED

Part # ACPL-785E
Description  Hermetically Sealed Analog Isolation Amplifi er
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ACPL-785E Datasheet(HTML) 10 Page - AVAGO TECHNOLOGIES LIMITED

Back Button ACPL-785E Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ACPL-785E Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ACPL-785E Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ACPL-785E Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED ACPL-785E Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED ACPL-785E Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED ACPL-785E Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED ACPL-785E Datasheet HTML 13Page - AVAGO TECHNOLOGIES LIMITED ACPL-785E Datasheet HTML 14Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
10
Figure 15. Output Supply Current vs. Input Voltage.
Figure 17. Input and Output Supply Current vs. Temperature.
Figure 16. Common Mode Rejection Test Circuit.
Figure 18. Propagation Delay, Rise/Fall Time and Bandwidth Test Circuit.
IDD1
IDD2
VIN+ – INPUT VOLTAGE – V
10.0
8.0
-0.2
0.4
-0.4
0.2
0
9.0
9.5
8.5
0.1 F
VDD2
VOUT
8
7
6
1
3
HCPL-7850
5
2
4
2 K
2 K
78L05
+15 V
0.1 F
0.1 F
-15 V
+
MC34081
150
pF
IN OUT
0.1
F
0.1
F
9 V
PULSE GEN.
VCM
+
10 K
10 K
150 pF
TA – TEMPERATURE – °C
10
5
20
0
15
20
140
100
-60
60
-20
0.1 F
VDD2
VOUT
8
7
6
1
3
HCPL-7850
5
2
4
2 K
2 K
+15 V
0.1 F
0.1 F
-15 V
+
MC34081
0.1 F
10 K
10 K
0.01 F
VDD1
VIN
VIN IMPEDANCE LESS THAN 10 .
VDD1 = 5 V
VDD2 = 5 V
VIN+ = 320 mV
VIN– = 0 V
VDD1 = 5 V
VDD2 = 5 V
VIN– = 0 V
TA = 25° C


Similar Part No. - ACPL-785E

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
ACPL-785E BOARDCOM-ACPL-785E Datasheet
1Mb / 16P
   Hermetically Sealed Analog Isolation Amplifier
More results

Similar Description - ACPL-785E

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-7840-300E AVAGO-HCPL-7840-300E Datasheet
151Kb / 19P
   Isolation Amplifi er
HCPL-7840-500E AVAGO-HCPL-7840-500E Datasheet
151Kb / 19P
   Isolation Amplifi er
logo
Broadcom Corporation.
ACPL-785E BOARDCOM-ACPL-785E Datasheet
1Mb / 16P
   Hermetically Sealed Analog Isolation Amplifier
logo
Agilent(Hewlett-Packard...
HCPL-7850 HP-HCPL-7850 Datasheet
251Kb / 16P
   Hermetically Sealed Analog Isolation Amplifier
logo
Sanyo Semicon Device
MCH3914 SANYO-MCH3914 Datasheet
217Kb / 4P
   High-Frequency Amplifi er, Analog Switch Applications
logo
API Technologies Corp
BXHF1060 APITECH-BXHF1060 Datasheet
135Kb / 2P
   Microwave Amplifi er
BXHF1059 APITECH-BXHF1059 Datasheet
744Kb / 2P
   Microwave Amplifi er
BX7967 APITECH-BX7967 Datasheet
101Kb / 2P
   RF Amplifi er
BXHF1058 APITECH-BXHF1058 Datasheet
247Kb / 2P
   Microwave Amplifi er
BXHF1066 APITECH-BXHF1066 Datasheet
545Kb / 2P
   Microwave Amplifi er
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com