Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IK62083 Datasheet(PDF) 2 Page - IK Semicon Co., Ltd

Part # IK62083
Description  8CH Darlington Sink Driver
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IKSEMICON [IK Semicon Co., Ltd]
Direct Link  http://www.iksemi.com/en/index.html
Logo IKSEMICON - IK Semicon Co., Ltd

IK62083 Datasheet(HTML) 2 Page - IK Semicon Co., Ltd

  IK62083_13 Datasheet HTML 1Page - IK Semicon Co., Ltd IK62083_13 Datasheet HTML 2Page - IK Semicon Co., Ltd IK62083_13 Datasheet HTML 3Page - IK Semicon Co., Ltd IK62083_13 Datasheet HTML 4Page - IK Semicon Co., Ltd IK62083_13 Datasheet HTML 5Page - IK Semicon Co., Ltd IK62083_13 Datasheet HTML 6Page - IK Semicon Co., Ltd IK62083_13 Datasheet HTML 7Page - IK Semicon Co., Ltd IK62083_13 Datasheet HTML 8Page - IK Semicon Co., Ltd IK62083_13 Datasheet HTML 9Page - IK Semicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
IK62083/4
2
2011, February, Rev. 02
Absolute Maximum Ratings
Ta =25°C
Parameter
Symbol
Limit Values
Unit
min.
max.
Output Sustaining Voltage
VCE(SUS)
–0.5
50
V
Output Current
IOUT
500
mA/ch
Input Voltage
VIN
– 0.5
30
V
Clamp Diode Reverse Voltage
VR
50
V
Clamp Diode Forward Current
IF
500
mA
Power Dissipation
IK62083N
PD
1.47
W
IK62083DW
0.96
Operating Temperature
Topr
-40
85
C
Storage Temperature
Tstg
-55
150
C
* Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device.
These are stress ratings only and functional operation of the device at these or any other conditions beyond those
indicated under “recommended operating conditions” is not implied.
Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
Recommended Operating Conditions
(Ta=-40~85°C)
Parameter
Symbol
Test Condition
Limit Value
Unit
Min
Typ
Max
Output Sustaining Voltage
VCE(SUS)
0
-
50
V
Output Current
N
IOUT
Tpw=25ms,Duty=10%,
8 Circuits
0
-
347
mA/ch
Tpw=25ms,Duty=50%,
8 Circuits
0
-
123
DW
Tpw=25ms,Duty=10%,
8 Circuits
0
-
268
Tpw=25ms,Duty=50%,
8 Circuits
0
-
90
Input Voltage
VIN
0
-
30
V
Input Voltage
(Output On)
IK62083N/DW
VIN(ON)
3.5
-
30
V
IK62084N/DW
8
-
30
Clamp Diode Reverse Voltage
VR
-
-
50
V
Clamp Diode Forward Current
IF
-
-
400
mA
Power Dissipation
N
PD
-
-
0.52
W
DW
-
-
0.4


Similar Part No. - IK62083_13

ManufacturerPart #DatasheetDescription
logo
IK Semicon Co., Ltd
IK62083DW IKSEMICON-IK62083DW Datasheet
450Kb / 8P
   8CH Darlington Sink Driver
IK62083N IKSEMICON-IK62083N Datasheet
450Kb / 8P
   8CH Darlington Sink Driver
More results

Similar Description - IK62083_13

ManufacturerPart #DatasheetDescription
logo
ARTSCHIP ELECTRONICS CO...
ULN2803 ARTSCHIP-ULN2803 Datasheet
343Kb / 8P
   8CH DARLINGTON SINK DRIVER
logo
Toshiba Semiconductor
TD62081AP TOSHIBA-TD62081AP Datasheet
366Kb / 10P
   8CH DARLINGTON SINK DRIVER
TD62081APG TOSHIBA-TD62081APG Datasheet
271Kb / 13P
   8ch Darlington Sink Driver
ULN2803APG TOSHIBA-ULN2803APG Datasheet
460Kb / 12P
   8ch Darlington Sink Driver
logo
IK Semicon Co., Ltd
IK62083 IKSEMICON-IK62083 Datasheet
450Kb / 8P
   8CH Darlington Sink Driver
logo
Toshiba Semiconductor
ULN2803AFW TOSHIBA-ULN2803AFW Datasheet
320Kb / 10P
   8CH DARLINGTON SINK DRIVER
TD62083AFNG TOSHIBA-TD62083AFNG Datasheet
362Kb / 11P
   8CH DARLINGTON SINK DRIVER
TD62083AFN TOSHIBA-TD62083AFN Datasheet
266Kb / 8P
   8CH DARLINGTON SINK DRIVER
logo
KODENSHI_AUK CORP.
S37701 KODENSHI-S37701 Datasheet
410Kb / 11P
   8CH Darlington TR Sink Driver
logo
Toshiba Semiconductor
TD62380P TOSHIBA-TD62380P Datasheet
169Kb / 5P
   8CH LOW SATURATION DARLINGTON SINK DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com