Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IK62083 Datasheet(PDF) 5 Page - IK Semicon Co., Ltd

Part # IK62083
Description  8CH Darlington Sink Driver
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IKSEMICON [IK Semicon Co., Ltd]
Direct Link  http://www.iksemi.com/en/index.html
Logo IKSEMICON - IK Semicon Co., Ltd

IK62083 Datasheet(HTML) 5 Page - IK Semicon Co., Ltd

  IK62083_13 Datasheet HTML 1Page - IK Semicon Co., Ltd IK62083_13 Datasheet HTML 2Page - IK Semicon Co., Ltd IK62083_13 Datasheet HTML 3Page - IK Semicon Co., Ltd IK62083_13 Datasheet HTML 4Page - IK Semicon Co., Ltd IK62083_13 Datasheet HTML 5Page - IK Semicon Co., Ltd IK62083_13 Datasheet HTML 6Page - IK Semicon Co., Ltd IK62083_13 Datasheet HTML 7Page - IK Semicon Co., Ltd IK62083_13 Datasheet HTML 8Page - IK Semicon Co., Ltd IK62083_13 Datasheet HTML 9Page - IK Semicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
IK62083/4
5
2011, February, Rev. 02
Note 1 : Pulse Width 50us, Duty Cycle 10%
Output Impedance 50Ω, t
r ≤ 5ns, tf ≤ 10ns
Note 2 : See below.
Input Condition
Type number
R1
VIH
IK62083
3V
IK62084
8V
Note 3 : CL includes probe and jig capacitance
Precautions for Using
Utmost care is necessary in the design of output line, COMMON and GND line since IC may be destroyed
due to short-circuit between outputs, air contaminaton fault, or fault by improper grounding.


Similar Part No. - IK62083_13

ManufacturerPart #DatasheetDescription
logo
IK Semicon Co., Ltd
IK62083DW IKSEMICON-IK62083DW Datasheet
450Kb / 8P
   8CH Darlington Sink Driver
IK62083N IKSEMICON-IK62083N Datasheet
450Kb / 8P
   8CH Darlington Sink Driver
More results

Similar Description - IK62083_13

ManufacturerPart #DatasheetDescription
logo
ARTSCHIP ELECTRONICS CO...
ULN2803 ARTSCHIP-ULN2803 Datasheet
343Kb / 8P
   8CH DARLINGTON SINK DRIVER
logo
Toshiba Semiconductor
TD62081AP TOSHIBA-TD62081AP Datasheet
366Kb / 10P
   8CH DARLINGTON SINK DRIVER
TD62081APG TOSHIBA-TD62081APG Datasheet
271Kb / 13P
   8ch Darlington Sink Driver
ULN2803APG TOSHIBA-ULN2803APG Datasheet
460Kb / 12P
   8ch Darlington Sink Driver
logo
IK Semicon Co., Ltd
IK62083 IKSEMICON-IK62083 Datasheet
450Kb / 8P
   8CH Darlington Sink Driver
logo
Toshiba Semiconductor
ULN2803AFW TOSHIBA-ULN2803AFW Datasheet
320Kb / 10P
   8CH DARLINGTON SINK DRIVER
TD62083AFNG TOSHIBA-TD62083AFNG Datasheet
362Kb / 11P
   8CH DARLINGTON SINK DRIVER
TD62083AFN TOSHIBA-TD62083AFN Datasheet
266Kb / 8P
   8CH DARLINGTON SINK DRIVER
logo
KODENSHI_AUK CORP.
S37701 KODENSHI-S37701 Datasheet
410Kb / 11P
   8CH Darlington TR Sink Driver
logo
Toshiba Semiconductor
TD62380P TOSHIBA-TD62380P Datasheet
169Kb / 5P
   8CH LOW SATURATION DARLINGTON SINK DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com