Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IK62083 Datasheet(PDF) 3 Page - IK Semicon Co., Ltd

Part # IK62083
Description  8CH Darlington Sink Driver
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IKSEMICON [IK Semicon Co., Ltd]
Direct Link  http://www.iksemi.com/en/index.html
Logo IKSEMICON - IK Semicon Co., Ltd

IK62083 Datasheet(HTML) 3 Page - IK Semicon Co., Ltd

  IK62083_13 Datasheet HTML 1Page - IK Semicon Co., Ltd IK62083_13 Datasheet HTML 2Page - IK Semicon Co., Ltd IK62083_13 Datasheet HTML 3Page - IK Semicon Co., Ltd IK62083_13 Datasheet HTML 4Page - IK Semicon Co., Ltd IK62083_13 Datasheet HTML 5Page - IK Semicon Co., Ltd IK62083_13 Datasheet HTML 6Page - IK Semicon Co., Ltd IK62083_13 Datasheet HTML 7Page - IK Semicon Co., Ltd IK62083_13 Datasheet HTML 8Page - IK Semicon Co., Ltd IK62083_13 Datasheet HTML 9Page - IK Semicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
IK62083/4
3
2011, February, Rev. 02
Electrical Characteristics
Ta = 25°C
Parameter
Symbol
Test
Circuit
Test Condition
Limit Values
Unit
Min
Typ
Max
Output
Leakage
Current
IK62083
VCE=50V
Ta=25°C
-
-
50
uA
ICEX
1
VCE=50V
Ta=85°C
-
-
100
IK62084
VCE=50V
VIN=1V
-
-
500
Collector-Emitter
Saturation Voltage
VCE(sat)
2
IOUT=350mA,IIN=500uA
-
1.3
1.6
V
IOUT=200mA,IIN=350uA
-
1.1
1.3
IOUT=100mA,IIN=250uA
-
0.9
1.1
Input
Current
IK62083
IIN(ON)
2
VIN=3.85V
-
0.93
1.35
mA
IK62084
VIN=5V
-
0.35
0.5
VIN=12V
-
1.0
1.45
Input
Voltage
(Output On)
IK62083
VIN(ON)
5
VCE=2V, IOUT=200mA
-
-
2.4
V
VCE=2V, IOUT=250mA
-
-
2.7
VCE=2V, IOUT=300mA
-
-
3.0
IK62084
VCE=2V, IOUT=125mA
-
-
5.0
VCE=2V, IOUT=200mA
-
-
6.0
VCE=2V, IOUT=275mA
-
-
7.0
VCE=2V, IOUT=350mA
-
-
8.0
DC Current Transfer Ratio
hFE
2
VCE=2V, IOUT=350mA
1000
-
-
Clamp Diode Reverse
Current
IR
6
Ta=25°C (Note)
-
-
50
uA
Ta=85°C (Note)
-
-
100
Clamp Diode Forward
Voltage
VF
7
IF=350mA
-
-
2.0
V
Input Capacitance
CIN
-
-
-
15
pF
Turn-On Delay
tON
8
RL=125Ω, VOUT=50V
-
0.1
-
us
Turn-Off Delay
tOFF
8
RL=125Ω, VOUT=50V
-
0.21
-
us
Note : VR=VRMAX


Similar Part No. - IK62083_13

ManufacturerPart #DatasheetDescription
logo
IK Semicon Co., Ltd
IK62083DW IKSEMICON-IK62083DW Datasheet
450Kb / 8P
   8CH Darlington Sink Driver
IK62083N IKSEMICON-IK62083N Datasheet
450Kb / 8P
   8CH Darlington Sink Driver
More results

Similar Description - IK62083_13

ManufacturerPart #DatasheetDescription
logo
ARTSCHIP ELECTRONICS CO...
ULN2803 ARTSCHIP-ULN2803 Datasheet
343Kb / 8P
   8CH DARLINGTON SINK DRIVER
logo
Toshiba Semiconductor
TD62081AP TOSHIBA-TD62081AP Datasheet
366Kb / 10P
   8CH DARLINGTON SINK DRIVER
TD62081APG TOSHIBA-TD62081APG Datasheet
271Kb / 13P
   8ch Darlington Sink Driver
ULN2803APG TOSHIBA-ULN2803APG Datasheet
460Kb / 12P
   8ch Darlington Sink Driver
logo
IK Semicon Co., Ltd
IK62083 IKSEMICON-IK62083 Datasheet
450Kb / 8P
   8CH Darlington Sink Driver
logo
Toshiba Semiconductor
ULN2803AFW TOSHIBA-ULN2803AFW Datasheet
320Kb / 10P
   8CH DARLINGTON SINK DRIVER
TD62083AFNG TOSHIBA-TD62083AFNG Datasheet
362Kb / 11P
   8CH DARLINGTON SINK DRIVER
TD62083AFN TOSHIBA-TD62083AFN Datasheet
266Kb / 8P
   8CH DARLINGTON SINK DRIVER
logo
KODENSHI_AUK CORP.
S37701 KODENSHI-S37701 Datasheet
410Kb / 11P
   8CH Darlington TR Sink Driver
logo
Toshiba Semiconductor
TD62380P TOSHIBA-TD62380P Datasheet
169Kb / 5P
   8CH LOW SATURATION DARLINGTON SINK DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com