Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MBR3045PT Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # MBR3045PT
Description  Schottky Rectifiers
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

MBR3045PT Datasheet(HTML) 2 Page - Fairchild Semiconductor

  MBR3045PT Datasheet HTML 1Page - Fairchild Semiconductor MBR3045PT Datasheet HTML 2Page - Fairchild Semiconductor MBR3045PT Datasheet HTML 3Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MBR3035PT - MBR3060PT, Rev. C
2001 Fairchild Semiconductor Corporation
Schottky Rectifier
(continued)
Typical Characteristics
0
25
50
75
100
125
150
175
0
6
12
18
24
30
Ambient Temperature [ºC]
SINGLE PHASE
HALF WAVE
60HZ
RESISTIVE OR
INDUCTIVE LOAD
.375" (9.00mm) LOAD
LENGTHS
MBR3035PT-MBR3045PT
MBR3050PT-MBR3060PT
0.01
0.1
1
10
100
0.1
1
10
100
Pulse Duration [s]
12
5
10
20
50
100
0
50
100
150
200
250
300
Number of Cycles at 60Hz
0.1
1
10
100
100
200
500
1000
2000
5000
Reverse Voltage, V
R [V]
MBR3035PT-MBR3045PT
MBR3050PT-MBR3060PT
0
0.2
0.4
0.6
0.8
1
1.2
0.01
0.1
1
10
50
Forward Voltage, V
F [V]
Pulse Width = 300
µµµµS
2% Duty Cycle
T = 25 C
º
A
T = 150 C
º
A
MBR3035PT-MBR3045PT
MBR3050PT-MBR3060PT
0
20406080
100
120
140
0.001
0.01
0.1
1
10
50
Percent of Rated Peak Reverse Voltage [%]
T = 25 C
º
A
T = 75 C
º
A
T = 125 C
º
A
MBR3035PT-MBR3045PT
MBR3050PT-MBR3060PT
MBR3050PT-MBR3060PT
MBR3035PT-MBR3045PT
Figure 1. Forward Current Derating Curve
Figure 2. Non-Repetitive Surge Current
Figure 3. Forward Voltage Characteristics
Figure 4. Reverse Current vs Reverse Voltage
Figure 5. Total Capacitance
Figure 6. Thermal Impedance Characteristics


Similar Part No. - MBR3045PT

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MBR3045PT DIODES-MBR3045PT Datasheet
64Kb / 2P
   30A SCHOTTKY BARRIER RECTIFIER
DS23017 Rev. E-2
logo
Taiwan Semiconductor Co...
MBR3045PT TSC-MBR3045PT Datasheet
133Kb / 2P
   30.0AMPS. Schottky Barrier Rectifiers
logo
Nantong Hornby Electron...
MBR3045PT HORNBY-MBR3045PT Datasheet
318Kb / 3P
   SCHOTTKY BARRIER RECTIFIER
logo
General Semiconductor
MBR3045PT GE-MBR3045PT Datasheet
74Kb / 2P
   SCHOTTKY RECTIFIER
logo
Vishay Siliconix
MBR3045PT VISHAY-MBR3045PT Datasheet
92Kb / 4P
   Dual Common-Cathode Schottky Rectifier
Revision: 07-May-08
More results

Similar Description - MBR3045PT

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LMBR1200ETIG LRC-LMBR1200ETIG Datasheet
495Kb / 11P
   Schottky Barrier Rectifiers Schottky Barrier Rectifiers
SB220 LRC-SB220 Datasheet
262Kb / 7P
   Schottky Barrier Rectifiers Schottky Barrier Rectifiers
logo
Fairchild Semiconductor
SS26 FAIRCHILD-SS26 Datasheet
49Kb / 3P
   Schottky Rectifiers
logo
Motorola, Inc
MBR040 MOTOROLA-MBR040 Datasheet
159Kb / 2P
   Schottky rectifiers
logo
Central Semiconductor C...
CSHDD16-40C CENTRAL-CSHDD16-40C_15 Datasheet
557Kb / 2P
   SCHOTTKY RECTIFIERS
logo
Fairchild Semiconductor
SS32 FAIRCHILD-SS32_01 Datasheet
53Kb / 3P
   Schottky Rectifiers
logo
Dongguan City Niuhang E...
K22-NH-E-OK NIUHANG-K22-NH-E-OK Datasheet
1Mb / 3P
   SCHOTTKY RECTIFIERS
MBR2020CT NIUHANG-MBR2020CT Datasheet
2Mb / 5P
   SCHOTTKY RECTIFIERS
MBR1020DD NIUHANG-MBR1020DD Datasheet
485Kb / 5P
   SCHOTTKY RECTIFIERS
SS52F NIUHANG-SS52F Datasheet
321Kb / 3P
   SCHOTTKY RECTIFIERS
MBR1020DCT NIUHANG-MBR1020DCT Datasheet
431Kb / 3P
   SCHOTTKY RECTIFIERS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com