Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MBR3045PT Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # MBR3045PT
Description  Schottky Rectifiers
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

MBR3045PT Datasheet(HTML) 1 Page - Fairchild Semiconductor

  MBR3045PT Datasheet HTML 1Page - Fairchild Semiconductor MBR3045PT Datasheet HTML 2Page - Fairchild Semiconductor MBR3045PT Datasheet HTML 3Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MBR3035PT - MBR3060PT, Rev. C
2001 Fairchild Semiconductor Corporation
MBR3035PT - MBR3060PT
Schottky Rectifiers
Absolute Maximum Ratings*
T
A
= 25°C unless otherwise noted
*These ratings are limiting values above which the serviceability of any semiconductor device may be impaired.
Electrical Characteristics
T
A
= 25°C unless otherwise noted
Symbol
Parameter
Value
Units
P
D
Power Dissipation
3.0
W
RθJL
Thermal Resistance, Junction to Lead
1.4
°C/W
Symbol
Parameter
Device
Units
3035PT
3045PT
3050PT
3060PT
VF
Forward Voltage I
F = 20 A, TC = 25°C
I
F = 20 A, TC = 125°C
I
F = 30 A, TC = 25°C
I
F = 30 A, TC = 125°C
-
0.60
0.76
0.72
0.75
0.65
-
-
V
V
V
V
I
R
Reverse Current @ rated V
R
T
A = 25°C
T
A = 125°C
1.0
60
5.0
100
mA
mA
I
RRM
Peak Repetitive Reverse Surge Current
2.0 us Pulsu Width, f = 1.0 KHz
1.0
0.5
A
Features
Low power loss, high efficiency.
High surge capacity.
For use in low voltage, high frequency
inverters, free wheeling, and polarity
protection applications.
Metal silicon junction, majority carrier
conduction.
High current capacity, low forward
voltage drop.
Guard ring for over voltage protection.
Thermal Characteristics
Symbol
Parameter
Value
Units
3035PT
3045PT
3050PT
3060PT
V
RRM
Maximum Repetitive Reverse Voltage
35
45
50
60
V
I
F(AV)
Average Rectified Forward Current
30
A
I
FSM
Non-repetitive Peak Forward Surge Current
8.3 ms Single Half-Sine-Wave
200
A
T
stg
Storage Temperature Range
-65 to +175
°C
T
J
Operating Junction Temperature
-65 to +150
°C
TO-3P/TO-247AD
+
CASE
PIN 2
PIN 3
PIN 1
1
23


Similar Part No. - MBR3045PT

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MBR3045PT DIODES-MBR3045PT Datasheet
64Kb / 2P
   30A SCHOTTKY BARRIER RECTIFIER
DS23017 Rev. E-2
logo
Taiwan Semiconductor Co...
MBR3045PT TSC-MBR3045PT Datasheet
133Kb / 2P
   30.0AMPS. Schottky Barrier Rectifiers
logo
Nantong Hornby Electron...
MBR3045PT HORNBY-MBR3045PT Datasheet
318Kb / 3P
   SCHOTTKY BARRIER RECTIFIER
logo
General Semiconductor
MBR3045PT GE-MBR3045PT Datasheet
74Kb / 2P
   SCHOTTKY RECTIFIER
logo
Vishay Siliconix
MBR3045PT VISHAY-MBR3045PT Datasheet
92Kb / 4P
   Dual Common-Cathode Schottky Rectifier
Revision: 07-May-08
More results

Similar Description - MBR3045PT

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LMBR1200ETIG LRC-LMBR1200ETIG Datasheet
495Kb / 11P
   Schottky Barrier Rectifiers Schottky Barrier Rectifiers
SB220 LRC-SB220 Datasheet
262Kb / 7P
   Schottky Barrier Rectifiers Schottky Barrier Rectifiers
logo
Fairchild Semiconductor
SS26 FAIRCHILD-SS26 Datasheet
49Kb / 3P
   Schottky Rectifiers
logo
Motorola, Inc
MBR040 MOTOROLA-MBR040 Datasheet
159Kb / 2P
   Schottky rectifiers
logo
Central Semiconductor C...
CSHDD16-40C CENTRAL-CSHDD16-40C_15 Datasheet
557Kb / 2P
   SCHOTTKY RECTIFIERS
logo
Fairchild Semiconductor
SS32 FAIRCHILD-SS32_01 Datasheet
53Kb / 3P
   Schottky Rectifiers
logo
Dongguan City Niuhang E...
K22-NH-E-OK NIUHANG-K22-NH-E-OK Datasheet
1Mb / 3P
   SCHOTTKY RECTIFIERS
MBR2020CT NIUHANG-MBR2020CT Datasheet
2Mb / 5P
   SCHOTTKY RECTIFIERS
MBR1020DD NIUHANG-MBR1020DD Datasheet
485Kb / 5P
   SCHOTTKY RECTIFIERS
SS52F NIUHANG-SS52F Datasheet
321Kb / 3P
   SCHOTTKY RECTIFIERS
MBR1020DCT NIUHANG-MBR1020DCT Datasheet
431Kb / 3P
   SCHOTTKY RECTIFIERS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com