Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HOA0971 Datasheet(PDF) 1 Page - Honeywell Solid State Electronics Center

Part # HOA0971
Description  Transmissive Optoschmitt Sensor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

HOA0971 Datasheet(HTML) 1 Page - Honeywell Solid State Electronics Center

  HOA0971 Datasheet HTML 1Page - Honeywell Solid State Electronics Center HOA0971 Datasheet HTML 2Page - Honeywell Solid State Electronics Center HOA0971 Datasheet HTML 3Page - Honeywell Solid State Electronics Center HOA0971 Datasheet HTML 4Page - Honeywell Solid State Electronics Center  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Transmissive Optoschmitt Sensor
HOA096X/097X
DESCRIPTION
FEATURES
Direct TTL interface
Accurate position sensing
Four mounting configurations
Buffer or inverting logic available
Choice of detector aperture
0.125 in.(3.18 mm) slot width
The HOA096X/097X series consists of an infrared
emitting diode facing an Optoschmitt detector encased
in a black thermoplastic housing. Detector switching
takes place whenever an opaque object passes through
the slot between emitter and detector. The
photodetector consists of a photodiode, amplifier,
voltage regulator, Schmitt trigger and an NPN output
transistor with 10 kì (nominal) pull-up resistor. The
user can choose from available options: (1) detector
aperture size, (2) mounting tab configuration, and (3)
housing material.
The HOA096X series utilizes an IR transmissive
polysulfone housing which features smooth optical
faces without external aperture openings; this feature is
desirable when aperture blockage from airborne
contaminants is a possibility. The HOA097X series
employs an opaque polysulfone housing with aperture
openings for use in applications where maximum
rejection of ambient light is important and in situations in
which maximum position resolution is desired. The
HOA096X/097X series employs plastic molded
components. For additional component information see
SEP8506 and SDP8600.
Housing material is polysulfone. Housings are soluble in
chlorinated hydrocarbons and ketones. Recommended
cleaning agents are methanol and isopropanol.
Device Polarity:
Buffer - Output is LO when optical path is blocked.
Inverter - Output is HI when optical path is blocked.
To specify the complete product characteristics, see
PART NUMBER GUIDE.
INFRA-26.TIF
OUTLINE DIMENSIONS in inches (mm)
3 plc decimals
±0.010(0.25)
Tolerance
2 plc decimals
±0.020(0.51)
DIM_066a.cdr
Package T
.495(12.57)
.475(12.07)
.435(11.05)
.415(10.54)
.435(11.05)
.415(10.54)
.435(11.05)
.415(10.54)
PACKAGE N
PACKAGE P
PACKAGE L
.737(18.72)
.717(18.21)
.737(18.72)
.717(18.21)
DIM_41b.ds4
Packages N/P/L
Honeywell reserves the right to make
changes in order to improve design and
supply the best products possible.
h
356


Similar Part No. - HOA0971

ManufacturerPart #DatasheetDescription
logo
Honeywell Accelerometer...
HOA097 HONEYWELL-ACC-HOA097 Datasheet
1Mb / 18P
   Infrared Sensors Line Guide
logo
Honeywell Solid State E...
HOA0973-L51 HONEYWELL-HOA0973-L51 Datasheet
485Kb / 4P
   Transmissive Optoschmitt Sensor
logo
Honeywell Accelerometer...
HOA097X HONEYWELL-ACC-HOA097X Datasheet
1Mb / 18P
   Infrared Sensors Line Guide
More results

Similar Description - HOA0971

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
HOA2001 HONEYWELL-HOA2001 Datasheet
397Kb / 4P
   Transmissive Optoschmitt Sensor
HOA0973-L51 HONEYWELL-HOA0973-L51 Datasheet
485Kb / 4P
   Transmissive Optoschmitt Sensor
HOA6963-N51 HONEYWELL-HOA6963-N51 Datasheet
936Kb / 6P
   Transmissive Optoschmitt Sensor
logo
Honeywell Accelerometer...
HOA6992-T55 HONEYWELL-ACC-HOA6992-T55 Datasheet
929Kb / 6P
   Transmissive Optoschmitt Sensor
logo
Honeywell Solid State E...
HOA0961-N51 HONEYWELL-HOA0961-N51 Datasheet
485Kb / 4P
   Transmissive Optoschmitt Sensor
logo
Honeywell Accelerometer...
HOA6960-N51 HONEYWELL-ACC-HOA6960-N51 Datasheet
931Kb / 6P
   Transmissive Optoschmitt Sensor
HOA2003 HONEYWELL-ACC-HOA2003 Datasheet
387Kb / 4P
   Transmissive Optoschmitt Sensor
HOA2001-001 HONEYWELL-ACC-HOA2001-001 Datasheet
387Kb / 4P
   Transmissive Optoschmitt Sensor
HOA6993-T51 HONEYWELL-ACC-HOA6993-T51 Datasheet
52Kb / 1P
   HOA6993-T51 Optoschmitt Sensors (Transmissive)
HOA2005-001 HONEYWELL-ACC-HOA2005-001 Datasheet
72Kb / 5P
   HOA Series Transmissive Optoschmitt Sensor, Transistor Output, Plastic Package
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com