Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NE555 Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # NE555
Description  Single Timer
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

NE555 Datasheet(HTML) 4 Page - Fairchild Semiconductor

  NE555 Datasheet HTML 1Page - Fairchild Semiconductor NE555 Datasheet HTML 2Page - Fairchild Semiconductor NE555 Datasheet HTML 3Page - Fairchild Semiconductor NE555 Datasheet HTML 4Page - Fairchild Semiconductor NE555 Datasheet HTML 5Page - Fairchild Semiconductor NE555 Datasheet HTML 6Page - Fairchild Semiconductor NE555 Datasheet HTML 7Page - Fairchild Semiconductor NE555 Datasheet HTML 8Page - Fairchild Semiconductor NE555 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
LM555/NE555/SA555
4
4
4
4
Application Information
Application Information
Application Information
Application Information
Table 1 below is the basic operating table of 555 timer:
When the low signal input is applied to the reset terminal, the timer output remains low regardless of the threshold voltage or
the trigger voltage. Only when the high signal is applied to the reset terminal, the timer's output changes according to
threshold voltage and trigger voltage.
When the threshold voltage exceeds 2/3 of the supply voltage while the timer output is high, the timer's internal discharge Tr.
turns on, lowering the threshold voltage to below 1/3 of the supply voltage. During this time, the timer output is maintained
low. Later, if a low signal is applied to the trigger voltage so that it becomes 1/3 of the supply voltage, the timer's internal
discharge Tr. turns off, increasing the threshold voltage and driving the timer output again at high.
1. Monostable Operation
1. Monostable Operation
1. Monostable Operation
1. Monostable Operation
Table 1. Basic Operating Table
Table 1. Basic Operating Table
Table 1. Basic Operating Table
Table 1. Basic Operating Table
Threshold Voltage
Threshold Voltage
Threshold Voltage
Threshold Voltage
(V
(V
(V
(Vth
th
th
th)(PIN 6)
)(PIN 6)
)(PIN 6)
)(PIN 6)
Trigger Voltage
Trigger Voltage
Trigger Voltage
Trigger Voltage
(V
(V
(V
(Vtr
tr
tr
tr)(PIN 2)
)(PIN 2)
)(PIN 2)
)(PIN 2)
Reset(PIN 4)
Reset(PIN 4)
Reset(PIN 4)
Reset(PIN 4)
Output(PIN 3)
Output(PIN 3)
Output(PIN 3)
Output(PIN 3)
Discharging Tr.
Discharging Tr.
Discharging Tr.
Discharging Tr.
(PIN 7)
(PIN 7)
(PIN 7)
(PIN 7)
Don't care
Don't care
Low
Low
ON
Vth > 2Vcc / 3
Vth > 2Vcc / 3
High
Low
ON
Vcc / 3 < Vth < 2 Vcc / 3
Vcc / 3 < Vth < 2 Vcc / 3
High
-
-
Vth < Vcc / 3
Vth < Vcc / 3
High
High
OFF
10
10
10
10
-5
-5
-5
-5
10
10
10
10
-4
-4
-4
-4
10
10
10
10
-3
-3
-3
-3
10
10
10
10
-2
-2
-2
-2
10
10
10
10
-1
-1
-1
-1
10
10
10
10
0
00
0
10
10
10
10
1
11
1
10
10
10
10
2
22
2
10
10
10
10
-3
-3
-3
-3
10
10
10
10
-2
-2
-2
-2
10
10
10
10
-1
-1
-1
-1
10
10
10
10
0
00
0
10
10
10
10
1
11
1
10
10
10
10
2
22
2
Time Delay(s)
Time Delay(s)
Time Delay(s)
Time Delay(s)
Figure 1. Monoatable Circuit
Figure 1. Monoatable Circuit
Figure 1. Monoatable Circuit
Figure 1. Monoatable Circuit
Figure 2. Resistance and Capacitance vs.
Figure 2. Resistance and Capacitance vs.
Figure 2. Resistance and Capacitance vs.
Figure 2. Resistance and Capacitance vs.
Time delay(t
Time delay(t
Time delay(t
Time delay(td
d
d
d))))
Figure 3. Waveforms of Monostable Operation
Figure 3. Waveforms of Monostable Operation
Figure 3. Waveforms of Monostable Operation
Figure 3. Waveforms of Monostable Operation
1
5
6
7
8
4
2
3
RESET
Vcc
DISCH
THRES
CONT
GND
OUT
TRIG
+Vcc
RA
C1
C2
RL
Trigger


Similar Part No. - NE555

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NE555 PHILIPS-NE555 Datasheet
120Kb / 7P
   Timer
August 31, 1994
logo
Diodes Incorporated
NE555 DIODES-NE555 Datasheet
729Kb / 14P
   PRECISION TIMERS
NE555 DIODES-NE555 Datasheet
674Kb / 14P
   Timing from microseconds to hours
February 2021
logo
Wing Shing Computer Com...
NE555 WINGS-NE555 Datasheet
273Kb / 5P
   Precision Timer
logo
Unisonic Technologies
NE555 UTC-NE555 Datasheet
205Kb / 8P
   SINGLE TIMER
More results

Similar Description - NE555

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
NE555 UTC-NE555_15 Datasheet
205Kb / 8P
   SINGLE TIMER
logo
GTM CORPORATION
GPNE555 GTM-GPNE555 Datasheet
499Kb / 5P
   SINGLE TIMER
GSCNE555 GTM-GSCNE555 Datasheet
519Kb / 5P
   SINGLE TIMER
logo
Fairchild Semiconductor
KA555IDTF FAIRCHILD-KA555IDTF Datasheet
156Kb / 14P
   Single Timer
KA555I FAIRCHILD-KA555I Datasheet
156Kb / 14P
   Single Timer
LM555 FAIRCHILD-LM555_12 Datasheet
194Kb / 13P
   Single Timer
KA555 FAIRCHILD-KA555 Datasheet
148Kb / 14P
   Single Timer
KA555DTF FAIRCHILD-KA555DTF Datasheet
156Kb / 14P
   Single Timer
logo
SeCoS Halbleitertechnol...
SSCNE555 SECOS-SSCNE555 Datasheet
777Kb / 5P
   Single Timer
logo
Unisonic Technologies
C555 UTC-C555_18 Datasheet
208Kb / 4P
   SINGLE TIMER
C555 UTC-C555 Datasheet
167Kb / 4P
   SINGLE TIMER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com