Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HFBR-0500ETZ Datasheet(PDF) 14 Page - AVAGO TECHNOLOGIES LIMITED

Part # HFBR-0500ETZ
Description  The Versatile Fiber Optic Connection
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HFBR-0500ETZ Datasheet(HTML) 14 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HFBR-0500ETZ Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HFBR-0500ETZ Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HFBR-0500ETZ Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED HFBR-0500ETZ Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED HFBR-0500ETZ Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED HFBR-0500ETZ Datasheet HTML 13Page - AVAGO TECHNOLOGIES LIMITED HFBR-0500ETZ Datasheet HTML 14Page - AVAGO TECHNOLOGIES LIMITED HFBR-0500ETZ Datasheet HTML 15Page - AVAGO TECHNOLOGIES LIMITED HFBR-0500ETZ Datasheet HTML 16Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
14
HFBR-15X2ETZ Transmitters
All HFBR15XXETZ LED transmitters are classified as IEC 825-1 Accessible Emission Limit (AEL) Class 1 based upon the current proposed
draft scheduled to go into effect on January 1, 1997. AEL Class 1 LED devices are considered eye safe. Contact your Avago sales
representative for more information.
Absolute Maximum Ratings
Parameter
Symbol
Min.
Max.
Units
Reference
Storage Temperature
TS
–40
+85
° C
Operating Temperature
TA
–40
+85
° C
Lead Soldering Cycle
Temp.
260
° C
Note 1, 4
Time
10
sec
Forward Input Current
IFPK
1000
mA
Note 2, 3
IFdc
80
Reverse Input Voltage
VBR
5
V
Notes:
1. 1.6 mm below seating plane.
2. Recommended operating range between 10 and 750 mA.
3. 1
s pulse, 20 s period.
4. Moisture sensitivity level is MSL-3
Transmitter Electrical/Optical Characteristics -40° to 85° C unless otherwise specified.
For forward voltage and output power vs. drive current graphs.
Parameter
Symbol
Min.
Typ.
Max.
Units
Conditions
Ref.
Transmitter Output
PT
–13.9
–4.0
dBm
IFdc = 60 mA
Note 1
Optical Power
–11.2
–5.1
IFdc = 60 mA, 25° C
Output Optical Power
PT/T
–0.85
%/° C
Temperature Coefficient
Peak Emission Wavelength
PK
660
nm
Forward Voltage
VF
1.43
1.67
2.05
V
IFdc = 60 mA
Forward Voltage
VF/T
–1.37
mV/° C
Fig. 09
Temperature Coefficient
Effective Diameter
DT
1
mm
Reverse Input Breakdown
VBR
5.0
11.0
V
IFdc = 10 μA,
Voltage
TA = 25° C
Diode Capacitance
CO
86
pF
VF = 0, f = 1 MHz
Rise Time
tr
20
ns
10% to 90%,
Note 2
Fall Time
tf
20
ns
IF = 60 mA
Note:
1. Optical power measured at the end of 0.5 m of 1 mm diameter POF (NA = 0.5) with a large area detector.
2. Rise and fall times are measured with a voltage pulse driving the transmitter driver IC (75451). A wide bandwidth optical to electrical waveform
analyzer, terminated to a 50
 input of a wide bandwidth oscilloscope, is used for this response time measurement.
ANODE
1
CATHODE
2
GROUND
3
GROUND
4
8 GROUND
5 GROUND
Pin #
Function
1
Anode
2
Cathode
3
Ground
4
Ground
5
Ground
8
Ground
Note: Pins 5 and 8 are for mounting and retaining purposes
only. Do not electrically connect these pins.


Similar Part No. - HFBR-0500ETZ

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-0500ETZ AVAGO-HFBR-0500ETZ Datasheet
249Kb / 16P
Versatile Link The Versatile Fiber Optic Connection
HFBR-0500ETZ AVAGO-HFBR-0500ETZ Datasheet
249Kb / 16P
Versatile Link The Versatile Fiber Optic Connection
logo
Broadcom Corporation.
HFBR-0500ETZ BOARDCOM-HFBR-0500ETZ Datasheet
485Kb / 16P
Versatile Link The Versatile Fiber Optic Connection
More results

Similar Description - HFBR-0500ETZ

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HFBR-0501 HP-HFBR-0501 Datasheet
438Kb / 19P
Versatile Link The Versatile Fiber Optic Connection
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-0501 AVAGO-HFBR-0501 Datasheet
195Kb / 19P
Versatile Link The Versatile Fiber Optic Connection
HFBR-2521Z AVAGO-HFBR-2521Z Datasheet
437Kb / 18P
Versatile Link The Versatile Fiber Optic Connection
HFBR-0500Z AVAGO-HFBR-0500Z Datasheet
504Kb / 18P
Versatile Link The Versatile Fiber Optic Connection Low cost fiber optic components
HFBR-1531ETZ AVAGO-HFBR-1531ETZ Datasheet
249Kb / 16P
Versatile Link The Versatile Fiber Optic Connection
HFBR-1521ETZ AVAGO-HFBR-1521ETZ Datasheet
249Kb / 16P
Versatile Link The Versatile Fiber Optic Connection
HFBR-1527ETZ AVAGO-HFBR-1527ETZ Datasheet
211Kb / 12P
125Megabaud Versatile Link The Versatile Fiber Optic Connection
HFBR-2521ETZ AVAGO-HFBR-2521ETZ Datasheet
249Kb / 16P
Versatile Link The Versatile Fiber Optic Connection
HFBR-2522ETZ AVAGO-HFBR-2522ETZ Datasheet
249Kb / 16P
Versatile Link The Versatile Fiber Optic Connection
logo
Broadcom Corporation.
HFBR-0500ETZ BOARDCOM-HFBR-0500ETZ Datasheet
485Kb / 16P
Versatile Link The Versatile Fiber Optic Connection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com