Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HFBR-0500ETZ Datasheet(PDF) 10 Page - AVAGO TECHNOLOGIES LIMITED

Part # HFBR-0500ETZ
Description  The Versatile Fiber Optic Connection
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HFBR-0500ETZ Datasheet(HTML) 10 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HFBR-0500ETZ Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HFBR-0500ETZ Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HFBR-0500ETZ Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HFBR-0500ETZ Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HFBR-0500ETZ Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED HFBR-0500ETZ Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED HFBR-0500ETZ Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED HFBR-0500ETZ Datasheet HTML 13Page - AVAGO TECHNOLOGIES LIMITED HFBR-0500ETZ Datasheet HTML 14Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
10
Figure 7. Typical forward voltage vs. drive current
Figure 8. Normalized typical output power vs. drive current
Transmitter Electrical/Optical Characteristics -40° to 85° C unless otherwise specified.
Parameter
Symbol
Min.
Typ.[5]
Max.
Units
Conditions
Ref.
Transmitter Output
PT
-16.8
-7.1
dBm
IFdc = 60 mA
Notes 1, 2
-14.3
-8.0
dBm
IFdc = 60 mA, 25° C
Output Optical Power
PT/T
-0.85
%/°C
Temperature Coefficient
Peak Emission
PK
660
nm
Wavelength
Forward Voltage
VF
1.43
1.67
2.05
V
IFdc = 60 mA
Forward Voltage
VF/T
-1.37
mV/°C
Fig. 7
Temperature Coefficient
Effective Diameter
D
1
mm
Reverse Input Breakdown
VBR
5.0
11.0
V
IFdc = 10
A,
Voltage
TA = 25° C
Diode Capacitance
CO
86
pF
VF = 0, f = MHz
Rise Time
tr
20
ns
10% to 90%,
Note 3
Fall Time
tf
20
ns
Notes:
1. Optical power measured at the end of 0.5 m of 1 mm diameter POF (NA = 0.5) with a large area detector.
2. Optical power, P (dBm) = 10 Log [P(
W)/1000 W].
3. Rise and fall times are measured with a voltage pulse driving the transmitter driver IC (75451). A wide bandwidth optical to electrical waveform
analyzer, terminated to a 50
 input of a wide bandwidth oscilloscope, is used for this response time measurement.
Optical Power
IF = 60 mA
1.4
1.45
1.5
1.55
1.6
1.65
1.7
1.75
1.8
1
10
100
IFdc - TRANSMITTER DRIVE CURRENT (
mA)
-40° C
25° C
85° C
-20
-15
-10
-5
0
5
1
10
100
IFdc - TRANSMITTER DRIVE CURRENT (
mA)
-40° C
25° C
85° C


Similar Part No. - HFBR-0500ETZ

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-0500ETZ AVAGO-HFBR-0500ETZ Datasheet
249Kb / 16P
   Versatile Link The Versatile Fiber Optic Connection
HFBR-0500ETZ AVAGO-HFBR-0500ETZ Datasheet
249Kb / 16P
   Versatile Link The Versatile Fiber Optic Connection
logo
Broadcom Corporation.
HFBR-0500ETZ BOARDCOM-HFBR-0500ETZ Datasheet
485Kb / 16P
   Versatile Link The Versatile Fiber Optic Connection
More results

Similar Description - HFBR-0500ETZ

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-0501 AVAGO-HFBR-0501 Datasheet
195Kb / 19P
   Versatile Link The Versatile Fiber Optic Connection
HFBR-2521ETZ AVAGO-HFBR-2521ETZ Datasheet
249Kb / 16P
   Versatile Link The Versatile Fiber Optic Connection
logo
Agilent(Hewlett-Packard...
HFBR-0501 HP-HFBR-0501 Datasheet
438Kb / 19P
   Versatile Link The Versatile Fiber Optic Connection
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-1531ETZ AVAGO-HFBR-1531ETZ Datasheet
249Kb / 16P
   Versatile Link The Versatile Fiber Optic Connection
HFBR-2522ETZ AVAGO-HFBR-2522ETZ Datasheet
249Kb / 16P
   Versatile Link The Versatile Fiber Optic Connection
logo
Broadcom Corporation.
HFBR-0500ETZ BOARDCOM-HFBR-0500ETZ Datasheet
485Kb / 16P
   Versatile Link The Versatile Fiber Optic Connection
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-2521Z AVAGO-HFBR-2521Z Datasheet
437Kb / 18P
   Versatile Link The Versatile Fiber Optic Connection
HFBR-1521ETZ AVAGO-HFBR-1521ETZ Datasheet
249Kb / 16P
   Versatile Link The Versatile Fiber Optic Connection
HFBR-1527ETZ AVAGO-HFBR-1527ETZ Datasheet
211Kb / 12P
   125Megabaud Versatile Link The Versatile Fiber Optic Connection
HFBR-0500Z AVAGO-HFBR-0500Z Datasheet
504Kb / 18P
   Versatile Link The Versatile Fiber Optic Connection Low cost fiber optic components
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com