Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EW-432 Datasheet(PDF) 1 Page - Asahi Kasei Microsystems

Part # EW-432
Description  EW-432 is composed of a Ultra-high sensitive InSb Hall element and a signal processing IC chip in a package
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

EW-432 Datasheet(HTML) 1 Page - Asahi Kasei Microsystems

  EW-432 Datasheet HTML 1Page - Asahi Kasei Microsystems EW-432 Datasheet HTML 2Page - Asahi Kasei Microsystems EW-432 Datasheet HTML 3Page - Asahi Kasei Microsystems  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Hybrid Hall Effect ICs EW-series
●Absolute Maximum Ratings(Ta=25℃)
●Magnetic and Electrical Characteristics(Ta=25℃)
1
[mT]
=10
[Gauss]
(*)Please refer to Supply Voltage Derating Curve.
EW-432
Supply Voltage
2.2∼18V
Bipolar Hall
Effect Latch
High Sensitivity
Bop:3mT
Output
With Pull-up
Resistor
SMT
Item
Limit
Unit
Symbol
Vcc
Vo(off)
Isink
Topr
Tstg
18(*)
Vcc
12
30
∼ 115
40
∼ 125
V
V
mA
Supply Voltage
Output L Current
Output H Voltage
Operating Temperature Range
Storage Temperature Range
Item
Conditions
Min.
Unit
Symbol
2.2
-6
6
12
3
-3
6
18
6
0.4
8
20
14
V
mT
mT
mT
V
mA
mV
k
Ω
Typ. Max.
Release Point
Hysteresis
Output Saturation Voltage
Supply Current
Output Down Voltage
Internal Load Resistance
Vcc=12V
Vcc=12V
Vcc=12V
Vcc=12V,OUT''L''
Vcc=12V,OUT''H''
Vcc=12V,OUT''H''
VCC
BOP
Brp
Bh
Vsat
Icc
Vd
RL
EW-432 is composed of a Ultra-high sensitive InSb Hall element and a signal processing IC chip in a package.
Shipped in packet-tape reel(5000pcs/Reel)
Amp
1:Vcc
Hall Element
Amplifer
Schmitt Trigger
Output Stage
Internal Pull-up
Resistor
2:GND
3:OUT
RL
Hall Element
Continuous
Excitation
Notice:It is requested to read and accept "IMPORTANT NOTICE" written on the back of the front cover of this catalogue.
●Functional Block Diagram
Operating Point
Supply Voltage
N-pole
S-pole
0
Bop
Brp
Bh
Vsat
L
Vd
Vcc
Vout
H
Magnetic flux density
●Operational Characteristics
N
S
Marking
3:OUT
2:GND
1:Vcc
31


Similar Part No. - EW-432

ManufacturerPart #DatasheetDescription
logo
Samtec, Inc
EW-43-07 SAMTEC-EW-43-07 Datasheet
217Kb / 1P
FLEXIBLE .025" SQ BOARD STACKERS
EW-43-08 SAMTEC-EW-43-08 Datasheet
217Kb / 1P
FLEXIBLE .025" SQ BOARD STACKERS
EW-43-09 SAMTEC-EW-43-09 Datasheet
217Kb / 1P
FLEXIBLE .025" SQ BOARD STACKERS
EW-43-10 SAMTEC-EW-43-10 Datasheet
217Kb / 1P
FLEXIBLE .025" SQ BOARD STACKERS
EW-43-11 SAMTEC-EW-43-11 Datasheet
217Kb / 1P
FLEXIBLE .025" SQ BOARD STACKERS
More results

Similar Description - EW-432

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
EW-610B AKM-EW-610B Datasheet
128Kb / 3P
EW-610B is composed of a Ultra-high sensitive InSb Hall element and a signal processing IC chip in a package
EW-632 AKM-EW-632 Datasheet
135Kb / 3P
EW-632 is composed of a Ultra-high sensitive InSb Hall element and a signal processing IC chip in a package
EW-650B AKM-EW-650B Datasheet
128Kb / 3P
EW-650B is composed of a Ultra-high sensitive InSb Hall element and a signal processing IC chip in a package
EW-652B AKM-EW-652B Datasheet
134Kb / 3P
EW-652B is composed of a Ultra-high sensitive InSb Hall element and a signal processing IC chip in a package
EW-710B AKM-EW-710B Datasheet
123Kb / 3P
EW-710B is composed of a Ultra-high sensitive InSb Hall element and a signal processing IC chip in a package
EW-712B AKM-EW-712B Datasheet
131Kb / 3P
EW-712B is composed of a Ultra-high sensitive InSb Hall element and a signal processing IC chip in a package
EW-732 AKM-EW-732 Datasheet
132Kb / 3P
EW-732 is composed of a Ultra-high sensitive InSb Hall element and a signal processing IC chip in a package
EW-750B AKM-EW-750B Datasheet
122Kb / 3P
EW-750B is composed of a Ultra-high sensitive InSb Hall element and a signal processing IC chip in a package
EW-752B AKM-EW-752B Datasheet
131Kb / 3P
EW-752B is composed of a Ultra-high sensitive InSb Hall element and a signal processing IC chip in a package
EW-6672 AKM-EW-6672_12 Datasheet
131Kb / 3P
EW-6672 is composed of a Ultra-high sensitive InSb Hall element and a signal processing IC chip in a package
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com