Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM319M Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # LM319M
Description  Dual Comparator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

LM319M Datasheet(HTML) 3 Page - Fairchild Semiconductor

  LM319M Datasheet HTML 1Page - Fairchild Semiconductor LM319M Datasheet HTML 2Page - Fairchild Semiconductor LM319M Datasheet HTML 3Page - Fairchild Semiconductor LM319M Datasheet HTML 4Page - Fairchild Semiconductor LM319M Datasheet HTML 5Page - Fairchild Semiconductor LM319M Datasheet HTML 6Page - Fairchild Semiconductor LM319M Datasheet HTML 7Page - Fairchild Semiconductor LM319M Datasheet HTML 8Page - Fairchild Semiconductor LM319M Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
LM319
3
Electrical Characteristics
(VCC = + 15V, VEE = - 15V, TA = 25
°C, unless otherwise specified)
Notes :
1. The offset voltage and offset currents given are the maximum values required to drive the output within a volt of either
supply with a 1mA load. Thus, these parameters define an error band and take into account the worst case effects of
voltage gain and input impedance.
2. The response time specified is for a 100mV input step with 5mV overdrive.
3. LM319 : 0
≤ TA ≤ +70°C
Parameter
Symbol
Conditions
LM319
Unit
Min. Typ. Max.
Input Offset Voltage (Note 1)
VIO
RS
≤ 5KΩ
-
2.0
8.0
mV
Note 3
-
-
10
Input Offset Current (Note 1)
IIO
-
10
200
nA
Note 3
-
-
300
Input Bias Current
IBIAS
-
150
1000
nA
Note 3
-
-
1200
Voltage Gain
GV
-8
40
-
V/mV
Response Time (Note 2)
TRES
VCC =
±15V
-
80
-
ns
Saturation Voltage
VSAT
VCC=15V, VEE = -15V , VI
≤ -5mV, IO = 25mA
-
0.6
1.5
V
VCC = 4.5V,VEE = 0V
VI
≤ -10mV, IO ≤ 3.2mA
Note3
-
0.3
0.4
Output Leakage Current
IO(LKG)
VI
≥ 5mV, VO(P) = 35V
--
-
µA
Note 3
-
-
-
VI
≥ 10mV, VO(P) = 35V
-
0.2
10
Input Voltage Range
VI(R)
Note 3
VCC =
±15V
-
±13
-
V
VCC = 5V, VEE = 0V
1
-
3
Differential Input Voltage
VI(DIFF)
--
-
±5V
Positive Supply Current
ICC1
VCC = 5V, VEE = 0V
-
3.6
-
mA
Positive Supply Current
ICC2
VCC =
±15V
-
7.5
12.5
mA
Negative Supply Current
IEE
VCC =
±15V
-
3
5
mA


Similar Part No. - LM319M

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM319M NSC-LM319M Datasheet
329Kb / 11P
   High Speed Dual Comparator
logo
Fairchild Semiconductor
LM319M FAIRCHILD-LM319M Datasheet
174Kb / 8P
   Dual Comparator
logo
Texas Instruments
LM319M TI1-LM319M Datasheet
1Mb / 21P
[Old version datasheet]   High Speed Dual Comparator
LM319M/NOPB TI1-LM319M/NOPB Datasheet
1Mb / 21P
[Old version datasheet]   High Speed Dual Comparator
LM319MX TI1-LM319MX Datasheet
295Kb / 13P
[Old version datasheet]   High Speed Dual Comparator
More results

Similar Description - LM319M

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HA17903 HITACHI-HA17903 Datasheet
40Kb / 8P
   Dual Comparator
logo
Mitsubishi Electric Sem...
M51923P MITSUBISHI-M51923P Datasheet
110Kb / 4P
   DUAL COMPARATOR
logo
Fairchild Semiconductor
LM319 FAIRCHILD-LM319_12 Datasheet
174Kb / 8P
   Dual Comparator
logo
Renesas Technology Corp
M5233L RENESAS-M5233L Datasheet
1Mb / 4P
   DUAL COMPARATOR
logo
Linear Technology
LM119 LINER-LM119_15 Datasheet
198Kb / 12P
   Dual Comparator
LT319A LINER-LT319A_15 Datasheet
198Kb / 12P
   Dual Comparator
LM319 LINER-LM319_15 Datasheet
198Kb / 12P
   Dual Comparator
LT119A LINER-LT119A_15 Datasheet
198Kb / 12P
   Dual Comparator
logo
Fujitsu Component Limit...
MB47393 FUJITSU-MB47393 Datasheet
81Kb / 9P
   DUAL COMPARATOR
logo
Renesas Technology Corp
M51923P RENESAS-M51923P Datasheet
1Mb / 5P
   DUAL COMPARATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com