Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BD241C Datasheet(PDF) 4 Page - ON Semiconductor

Part # BD241C
Description  Complementary Silicon Plastic Power Transistors 80??00 VOLTS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BD241C Datasheet(HTML) 4 Page - ON Semiconductor

  BD241C_11 Datasheet HTML 1Page - ON Semiconductor BD241C_11 Datasheet HTML 2Page - ON Semiconductor BD241C_11 Datasheet HTML 3Page - ON Semiconductor BD241C_11 Datasheet HTML 4Page - ON Semiconductor BD241C_11 Datasheet HTML 5Page - ON Semiconductor BD241C_11 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
BD241C (NPN), BD242B (PNP), BD242C (PNP)
http://onsemi.com
4
3.0
0.03
Figure 6. Turn−Off Time
IC, COLLECTOR CURRENT (AMP)
tf @ VCC = 30 V
2.0
1.0
0.5
0.3
0.2
0.1
0.05
0.03
0.05 0.07 0.1
0.2
0.5
1.0
2.0
3.0
tf @ VCC = 10 V
IB1 = IB2
IC/IB = 10
ts′ = ts - 1/8 tf
TJ = 25°C
ts′
0.3
0.7
0.07
0.7
300
0.1
Figure 7. Capacitance
VR, REVERSE VOLTAGE (VOLTS)
30
1.0
2.0 3.0
5.0
20 30 40
10
0.2 0.3
0.5
200
100
70
50
TJ = + 25°C
Ceb
Ccb
500
0.03
5.0
0.05 0.07 0.1
0.3
0.5
1.0
3.0
100
50
30
10
300
70
TJ = 150°C
25
°C
-55
°C
VCE = 2.0 V
0.7
7.0
Figure 8. DC Current Gain
IC, COLLECTOR CURRENT (AMP)
Figure 9. Collector Saturation Region
2.0
1.0
IB, BASE CURRENT (mA)
0
2.0
5.0
10
20
50
100 200
500 1000
1.6
1.2
0.8
0.4
IC = 0.3 A
TJ = 25°C
1.0 A
3.0 A
1.4
0.003
IC, COLLECTOR CURRENT (AMPS)
0.01 0.020.03
0.1
0.2
0.5
1.0
2.0 3.0
0.8
0.6
0.4
0.2
0
TJ = 25°C
VBE(sat) @ IC/IB = 10
VCE(sat) @ IC/IB = 10
Figure 10. “On” Voltages
+2.5
0.003
Figure 11. Temperature Coefficients
IC, COLLECTOR CURRENT (AMP)
0.01 0.02
0.05
0.1
0.2 0.3
1.0 2.0 3.0
+2.0
+1.5
+0.5
0
-0.5
-1.0
-1.5
-2.0
-2.5
qVB FOR VBE
*
qVC FOR VCE(sat)
*APPLIES FOR IC/IB ≤ 5.0
TJ = - 65°C TO + 150°C
0.005
0.3
0.05
1.2
1.0
VBE @ VCE = 2.0 V
+1.0
0.5
0.005


Similar Part No. - BD241C_11

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
BD241C ONSEMI-BD241C_14 Datasheet
108Kb / 6P
   Complementary Silicon Plastic Power Transistors
November, 2014 ??Rev. 10
More results

Similar Description - BD241C_11

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MJE171 ONSEMI-MJE171_06 Datasheet
83Kb / 6P
   Complementary Plastic Silicon Power Transistors 40 ??60 ??80 VOLTS 12.5 WATTS
January, 2006 ??Rev. 9
logo
Motorola, Inc
D45C MOTOROLA-D45C Datasheet
94Kb / 4P
   4.0 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 80 VOLTS
logo
ON Semiconductor
D44VH ONSEMI-D44VH Datasheet
51Kb / 4P
   Complementary Silicon Power Transistors 15 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 80 VOLTS 83 WATTS
March, 2001 ??Rev. 2
MJE243 ONSEMI-MJE243_06 Datasheet
90Kb / 6P
   Complementary Silicon Power Plastic Transistors 100 VOLTS, 15 WATTS
February, 2006 ??Rev. 11
MJE5740 ONSEMI-MJE5740_06 Datasheet
87Kb / 6P
   NPN Silicon Power Darlington Transistors 8 AMPERES 300??00 VOLTS 80 WATTS
February, 2006 ??Rev. 6
logo
Motorola, Inc
BD243B MOTOROLA-BD243B Datasheet
140Kb / 6P
   Complementary Silicon Plastic Power Transistors
BD787 MOTOROLA-BD787 Datasheet
148Kb / 6P
   Complementary Plastic Silicon Power Transistors
logo
New Jersey Semi-Conduct...
2N6107 NJSEMI-2N6107 Datasheet
297Kb / 3P
   COMPLEMENTARY SILICON PLASTIC POWER TRANSISTORS
logo
ON Semiconductor
2N6109G ONSEMI-2N6109G Datasheet
117Kb / 5P
   Complementary Silicon Plastic Power Transistors
October, 2011 ??Rev. 9
TIP29 ONSEMI-TIP29 Datasheet
143Kb / 5P
   Complementary Silicon Plastic Power Transistors
October, 2011 ??Rev. 11
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com