Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BD241C Datasheet(PDF) 5 Page - ON Semiconductor

Part # BD241C
Description  Complementary Silicon Plastic Power Transistors 80??00 VOLTS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BD241C Datasheet(HTML) 5 Page - ON Semiconductor

  BD241C_11 Datasheet HTML 1Page - ON Semiconductor BD241C_11 Datasheet HTML 2Page - ON Semiconductor BD241C_11 Datasheet HTML 3Page - ON Semiconductor BD241C_11 Datasheet HTML 4Page - ON Semiconductor BD241C_11 Datasheet HTML 5Page - ON Semiconductor BD241C_11 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
BD241C (NPN), BD242B (PNP), BD242C (PNP)
http://onsemi.com
5
103
-0.4
Figure 12. Collector Cut−Off Region
VBE, BASE-EMITTER VOLTAGE (VOLTS)
102
101
100
10-1
10- 2
10- 3
-0.3 -0.2 -0.1
0
+0.1 +0.2 +0.3
+0.4 +0.5
+0.6
VCE = 30 V
TJ = 150°C
100
°C
25
°C
REVERSE
FORWARD
ICES
107
Figure 13. Effects of Base−Emitter Resistance
TJ, JUNCTION TEMPERATURE (°C)
20
40
60
80
100
120
140
160
106
105
104
103
102
VCE = 30 V
IC = 10 x ICES
IC ≈ ICES
(TYPICAL ICES VALUES
OBTAINED FROM FIGURE 12)
IC = 2 x ICES


Similar Part No. - BD241C_11

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
BD241C ONSEMI-BD241C_14 Datasheet
108Kb / 6P
Complementary Silicon Plastic Power Transistors
November, 2014 ??Rev. 10
More results

Similar Description - BD241C_11

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BD243B MOTOROLA-BD243B Datasheet
140Kb / 6P
Complementary Silicon Plastic Power Transistors
BD787 MOTOROLA-BD787 Datasheet
148Kb / 6P
Complementary Plastic Silicon Power Transistors
D45C MOTOROLA-D45C Datasheet
94Kb / 4P
4.0 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 80 VOLTS
logo
ON Semiconductor
D44VH ONSEMI-D44VH Datasheet
51Kb / 4P
Complementary Silicon Power Transistors 15 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 80 VOLTS 83 WATTS
March, 2001 ??Rev. 2
MJE171 ONSEMI-MJE171_06 Datasheet
83Kb / 6P
Complementary Plastic Silicon Power Transistors 40 ??60 ??80 VOLTS 12.5 WATTS
January, 2006 ??Rev. 9
MJE243 ONSEMI-MJE243_06 Datasheet
90Kb / 6P
Complementary Silicon Power Plastic Transistors 100 VOLTS, 15 WATTS
February, 2006 ??Rev. 11
MJE5740 ONSEMI-MJE5740_06 Datasheet
87Kb / 6P
NPN Silicon Power Darlington Transistors 8 AMPERES 300??00 VOLTS 80 WATTS
February, 2006 ??Rev. 6
logo
New Jersey Semi-Conduct...
2N6107 NJSEMI-2N6107 Datasheet
297Kb / 3P
COMPLEMENTARY SILICON PLASTIC POWER TRANSISTORS
logo
ON Semiconductor
TIP29 ONSEMI-TIP29 Datasheet
143Kb / 5P
Complementary Silicon Plastic Power Transistors
October, 2011 ??Rev. 11
2N6109G ONSEMI-2N6109G Datasheet
117Kb / 5P
Complementary Silicon Plastic Power Transistors
October, 2011 ??Rev. 9
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com