Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

170M2669 Datasheet(PDF) 2 Page - Cooper Bussmann, Inc.

Part # 170M2669
Description  Square Body ??DIN 43 653
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

170M2669 Datasheet(HTML) 2 Page - Cooper Bussmann, Inc.

  170M2669 Datasheet HTML 1Page - Cooper Bussmann, Inc. 170M2669 Datasheet HTML 2Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Form No.
Page 2 of 2
BIF Doc #720013
Bussmann®
The only controlled copy of this BIF document is the electronic read-only version located on the Bussmann Network Drive. All other copies of this document are by definition uncontrolled.
This bulletin is intended to clearly present comprehensive product data and provide technical information that will help the end user with design applications. Bussmann reserves the right,
without notice, to change design or construction of any products and to discontinue or limit distribution of any products. Bussmann also reserves the right to change or update, without
notice, any technical information contained in this bulletin. Once a product has been selected, it should be tested by the user in all possible applications.
Electrical Characteristics
Square Body – DIN 43 653
Total Clearing I2t
The total clearing I
2t at rated voltage and
at power factor of 15% are given in the
electrical characteristics. For other volt-
ages, the clearing I
2t is found by multi-
plying by correction factor, K , given as
a function of applied working voltage,
Eg, (RMS).
Arc Voltage
This curve gives the peak arc voltage,
UL, which may appear across the fuse
during its operation as a function of the
applied working voltage, Eg, (RMS) at a
power factor of 15%.
Power Losses
Watts loss at rated current is given in
the electrical characteristics. The curve
allows the calculation of the power
losses at load currents lower than the
rated current . The correction factor, Kp ,
is given as a function of the RMS load
current, Ib , in % of the rated current .
690V (IEC/U.L.)
10-400A
100 200 300 400 500 600
K
1.5
1.0
0.5
0.4
0.3
0.2
E
g
690
U
L
1.4
1.2
103
6
8
7
9
5
4
3
E
g
200
300
400
500
600 690
K
p
30 40 50
60
70
80 90 100%
I
b
1.0
0.8
0.4
0.5
0.6
0.3
0.2
0.1
F
100
78
D
E
G
H
K
54
Indicator*
Size
D
E
F
G
H
K
000
40
21
20
51
8
2
00
51
30
28
67
10
2
Dimension in mm.
1mm = 0.0394∑
1∑ = 25.4mm
Dimensions
DIN 43 653: Type -U/80, -/80, -TN/80
®
7-11-01
SB01191
R
*Indication for Size 00 Fuses is a red pin


Similar Part No. - 170M2669

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
170M2669 COOPER-170M2669 Datasheet
46Kb / 2P
Square Body ??DIN 43 653 690V IEC/UL 10-400A
More results

Similar Description - 170M2669

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
170M5247 COOPER-170M5247 Datasheet
47Kb / 2P
Square Body ??DIN 43 653
170M1308 COOPER-170M1308 Datasheet
46Kb / 2P
Square Body ??DIN 43 653 690V (IEC/U.L.)
170M3008 COOPER-170M3008 Datasheet
48Kb / 2P
Square Body ??DIN 43 653 690V/700V (IEC/U.L.)
170M3108 COOPER-170M3108 Datasheet
47Kb / 2P
Square Body ??DIN 43 653 690V/700V (IEC/U.L.)
170M3238 COOPER-170M3238 Datasheet
47Kb / 2P
Square Body ??DIN 43 653 1250V/1300V (IEC/U.L.)
170M3208 COOPER-170M3208 Datasheet
48Kb / 2P
Square Body ??DIN 43 653 690V/700V IEC/UL40-2000A
170M3066 COOPER-170M3066 Datasheet
48Kb / 2P
Square Body-DIN 43 653
170M3016 COOPER-170M3016 Datasheet
48Kb / 2P
Square Body-DIN 43 653
170M3166 COOPER-170M3166 Datasheet
48Kb / 2P
Square Body- DIN 43 653
logo
List of Unclassifed Man...
170M4139 ETC-170M4139 Datasheet
56Kb / 2P
Square Body - DIN 43 653
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com