Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

170M2669 Datasheet(PDF) 1 Page - Cooper Bussmann, Inc.

Part # 170M2669
Description  Square Body ??DIN 43 653
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

170M2669 Datasheet(HTML) 1 Page - Cooper Bussmann, Inc.

  170M2669 Datasheet HTML 1Page - Cooper Bussmann, Inc. 170M2669 Datasheet HTML 2Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Bussmann®
Form No.
Page 1 of 2
BIF Doc #720013
690V (IEC/U.L.)
10-400A
Electrical Characteristics
Ordering Information
Curves
-TN/80
Rated
I2t (A2 Sec)
-U/80
-/80
Type T
Carton
Current
Clearing
Watts
Without
Visual
Indicator
Carton
Weight
Size
RMS-Amps
Pre-arc
at 660V
Loss
Indicator
Indicator
for Micro
Qty.
(kg)
BIF #
10
3.8
25.5
3.0
170M1308
170M1358
170M1408
16
7.2
48
5.5
170M1309
170M1359
170M1409
20
11.5
78
7
170M1310
170M1360
170M1410
25
19
130
9
170M1311
170M1361
170M1411
32
40
270
10
170M1312
170M1362
170M1412
40
69
460
12
170M1313
170M1363
170M1413
000
50
115
770
15
170M1314
170M1364
170M1414
63
215
1450
16
170M1315
170M1365
170M1415
10
1.34
17056310
80
380
2550
19
170M1316
170M1366
170M1416
100
695
4650
24
170M1317
170M1367
170M1417
125
1200
8500
28
170M1318
170M1368
170M1418
160
2300
16000
32
170M1319
170M1369
170M1419
200
4200
28000
37
170M1320
170M1370
170M1420
250
7750
51500
42
170M1321
170M1371
170M1421
315
12000
80500
52
170M1322
170M1372
170M1422
25
19
130
6
170M2608
170M2658
32
28.5
195
7
170M2609
170M2659
40
50
360
9
170M2610
170M2660
50
95
640
10
170M2611
170M2661
63
170
1200
12
170M2612
170M2662
80
310
2100
15
170M2613
170M2663
100
620
4150
20
170M2614
170M2664
00
125
1000
6950
25
170M2615
170M2665
5
1.05
17056312
160
1900
13000
30
170M2616
170M2666
200
3400
23000
35
170M2617
170M2667
250
6250
42000
45
170M2618
170M2668
315
10000
68500
55
170M2619
170M2669
350
13500
91500
60
170M2620
170M2670
400
18000
125000
70
170M2621
170M2671
† U.L. Recognition/CSA Component Acceptance on Size 000.
1 kg = 2.2 lbs.
1 lb = 0.45 kg
Interrupting rating 200kA (Estimated 300kA) RMS Symmetrical.
Watts loss provided at rated current.
Microswitch indicator ordered separately.
Square Body – DIN 43 653
®
7-11-01
SB01191
R


Similar Part No. - 170M2669

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
170M2669 COOPER-170M2669 Datasheet
46Kb / 2P
   Square Body ??DIN 43 653 690V IEC/UL 10-400A
More results

Similar Description - 170M2669

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
170M4139 ETC-170M4139 Datasheet
56Kb / 2P
   Square Body - DIN 43 653
logo
Cooper Bussmann, Inc.
170M3166 COOPER-170M3166 Datasheet
48Kb / 2P
   Square Body- DIN 43 653
170M3016 COOPER-170M3016 Datasheet
48Kb / 2P
   Square Body-DIN 43 653
170M5247 COOPER-170M5247 Datasheet
47Kb / 2P
   Square Body ??DIN 43 653
170M3066 COOPER-170M3066 Datasheet
48Kb / 2P
   Square Body-DIN 43 653
170M1308 COOPER-170M1308 Datasheet
46Kb / 2P
   Square Body ??DIN 43 653 690V (IEC/U.L.)
170M3108 COOPER-170M3108 Datasheet
47Kb / 2P
   Square Body ??DIN 43 653 690V/700V (IEC/U.L.)
170M3008 COOPER-170M3008 Datasheet
48Kb / 2P
   Square Body ??DIN 43 653 690V/700V (IEC/U.L.)
170M3238 COOPER-170M3238 Datasheet
47Kb / 2P
   Square Body ??DIN 43 653 1250V/1300V (IEC/U.L.)
170M3208 COOPER-170M3208 Datasheet
48Kb / 2P
   Square Body ??DIN 43 653 690V/700V IEC/UL40-2000A
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com