Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HLMP-3519 Datasheet(PDF) 8 Page - AVAGO TECHNOLOGIES LIMITED

Part # HLMP-3519
Description  T-1 3/4 (5mm) High Intensity LED Lamps
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HLMP-3519 Datasheet(HTML) 8 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HLMP-3519 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HLMP-3519 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HLMP-3519 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HLMP-3519 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HLMP-3519 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HLMP-3519 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HLMP-3519 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HLMP-3519 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HLMP-3519 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
8
Table 2. Intensity Bin Limit
Intensity Range
(mcd)
Color
Bin
Min.
Max.
H
15.5
24.8
I
24.8
39.6
J
39.6
63.4
K
63.4
101.5
L
101.5
162.4
M
162.4
234.6
N
234.6
340.0
O
340.0
540.0
Red
P
540.0
850.0
Q
850.0
1200.0
R
1200.0
1700.0
S
1700.0
2400.0
T
2400.0
3400.0
U
3400.0
4900.0
V
4900.0
7100.0
W
7100.0
10200.0
X
10200.0
14800.0
Y
14800.0
21400.0
Z
21400.0
30900.0
Table 2. (Cont'd)
Table 2. (Cont'd)
Maximum tolerance for each bin limit is ±18%.
Intensity Range
(mcd)
Color
Bin
Min.
Max.
G
16.6
26.5
H
26.5
42.3
I
42.3
67.7
J
67.7
108.2
K
108.2
173.2
L
173.2
250.0
M
250.0
360.0
Yellow
N
360.0
510.0
O
510.0
800.0
P
800.0
1250.0
Q
1250.0
1800.0
R
1800.0
2900.0
S
2900.0
4700.0
T
4700.0
7200.0
U
7200.0
11700.0
V
11700.0
18000.0
W
18000.0
27000.0
Intensity Range
(mcd)
Color
Bin
Min.
Max.
E
7.6
12.0
F
12.0
19.1
G
19.1
30.7
H
30.7
49.1
I
49.1
78.5
J
78.5
125.7
K
125.7
201.1
L
201.1
289.0
Green
M
289.0
417.0
N
417.0
680.0
O
680.0
1100.0
P
1100.0
1800.0
Q
1800.0
2700.0
R
2700.0
4300.0
S
4300.0
6800.0
T
6800.0
10800.0
U
10800.0
16000.0
V
16000.0
25000.0
W
25000.0
40000.0


Similar Part No. - HLMP-3519

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HLMP-3519 HP-HLMP-3519 Datasheet
203Kb / 10P
   T-13/4 (5 mm) High Intensity LED Lamps
HLMP-3519-F00XX HP-HLMP-3519-F00XX Datasheet
203Kb / 10P
   T-13/4 (5 mm) High Intensity LED Lamps
HLMP-3519-IJ0XX HP-HLMP-3519-IJ0XX Datasheet
203Kb / 10P
   T-13/4 (5 mm) High Intensity LED Lamps
More results

Similar Description - HLMP-3519

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
333-2UBC ROITHNER-333-2UBC Datasheet
217Kb / 4P
   T-1 3/4(5mm) High Intensity LEDs
383URC-3 ROITHNER-383URC-3_1 Datasheet
251Kb / 4P
   T-1 3/4(5mm) High Intensity LEDs
383-2UBC ROITHNER-383-2UBC Datasheet
218Kb / 4P
   T-1 3/4(5mm) High Intensity LEDs
383-2UBGC ROITHNER-383-2UBGC Datasheet
214Kb / 4P
   T-1 3/4(5mm) High Intensity LEDs
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-1321 AVAGO-HLMP-1321 Datasheet
242Kb / 9P
   T-1 (3 mm) High Intensity LED Lamps
logo
Everlight Electronics C...
DLE-038-159 EVERLIGHT-DLE-038-159 Datasheet
98Kb / 4P
   T-1 3/4(5mm) High Intensity LEDs
logo
Roithner LaserTechnik G...
383URC-1 ROITHNER-383URC-1 Datasheet
77Kb / 4P
   T-1 3/4(5mm) High Intensity LEDs
383URC-2 ROITHNER-383URC-2 Datasheet
218Kb / 4P
   T-1 3/4(5mm) High Intensity LEDs
logo
Agilent(Hewlett-Packard...
HLMP-132X HP-HLMP-132X Datasheet
205Kb / 8P
   T-1 (3 mm) High Intensity LED Lamps
logo
Kingbright Corporation
L-493 KINGBRIGHT-L-493 Datasheet
143Kb / 5P
   T-1 3/4 (5MM) CYLINDRICAL LED LAMPS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com