Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HFBR-1527ETZ Datasheet(PDF) 4 Page - AVAGO TECHNOLOGIES LIMITED

Part # HFBR-1527ETZ
Description  125Megabaud Versatile Link The Versatile Fiber Optic Connection
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HFBR-1527ETZ Datasheet(HTML) 4 Page - AVAGO TECHNOLOGIES LIMITED

  HFBR-1527ETZ Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HFBR-1527ETZ Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HFBR-1527ETZ Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HFBR-1527ETZ Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HFBR-1527ETZ Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HFBR-1527ETZ Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HFBR-1527ETZ Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HFBR-1527ETZ Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HFBR-1527ETZ Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
Figure 1. Transmitter and receiver application circuit with +5 V ECL inputs and outputs.
Plastic and Hard Clad Silica Optical Fiber Receiver Application Circuit
Performance[4] of the HFBR-2526ETZ receiver in the recommended application circuit (Figure 1); 1-125 MBd, 25° C unless
otherwise stated.
Parameter
Symbol
Typical
Unit
Condition
Note
Data Output Voltage – Low
VOL
VCC -1.7
V
RL = 50
Note 5
Data Output Voltage – High
VOH
VCC -0.9
V
RL = 50
Note 5
Receiver Sensitivity to Average Modulated
Optical Power 1 mm POF
Pmin
-27.5
dBm
50% eye opening
Note 2
Receiver Sensitivity to Average Modulated
Optical Power 200
m HCS
Pmin
-28.5
dBm
50% eye opening
Note 2
Receiver Overdrive Level of Average Modulated
Optical Power 1 mm POF
Pmax
-7.5
dBm
50% eye opening
Note 2
Receiver Overdrive Level of Average Modulated
Optical Power 200
m HCS
Pmax
-10.5
dBm
50% eye opening
Note 2
Receiver Application Circuit Current Consumption
ICC
TBA
mA
RL =
Figure 1
Notes:
4. Performance in response to a signal from the HFBR-1527ETZ transmitter driven with the recommended circuit at 1-125 MBd over 1 m of HFBR-RZ/
EXXYYYZ plastic optical fiber or 1 m of hard clad silica optical fiber.
5. Terminated through a 50
 resistor to VCC – 2 V.
6. If there is no input optical power to the receiver, electrical noise can result in false triggering of the receiver. In typical applications, data encoding
and error detection prevent random triggering from being interpreted as valid data.
1
2
3
4
5
8
U2A
HFBR-15X7ETZ
U1C
74ACTQ00
Q3
MMBT3904LT1
8
11
6
10
9
+
U1D
74ACTQ00
13
12
U1B
74ACTQ00
U1A
74ACTQ00
5
4
3
2
1
L1
TDK
#HF30ACB453215
C7
0.001 F
+5 V
TD+
R8
TD–
C6
0.1 F
C5
10 F
C4
0.001 F
C3
0.1 F
C2
0.1 F
C1
0.001 F
R9
C8
R10
R6
91
R7
91
R11
R5
22
Q2
BFT92
Q1
BFT92
0 V
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
MC2045-2Y
1
2
3
4
5
8
U3A
HFBR-
2526ETZ
R13
4.7
R12
4.7
C9
0.1 F
C10
0.1 F
C12
10 nFC11
10 nF
C14
10 nF
C13
1 nF
R18
2.2k
R17
2.2k
R14
800
C19
0.1 F
C21
0.1 F
L3
COILCRAFT 1008LS-122XKBC
L2
COILCRAFT 1008LS-122XKBC
RD+
RD-
SD+
0 V
+5 V
Caz-
Caz+
GDNa
Din
Din
Vcca
CF
JAM
NC
Vcce
Dout
Dout
GDNe
ST
ST
Vset
+
C20
10 F
+
C22
10 F


Similar Part No. - HFBR-1527ETZ

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-1527ET AVAGO-HFBR-1527ET Datasheet
249Kb / 16P
   Versatile Link The Versatile Fiber Optic Connection
More results

Similar Description - HFBR-1527ETZ

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-0501 AVAGO-HFBR-0501 Datasheet
195Kb / 19P
   Versatile Link The Versatile Fiber Optic Connection
HFBR-2521ETZ AVAGO-HFBR-2521ETZ Datasheet
249Kb / 16P
   Versatile Link The Versatile Fiber Optic Connection
logo
Agilent(Hewlett-Packard...
HFBR-0501 HP-HFBR-0501 Datasheet
438Kb / 19P
   Versatile Link The Versatile Fiber Optic Connection
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-2522ETZ AVAGO-HFBR-2522ETZ Datasheet
249Kb / 16P
   Versatile Link The Versatile Fiber Optic Connection
logo
Broadcom Corporation.
HFBR-0500ETZ BOARDCOM-HFBR-0500ETZ Datasheet
485Kb / 16P
   Versatile Link The Versatile Fiber Optic Connection
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-1531ETZ AVAGO-HFBR-1531ETZ Datasheet
249Kb / 16P
   Versatile Link The Versatile Fiber Optic Connection
HFBR-2521Z AVAGO-HFBR-2521Z Datasheet
437Kb / 18P
   Versatile Link The Versatile Fiber Optic Connection
HFBR-1521ETZ AVAGO-HFBR-1521ETZ Datasheet
249Kb / 16P
   Versatile Link The Versatile Fiber Optic Connection
logo
Agilent(Hewlett-Packard...
HFBR-0507 HP-HFBR-0507 Datasheet
319Kb / 12P
   125 Megabaud Versatile Link The Versatile Fiber Optic Connection
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-0507Z AVAGO-HFBR-0507Z Datasheet
304Kb / 12P
   125 Megabaud Versatile Link The Versatile Fiber Optic Connection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com