Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HFBR-1527ETZ Datasheet(PDF) 12 Page - AVAGO TECHNOLOGIES LIMITED

Part # HFBR-1527ETZ
Description  125Megabaud Versatile Link The Versatile Fiber Optic Connection
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HFBR-1527ETZ Datasheet(HTML) 12 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HFBR-1527ETZ Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HFBR-1527ETZ Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HFBR-1527ETZ Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HFBR-1527ETZ Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HFBR-1527ETZ Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HFBR-1527ETZ Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HFBR-1527ETZ Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED HFBR-1527ETZ Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED HFBR-1527ETZ Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
For product information and a complete list of distributors, please go to our web site:
www.avagotech.com
Avago, Avago Technologies, and the A logo are trademarks of Avago Technologies in the United States and other countries.
Data subject to change. Copyright © 2005-2011 Avago Technologies. All rights reserved.
AV02-2590EN - August 10, 2011
Versatile Link Mechanical Dimensions
Versatile Link Printed Circuit Board Layout Dimensions
HORIZONTAL MODULES
HFBR-1527ETZ
HFBR-2526ETZ
6.86
(0.270)
10.16
(0.400)
4.19
(0.165)
1.27
(0.050)
2.54
(0.100)
0.51
(0.020)
18.8
(0.74)
2.03
(0.080)
7.62
(0.30)
0.64
(0.025)
7.62
(0.300)
2.77
(0.109)
1.85
(0.073)
0.64 (0.025) DIA.
5.08
(0.200)
3.81 (0.150) MAX.
3.56 (0.140) MIN.
4
1
3 2
5
8
7.62
(0.300)
1.01 (0.040) DIA.
1.85
(0.073)
MIN.
PCB EDGE
TOP VIEW
2.54
(0.100)
7.62
(0.300)
HORIZONTAL MODULE
TOP VIEWS
DIMENSIONS IN MILLIMETERS (INCHES).
ELECTRICAL PIN FUNCTIONS
Pin No.
Transmitters
HFBR-1527ETZ
Receivers
HFBR-2526ETZ
1
ANODE
SIGNAL
2
CATHODE
GROUND
3
GROUND*
GROUND
4
GROUND*
VCC (+5 V)
5
GROUND**
GROUND**
8
GROUND**
GROUND**
*
No internal connection
** Pins 5 and 8 connected internally to each other only.


Similar Part No. - HFBR-1527ETZ

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-1527ET AVAGO-HFBR-1527ET Datasheet
249Kb / 16P
   Versatile Link The Versatile Fiber Optic Connection
More results

Similar Description - HFBR-1527ETZ

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-0501 AVAGO-HFBR-0501 Datasheet
195Kb / 19P
   Versatile Link The Versatile Fiber Optic Connection
HFBR-2521ETZ AVAGO-HFBR-2521ETZ Datasheet
249Kb / 16P
   Versatile Link The Versatile Fiber Optic Connection
logo
Agilent(Hewlett-Packard...
HFBR-0501 HP-HFBR-0501 Datasheet
438Kb / 19P
   Versatile Link The Versatile Fiber Optic Connection
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-2522ETZ AVAGO-HFBR-2522ETZ Datasheet
249Kb / 16P
   Versatile Link The Versatile Fiber Optic Connection
logo
Broadcom Corporation.
HFBR-0500ETZ BOARDCOM-HFBR-0500ETZ Datasheet
485Kb / 16P
   Versatile Link The Versatile Fiber Optic Connection
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-1531ETZ AVAGO-HFBR-1531ETZ Datasheet
249Kb / 16P
   Versatile Link The Versatile Fiber Optic Connection
HFBR-2521Z AVAGO-HFBR-2521Z Datasheet
437Kb / 18P
   Versatile Link The Versatile Fiber Optic Connection
HFBR-1521ETZ AVAGO-HFBR-1521ETZ Datasheet
249Kb / 16P
   Versatile Link The Versatile Fiber Optic Connection
logo
Agilent(Hewlett-Packard...
HFBR-0507 HP-HFBR-0507 Datasheet
319Kb / 12P
   125 Megabaud Versatile Link The Versatile Fiber Optic Connection
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-0507Z AVAGO-HFBR-0507Z Datasheet
304Kb / 12P
   125 Megabaud Versatile Link The Versatile Fiber Optic Connection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com