Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HFBR-1527ETZ Datasheet(PDF) 10 Page - AVAGO TECHNOLOGIES LIMITED

Part # HFBR-1527ETZ
Description  125Megabaud Versatile Link The Versatile Fiber Optic Connection
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HFBR-1527ETZ Datasheet(HTML) 10 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HFBR-1527ETZ Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HFBR-1527ETZ Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HFBR-1527ETZ Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HFBR-1527ETZ Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HFBR-1527ETZ Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HFBR-1527ETZ Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HFBR-1527ETZ Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED HFBR-1527ETZ Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED HFBR-1527ETZ Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
10
Electrical/Optical Characteristics -40 to 85° C; 5.25 V ≥ VCC ≥ 4.75 V; power supply must be filtered (see Figure 1, Note 2)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test Condition
Note
AC Responsivity 1 mm POF
RP,APF
1.7
3.9
6.5
mV/
W
650 nm
Note 4
AC Responsivity 200 μm HCS
RP,HCS
4.5
7.9
11.5
mV/
W
RMS Output Noise
VNO
0.46
0.69
mVRMS
Note 5
Equivalent Optical Noise Input Power,
RMS – 1 mm POF
PN,RMS
- 39
-36
dBm
Note 5
Equivalent Optical Noise Input Power,
RMS – 200 μm HCS
PN,RMS
-42
-40
dBm
Note 5
Peak Input Optical Power – 1 mm POF
PR
-5.8
-6.4
dBm
dBm
5 ns PWD
2 ns PWD
Note 6
Peak Input Optical Power – 200
m HCS
PR
-8.8
-9.4
dBm
dBm
5 ns PWD
2 ns PWD
Note 6
Output Impedance
ZO
30
Ω
50 MHz
Note 4
DC Output Voltage
VO
0.8
1.8
2.6
V
PR = 0
W
Supply Current
ICC
915
mA
Electrical Bandwidth
BWE
65
125
MHz
-3 dB electrical
Bandwidth * Rise Time
0.41
Hz * s
Electrical Rise Time, 10–90%
tr
3.3
6.3
ns
PR = -10 dBm
peak
Electrical Fall Time, 90–10%
tf
3.3
6.3
ns
PR = -10 dBm
peak
Pulse Width Distortion
PWD
0.4
1.0
ns
PR = -10 dBm
peak
Note 7
Overshoot
4
%
PR = -10 dBm
peak
Note 8
Notes:
1. 1.6 mm below seating plane.
2. The signal output is an emitter follower, which does not reject noise in the power supply. The power supply must be filtered as in Figure 1.
3. Typical data are at 25° C and VCC = +5 Vdc.
4. Pin 1 should be ac coupled to a load ≥ 510
 with load capacitance less than 5 pF.
5. Measured with a 3 pole Bessel filter with a 75 MHz, -3dB bandwidth.
6. The maximum Peak Input Optical Power is the level at which the Pulse Width Distortion is guaranteed to be less than the PWD listed under Test
Condition. PR,Max is given for PWD = 5 ns for designing links at ≤ 50 MBd operation, and also for PWD = 2 ns for designing links up to 125 MBd (for
both POF and HCS input conditions).
7. 10 ns pulse width, 50% duty cycle, at the 50% amplitude point of the waveform.
8.
Percent overshoot is defined at:
(VPK - V100%)
––––––––––––
 100%
V100%
9. Pins 5 and 8 are primarily for mounting and retaining purposes, but are electrically connected. It is recommended that these pins be connected to
ground to reduce coupling of electrical noise.
10. If there is no input optical power to the receiver (no transmitted signal) electrical noise can result in false triggering of the receiver. In typical
applications, data encoding and error detection prevent random triggering from being interpreted as valid data.
11. Moisture sensitivity level is MSL-4


Similar Part No. - HFBR-1527ETZ

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-1527ET AVAGO-HFBR-1527ET Datasheet
249Kb / 16P
   Versatile Link The Versatile Fiber Optic Connection
More results

Similar Description - HFBR-1527ETZ

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-0501 AVAGO-HFBR-0501 Datasheet
195Kb / 19P
   Versatile Link The Versatile Fiber Optic Connection
HFBR-2521ETZ AVAGO-HFBR-2521ETZ Datasheet
249Kb / 16P
   Versatile Link The Versatile Fiber Optic Connection
logo
Agilent(Hewlett-Packard...
HFBR-0501 HP-HFBR-0501 Datasheet
438Kb / 19P
   Versatile Link The Versatile Fiber Optic Connection
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-2522ETZ AVAGO-HFBR-2522ETZ Datasheet
249Kb / 16P
   Versatile Link The Versatile Fiber Optic Connection
logo
Broadcom Corporation.
HFBR-0500ETZ BOARDCOM-HFBR-0500ETZ Datasheet
485Kb / 16P
   Versatile Link The Versatile Fiber Optic Connection
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-1531ETZ AVAGO-HFBR-1531ETZ Datasheet
249Kb / 16P
   Versatile Link The Versatile Fiber Optic Connection
HFBR-2521Z AVAGO-HFBR-2521Z Datasheet
437Kb / 18P
   Versatile Link The Versatile Fiber Optic Connection
HFBR-1521ETZ AVAGO-HFBR-1521ETZ Datasheet
249Kb / 16P
   Versatile Link The Versatile Fiber Optic Connection
logo
Agilent(Hewlett-Packard...
HFBR-0507 HP-HFBR-0507 Datasheet
319Kb / 12P
   125 Megabaud Versatile Link The Versatile Fiber Optic Connection
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-0507Z AVAGO-HFBR-0507Z Datasheet
304Kb / 12P
   125 Megabaud Versatile Link The Versatile Fiber Optic Connection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com