Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HFBR-1527ETZ Datasheet(PDF) 7 Page - AVAGO TECHNOLOGIES LIMITED

Part # HFBR-1527ETZ
Description  125Megabaud Versatile Link The Versatile Fiber Optic Connection
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HFBR-1527ETZ Datasheet(HTML) 7 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HFBR-1527ETZ Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HFBR-1527ETZ Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HFBR-1527ETZ Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HFBR-1527ETZ Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HFBR-1527ETZ Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HFBR-1527ETZ Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HFBR-1527ETZ Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HFBR-1527ETZ Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED HFBR-1527ETZ Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
Electrical/Optical Characteristics -40 to 85° C, unless otherwise stated.
Parameter
Symbol
Min.
Typ.[2]
Max.
Unit
Condition
Note
Transmitter Output Peak Optical Power,
1 mm POF
PT
-9.5
-10.4
-7.0
-4.8
-3.5
dBm
IF,dc = 20 mA, 25° C
-40 - 85° C
Note 3
NA=0.5
Transmitter Output Peak Optical Power,
1 mm POF
PT
-6.0
-6.9
-3.0
-0.5
0.8
dBm
IF,dc = 60 mA, 25° C
-40 - 85° C
Note 3
NA=0.5
Transmitter Output Peak Optical Power,
200
m HCS
PT
-14.6
-16.0
-13.0
-10.5
-9.2
dBm
IF,dc = 60 mA, 25° C
-40 - 85° C
Note 3
NA=0.x
Output Optical Power Temperature
Coefficient
PT
T
-0.02
dB/° C
Peak Emission Wavelength
PK
635
650
662
nm
Peak Wavelength Temperature
Coefficient

T
0.12
nm/° C
Spectral Width
FWHM
21
nm
Full Width,
Half Maximum
Forward Voltage
VF
1.8
2.1
2.65
V
IF = 60 mA
Forward Voltage Temperature
Coefficient
VF
T
-1.8
mV/°C
Thermal Resistance, Junction to Case
jc
140
°C/W
Note 4
Reverse Input Breakdown Voltage
VBR
3.0
13
V
IF,dc = -10
A
Diode Capacitance
CO
60
pF
VF = 0 V,
f = 1 MHz
Unpeaked Optical Rise Time,
10% – 90%
tr
10
ns
IF = 60 mA
f = 100 kHz
Figure 1
Note 5
Unpeaked Optical Fall Time,
90% –10%
tf
11
ns
IF = 60 mA
f = 100 kHz
Figure 1
Note 5
Notes:
1. 1.6 mm below seating plane.
2. Typical data is at 25° C.
3. Optical power measured at the end of either 0.5m of 1mm diameter POF (NA=0.5) or 5m of 200 um diameter HCS (NA=0.37) with a large area
detector.
4. Typical value measured from junction to PC board solder joint for horizontal mount package, HFBR-1527ETZ.
5. Optical rise and fall times can be reduced with the appropriate driver circuit.
6. Pins 5 and 8 are primarily for mounting and retaining purposes, but are electrically connected; pins 3 and 4 are electrically unconnected. It is
recommended that pins 3, 4, 5, and 8 all be connected to ground to reduce coupling of electrical noise.
7. Refer to the Versatile Link Family Fiber Optic Cable and Connectors Technical Data Sheet for cable connector options for 1 mm plastic optical fiber.
8. The LED current peaking necessary for high frequency circuit design contributes to electromagnetic interference (EMI). Care must be taken in
circuit board layout to minimize emissions for compliance with governmental EMI emissions regulations.
9. Moisture sensitivity level is MSL-4


Similar Part No. - HFBR-1527ETZ

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-1527ET AVAGO-HFBR-1527ET Datasheet
249Kb / 16P
Versatile Link The Versatile Fiber Optic Connection
More results

Similar Description - HFBR-1527ETZ

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-0501 AVAGO-HFBR-0501 Datasheet
195Kb / 19P
Versatile Link The Versatile Fiber Optic Connection
HFBR-2521ETZ AVAGO-HFBR-2521ETZ Datasheet
249Kb / 16P
Versatile Link The Versatile Fiber Optic Connection
logo
Agilent(Hewlett-Packard...
HFBR-0501 HP-HFBR-0501 Datasheet
438Kb / 19P
Versatile Link The Versatile Fiber Optic Connection
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-2522ETZ AVAGO-HFBR-2522ETZ Datasheet
249Kb / 16P
Versatile Link The Versatile Fiber Optic Connection
logo
Broadcom Corporation.
HFBR-0500ETZ BOARDCOM-HFBR-0500ETZ Datasheet
485Kb / 16P
Versatile Link The Versatile Fiber Optic Connection
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-1531ETZ AVAGO-HFBR-1531ETZ Datasheet
249Kb / 16P
Versatile Link The Versatile Fiber Optic Connection
HFBR-2521Z AVAGO-HFBR-2521Z Datasheet
437Kb / 18P
Versatile Link The Versatile Fiber Optic Connection
HFBR-1521ETZ AVAGO-HFBR-1521ETZ Datasheet
249Kb / 16P
Versatile Link The Versatile Fiber Optic Connection
logo
Agilent(Hewlett-Packard...
HFBR-0507 HP-HFBR-0507 Datasheet
319Kb / 12P
125 Megabaud Versatile Link The Versatile Fiber Optic Connection
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-0507Z AVAGO-HFBR-0507Z Datasheet
304Kb / 12P
125 Megabaud Versatile Link The Versatile Fiber Optic Connection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com