Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

4851 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 4851
Description  SWAGE/FORCE FIT STANDOFFS
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

4851 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  4851 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
H
C
CAT. NO.
HEIGHT ABOVE PANEL
HOLE
5058-2
.125 (3.2)
5060-2
.250 (6.4)
.120 (3.0)
5061-2
.375 (9.5)
For # 4
5062-2
.500 (12.7)
5059-2
.125 (3.2)
5063-2
.250 (6.4)
.140 (3.5)
5064-2
.375 (9.5)
For # 6
5065-2
.500 (12.7)
ROUND
H
L.D. SHANK
HEX
CAT. NO.
HEIGHT ABOVE PANEL
DIAMETER
CAT NO.
2-56 THREAD × .156 (4.0) O.D.
1589-2
.125 (3.2)
.125 (3.2)
1731-2
1590-2
.187 (4.7)
.125 (3.2)
1734-2
1591-2
.250 (6.4)
.125 (3.2)
1740-2
1596-2
.375 (9.5)
.125 (3.2)
1743-2
4-40 THREAD × .187 (4.7) O.D.
2260-2
.125 (3.2)
.139 (3.5)
2270-2
2261-2
.187 (4.7)
.139 (3.5)
2271-2
2262-2
.250 (6.4)
.139 (3.5)
2272-2
2263-2
.375 (9.5)
.139 (3.5)
2273-2
2264-2
.500 (12.7)
.139 (3.5)
2274-2
4-40 THREAD × .250 (6.4) O.D.
1560A
.125 (3.2)
.187 (4.7)
1653-2
1790-2
.187 (4.7)
.187 (4.7)
1746-2
1650-2
.250 (6.4)
.187 (4.7)
1627-2
1651-2
.375 (9.5)
.187 (4.7)
1628-2
1623-2
.500 (12.7)
.187 (4.7)
1629-2
1624-2
.625 (15.9)
.187 (4.7)
1654-2
1625-2
.750 (19.1)
.187 (4.7)
1655-2
1792-2
.875 (22.2)
.187 (4.7)
1749-2
1652-2
1.000 (25.4)
.187 (4.7)
1630-2
6-32 THREAD × .250 (6.4) O.D.
1560B
.125 (3.2)
.187 (4.7)
1620-2
1612-2
.187 (4.7)
.187 (4.7)
1752-2
1546
.250 (6.4)
.187 (4.7)
1621-2
1561B
.375 (9.5)
.187 (4.7)
1622-2
1604-2
.500 (12.7)
.187 (4.7)
1758-2
1605-2
.625 (15.9)
.187 (4.7)
1759-2
1608-2
.750 (19.1)
.187 (4.7)
1761-2
1796-2
.875 (22.2)
.187 (4.7)
1775-2
1609-2
1.000 (25.4)
.187 (4.7)
1784-2
THREADED
L
CAT. NO.
LENGTH
O.D.
A
THREAD
4860
.065 (1.7)
.219 (5.6)
.165 (4.2)
2-56
4861
065 (1.7)
.219 (5.6)
.184 (4.7)
4862
.125 (3.2)
.219 (5.6)
.184 (4.7)
4863
.250 (6.4)
.219 (5.6)
.184 (4.7)
4-40
4864
.375 (9.5)
.219 (5.6)
.184 (4.7)
4865 *
.500 (12.7)
.219 (5.6)
.184 (4.7)
4866
.065 (1.7)
.281 (7.1)
.231 (5.9)
4867
.125 (3.2)
.281 (7.1)
.231 (5.9)
6-32
4868
.250 (6.4)
.281 (7.1)
.231 (5.9)
4869
.375 (9.5)
.281 (7.1)
.231 (5.9)
4870 *
.500 (12.7)
.281 (7.1)
.231 (.59)
CLEAR HOLE
L
CAT. NO.
LENGTH
O.D.
A
HOLE
4850
.065 (1.7)
.219 (5.6)
.184 (4.7)
4851
.125 (3.2)
.219 (5.6)
.184 (4.7)
4852
.250 (6.4)
.219 (5.6)
.184 (4.7)
.116 (2.9)
4853
.375 (9.5)
.219 (5.6)
.184 (4.7)
For # 4
4854
.500 (12.7)
.219 (5.6)
.184 (4.7)
4855
.065 (1.7)
.281 (7.1)
.231 (5.9)
4856
.125 (3.2)
.281 (7.1)
.231 (5.9)
4857
.250 (6.4)
.281 (7.1)
.231 (5.9)
.143 (3.6)
4858
.375 (9.5)
.281 (7.1)
.231 (5.9)
For # 6
4859
.500 (12.7)
.281 (7.1)
.231 (5.9)
SWAGE THREADED STANDOFFS
73
FORCE-FIT STANDOFFS
MOUNTING HOLES:
.147 (3.7) hole for 2-56
.166 (4.2) hole for 4-40
.213 (5.4) hole for 6-32
TOLERANCE ON MOUNTING HOLES:
+.003/-.000
A broaching-type fastener/standoff for installation in panels and circuit boards
.060 (1.52) and thicker made of plastic and other non-ductile materials. Available
threaded or with clearance holes. Easy to install, presses into punched or drilled holes.
MATERIAL: Stainless Steel per ASTM-A581/A582
ROUND
HEX
ROUND
O.D.
H
L.D.
.105 (2.7)
THREAD
HEX
L.D.
THREAD
H
.105 (2.7)
A
O.D.
L
.060
[1.52]
MAX.
O.D.
A
.060
[1.52]
MAX.
L
Threaded
Clear Hole
MATERIAL: Brass, ASTM-B16,
Nickel Plate (QQ-N-290)
For .062 (1.52) thick boards
SWAGE CLEAR HOLE SPACERS
SWAGE STAKING TOOLS
MATERIAL: Brass, ASTM-B16, Nickel Plate (QQ-N-290)
For .062 (1.52) thick boards
*Thread depth .375 (9.5)
Precision made staking tool kits are made from .250
(6.4) diameter heat treated steel, zinc plated. Each kit
includes the correct swage top staking tool anvil to
create a professional appearance. These tools may be
used with an arbor press or hand tapped.
CAT. NO. STANDOFF DIA.
THREAD
HOLE SIZE
TL-19
.156 (4.0)
2-56
TL-22
.187 (4.7)
4-40
TL-20
.250 (6.4)
4-40
TL-21
.250 (6.4)
6-32
.120 (3.0)
.109 [2.8]
.187 [4.8]
C
.250
[6.4]
H
Tel (718) 956-8900 Fax (718) 956-9040
(800) 221-5510 kec@keyelco.com
www.keyelco.com
31-07 20th Road – Astoria, NY 11105-2017
RoHS COMPLIANT ~ ISO 9001 CERTIFIED
®
M60Section4FREV1A-COLOR_9-2011 4/4/13 5:07PM Page73


Similar Part No. - 4851

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
4851 ETC2-4851 Datasheet
336Kb / 1P
   SWAGE/FORCE FIT STANDOFFS
logo
Rakon Limited
4851 RAKON-4851 Datasheet
372Kb / 3P
   Monolithic Crystal Filter
24 January 2023
logo
Littelfuse
48513 LITTELFUSE-48513 Datasheet
403Kb / 2P
   COMPACT LOW VOLTAGE DISCONNECT
2019 Rev: 020419
48513-01-BX LITTELFUSE-48513-01-BX Datasheet
403Kb / 2P
   COMPACT LOW VOLTAGE DISCONNECT
2019 Rev: 020419
48513-02-BX LITTELFUSE-48513-02-BX Datasheet
403Kb / 2P
   COMPACT LOW VOLTAGE DISCONNECT
2019 Rev: 020419
More results

Similar Description - 4851

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
5058-2 ETC2-5058-2 Datasheet
336Kb / 1P
   SWAGE/FORCE FIT STANDOFFS
1628-2 ETC2-1628-2 Datasheet
336Kb / 1P
   SWAGE THREADED STANDOFFS
logo
RAF ELECTRONIC HARDWARE
M1502-B-2545-SS RAF-M1502-B-2545-SS Datasheet
73Kb / 1P
   4.5 MM ROUND SWAGE STANDOFFS
3002-B80-AL RAF-3002-B80-AL Datasheet
103Kb / 1P
   1/8 ROUND SWAGE STANDOFFS
3017-B-256-AL RAF-3017-B-256-AL Datasheet
89Kb / 1P
   5/32 ROUND SWAGE STANDOFFS
3015-B-256-B RAF-3015-B-256-B Datasheet
73Kb / 1P
   5/32 ROUND SWAGE STANDOFFS
3032-B-256-AL RAF-3032-B-256-AL Datasheet
88Kb / 1P
   3/16 ROUND SWAGE STANDOFFS
3045-B-440-B RAF-3045-B-440-B Datasheet
66Kb / 1P
   1/4 ROUND SWAGE STANDOFFS
3045-B-632-B RAF-3045-B-632-B Datasheet
64Kb / 1P
   1/4 ROUND SWAGE STANDOFFS
3047-B-440-AL RAF-3047-B-440-AL Datasheet
79Kb / 1P
   1/4 ROUND SWAGE STANDOFFS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com