Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD5662ARJ-1REEL7 Datasheet(PDF) 22 Page - Analog Devices

Part # AD5662ARJ-1REEL7
Description  16-Bit nanoDAC in a SOT-23
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5662ARJ-1REEL7 Datasheet(HTML) 22 Page - Analog Devices

Back Button AD5662ARJ-1REEL7 Datasheet HTML 16Page - Analog Devices AD5662ARJ-1REEL7 Datasheet HTML 17Page - Analog Devices AD5662ARJ-1REEL7 Datasheet HTML 18Page - Analog Devices AD5662ARJ-1REEL7 Datasheet HTML 19Page - Analog Devices AD5662ARJ-1REEL7 Datasheet HTML 20Page - Analog Devices AD5662ARJ-1REEL7 Datasheet HTML 21Page - Analog Devices AD5662ARJ-1REEL7 Datasheet HTML 22Page - Analog Devices AD5662ARJ-1REEL7 Datasheet HTML 23Page - Analog Devices AD5662ARJ-1REEL7 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 22 / 24 page
background image
AD5662
Rev. A | Page 22 of 24
ORDERING GUIDE
Model1, 2
Temperature Range
Package
Description
Package
Option
Branding
Power-On
Reset to Code
Acurracy
AD5662ARJ-1500RL7
−40°C to +125°C
8-lead SOT-23
RJ-8
D38
Zero
±32 LSB INL
AD5662ARJZ-1500RL7
−40°C to +125°C
8-lead SOT-23
RJ-8
D9P
Zero
±32 LSB INL
AD5662ARJ-1REEL7
−40°C to +125°C
8-lead SOT-23
RJ-8
D38
Zero
±32 LSB INL
AD5662ARJZ-1REEL7
−40°C to +125°C
8-lead SOT-23
RJ-8
D9P
Zero
±32 LSB INL
AD5662ARJ-2500RL7
−40°C to +125°C
8-lead SOT-23
RJ-8
D39
Midscale
±32 LSB INL
AD5662ARJ-2REEL7
−40°C to +125°C
8-lead SOT-23
RJ-8
D39
Midscale
±32 LSB INL
AD5662ARJZ-2REEL7
−40°C to +125°C
8-lead SOT-23
RJ-8
D9Q
Midscale
±32 LSB INL
AD5662ARM-1
−40°C to +125°C
8-lead MSOP
RM-8
D38
Zero
±32 LSB INL
AD5662ARMZ-1
−40°C to +125°C
8-lead MSOP
RM-8
D9P
Zero
±32 LSB INL
AD5662ARM-1REEL7
−40°C to +125°C
8-lead MSOP
RM-8
D38
Zero
±32 LSB INL
AD5662ARMZ-1REEL7
−40°C to +125°C
8-lead MSOP
RM-8
D9P
Zero
±32 LSB INL
AD5662BRJ-1500RL7
−40°C to +125°C
8-lead SOT-23
RJ-8
D36
Zero
±16 LSB INL
AD5662BRJZ-1500RL7
−40°C to +125°C
8-lead SOT-23
RJ-8
D9T
Zero
±16 LSB INL
AD5662BRJ-1REEL7
−40°C to +125°C
8-lead SOT-23
RJ-8
D36
Zero
±16 LSB INL
AD5662BRJZ-1REEL7
−40°C to +125°C
8-lead SOT-23
RJ-8
D9T
Zero
±16 LSB INL
AD5662BRJ-2500RL7
−40°C to +125°C
8-lead SOT-23
RJ-8
D37
Midscale
±16 LSB INL
AD5662BRJZ-2500RL7
−40°C to +125°C
8-lead SOT-23
RJ-8
D9R
Midscale
±16 LSB INL
AD5662BRJ-2REEL7
−40°C to +125°C
8-lead SOT-23
RJ-8
D37
Midscale
±16 LSB INL
AD5662BRJZ-2REEL7
−40°C to +125°C
8-lead SOT-23
RJ-8
D9R
Midscale
±16 LSB INL
AD5662BRM-1
−40°C to +125°C
8-lead MSOP
RM-8
D36
Zero
±16 LSB INL
AD5662BRMZ-1
−40°C to +125°C
8-lead MSOP
RM-8
D9T
Zero
±16 LSB INL
AD5662BRM-1REEL7
−40°C to +125°C
8-lead MSOP
RM-8
D36
Zero
±16 LSB INL
AD5662BRMZ-1REEL7
−40°C to +125°C
8-lead MSOP
RM-8
D9T
Zero
±16 LSB INL
AD5662WARMZ-1REEL7
−40°C to +125°C
8-lead MSOP
RM-8
D9P
Zero
±32 LSB INL
EVAL-AD5662EBZ
Evaluation Board
1 Z = RoHS Compliant Part.
2 W = Qualified for Automotive Applications.
AUTOMOTIVE PRODUCTS
The AD5662WARMZ-1REEL7 model is available with controlled manufacturing to support the quality and reliability requirements of
automotive applications. Note that this automotive model may have specifications that differ from the commercial models; therefore,
designers should review the Specifications section of this data sheet carefully. Only the automotive grade product shown is available for
use in automotive applications. Contact your local Analog Devices, Inc., account representative for specific product ordering information
and to obtain the specific Automotive Reliability report for this model.


Similar Part No. - AD5662ARJ-1REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5662ARJ-1 AD-AD5662ARJ-1 Datasheet
357Kb / 20P
   2.7 V to 5.5 V, 250 uA, Rail-to-Rail Output 16-Bit DAC D/A in a SOT-23
Rev. PrA
More results

Similar Description - AD5662ARJ-1REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5680 AD-AD5680 Datasheet
466Kb / 20P
   5 V 18-Bit nanoDAC in a SOT-23
REV. 0
AD5680 AD-AD5680_15 Datasheet
460Kb / 20P
   5 V 18-Bit nanoDAC in a SOT-23
REV. B
AD5062 AD-AD5062 Datasheet
825Kb / 17P
   Full Accurate 16 Bit Vout nanoDac, 2.7V- 5.5V, in a Sot 23
Rev. PrB
AD5060 AD-AD5060 Datasheet
829Kb / 17P
   Full Accurate 14/16 Bit Vout nanoDac Buffered, 3V/5V, Sot 23
Rev. PrC
AD5061 AD-AD5061_15 Datasheet
451Kb / 20P
   16-Bit VOUT nanoDAC SPI Interface 2.7 V to 5.5 V, in an SOT-23
REV. B
AD5620 AD-AD5620_10 Datasheet
538Kb / 28P
   Single, 12-/14-/16-Bit nanoDAC with 5 ppm/째C On-Chip Reference in SOT-23
Rev. F
AD5620 AD-AD5620_15 Datasheet
661Kb / 28P
   Single, 12-/14-/16-Bit nanoDAC with 5 ppm/C On-Chip Reference in SOT-23
Rev. G
AD5640 AD-AD5640_15 Datasheet
661Kb / 28P
   Single, 12-/14-/16-Bit nanoDAC with 5 ppm/C On-Chip Reference in SOT-23
Rev. G
AD5620 AD-AD5620 Datasheet
558Kb / 24P
   Single, 12-/14-/16-Bit nanoDAC with 5 ppm/C On-Chip Reference in SOT-23
REV. A
AD5660 AD-AD5660_15 Datasheet
661Kb / 28P
   Single, 12-/14-/16-Bit nanoDAC with 5 ppm/C On-Chip Reference in SOT-23
Rev. G
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com