Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD5662ARJ-1REEL7 Datasheet(PDF) 19 Page - Analog Devices

Part # AD5662ARJ-1REEL7
Description  16-Bit nanoDAC in a SOT-23
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5662ARJ-1REEL7 Datasheet(HTML) 19 Page - Analog Devices

Back Button AD5662ARJ-1REEL7 Datasheet HTML 15Page - Analog Devices AD5662ARJ-1REEL7 Datasheet HTML 16Page - Analog Devices AD5662ARJ-1REEL7 Datasheet HTML 17Page - Analog Devices AD5662ARJ-1REEL7 Datasheet HTML 18Page - Analog Devices AD5662ARJ-1REEL7 Datasheet HTML 19Page - Analog Devices AD5662ARJ-1REEL7 Datasheet HTML 20Page - Analog Devices AD5662ARJ-1REEL7 Datasheet HTML 21Page - Analog Devices AD5662ARJ-1REEL7 Datasheet HTML 22Page - Analog Devices AD5662ARJ-1REEL7 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
AD5662
Rev. A | Page 19 of 24
BIPOLAR OPERATION USING THE AD5662
The AD5662 has been designed for single-supply operation,
but a bipolar output range is also possible using the circuit in
Figure 42. The circuit gives an output voltage range of ±5 V.
Rail-to-rail operation at the amplifier output is achievable using
an AD820 or an OP295 as the output amplifier.
The output voltage for any input code can be calculated as
follows:
×
+
×
×
=
R1
R2
V
R1
R2
R1
D
V
V
DD
DD
O
536
,
65
where D represents the input code in decimal (0 to 65,535).
With VDD = 5 V, R1 = R2 = 10 kΩ,
V
5
536
,
65
10
×
=
D
VO
This is an output voltage range of ±5 V, with 0x0000 corre-
sponding to a −5 V output, and 0xFFFF corresponding to a
+5 V output.
R2 = 10k
Ω
+5V
–5V
AD820/
OP295
THREE-WIRE
SERIAL
INTERFACE
+5V
AD5662
VREF
VOUT
VFB
R1 = 10k
Ω
±5V
0.1
μF
10
μF
Figure 42. Bipolar Operation with the AD5662
USING THE AD5662 AS AN ISOLATED,
PROGRAMMABLE, 4-20 mA PROCESS
CONTROLLER
In many process control system applications, 2-wire current
transmitters are used to transmit analog signals through noisy
environments. These current transmitters use a zero-scale
signal current of 4 mA that can power the transmitter’s signal
conditioning circuitry. The full-scale output signal in these
transmitters is 20 mA. The converse approach to process
control can also be used; a low-power, programmable current
source can be used to control remotely located sensors or
devices in the loop.
A circuit that performs this function is shown in Figure 43.
Using the AD5662 as the controller, the circuit provides a
programmable output current of 4 mA to 20 mA, proportional
to the DAC’s digital code. Biasing for the controller is provided
by the ADR02 and requires no external trim for two reasons:
(1) the ADR02’s tight initial output voltage tolerance and (2)
the low supply current consumption of both the AD8627 and
the AD5662. The entire circuit, including opto-couplers,
consumes less than 3 mA from the total budget of 4 mA. The
AD8627 regulates the output current to satisfy the current
summation at the noninverting node of the AD8627.
IOUT = 1/R7 (VDAC × R3/R1 + VREF × R3/R2)
For the values shown in Figure 43,
IOUT = 0.2435 μA × D + 4 mA
where D = 0 ≤ D ≤ 65535, giving a full-scale output current of
20 mA when the AD5662’s digital code equals 0xFFFF. Offset
trim at 4 mA is provided by P2, and P1 provides the circuit’s
gain trim at 20 mA. These two trims do not interact because
the noninverting input of the AD8627 is at virtual ground. The
Schottky diode, D1, is required in this circuit to prevent loop
supply power-on transients from pulling the noninverting input
of the AD8627 more than 300 mV below its inverting input.
Without this diode, such transients could cause phase reversal
of the AD8627 and possible latch-up of the controller. The loop
supply voltage compliance of the circuit is limited by the maxi-
mum applied input voltage to the ADR02 and is from 12 V to
40 V.
SERIAL
LOAD
AD5662
VLOOP
12V TO 36V
4mA TO 20mA
AD8627
R1
4.7k
Ω
R2
18.5k
Ω
P1
20mA
ADJUST
P2
4mA
ADJUST
R6
3.3k
Ω
R3
1.5k
Ω
D1
Q1
2N3904
R7
100
Ω
RL
ADR02
Figure 43. Programmable 4–20 mA Process Controller


Similar Part No. - AD5662ARJ-1REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5662ARJ-1 AD-AD5662ARJ-1 Datasheet
357Kb / 20P
   2.7 V to 5.5 V, 250 uA, Rail-to-Rail Output 16-Bit DAC D/A in a SOT-23
Rev. PrA
More results

Similar Description - AD5662ARJ-1REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5680 AD-AD5680 Datasheet
466Kb / 20P
   5 V 18-Bit nanoDAC in a SOT-23
REV. 0
AD5680 AD-AD5680_15 Datasheet
460Kb / 20P
   5 V 18-Bit nanoDAC in a SOT-23
REV. B
AD5062 AD-AD5062 Datasheet
825Kb / 17P
   Full Accurate 16 Bit Vout nanoDac, 2.7V- 5.5V, in a Sot 23
Rev. PrB
AD5060 AD-AD5060 Datasheet
829Kb / 17P
   Full Accurate 14/16 Bit Vout nanoDac Buffered, 3V/5V, Sot 23
Rev. PrC
AD5061 AD-AD5061_15 Datasheet
451Kb / 20P
   16-Bit VOUT nanoDAC SPI Interface 2.7 V to 5.5 V, in an SOT-23
REV. B
AD5620 AD-AD5620_10 Datasheet
538Kb / 28P
   Single, 12-/14-/16-Bit nanoDAC with 5 ppm/째C On-Chip Reference in SOT-23
Rev. F
AD5620 AD-AD5620_15 Datasheet
661Kb / 28P
   Single, 12-/14-/16-Bit nanoDAC with 5 ppm/C On-Chip Reference in SOT-23
Rev. G
AD5640 AD-AD5640_15 Datasheet
661Kb / 28P
   Single, 12-/14-/16-Bit nanoDAC with 5 ppm/C On-Chip Reference in SOT-23
Rev. G
AD5620 AD-AD5620 Datasheet
558Kb / 24P
   Single, 12-/14-/16-Bit nanoDAC with 5 ppm/C On-Chip Reference in SOT-23
REV. A
AD5660 AD-AD5660_15 Datasheet
661Kb / 28P
   Single, 12-/14-/16-Bit nanoDAC with 5 ppm/C On-Chip Reference in SOT-23
Rev. G
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com