Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD5662ARJ-1REEL7 Datasheet(PDF) 3 Page - Analog Devices

Part # AD5662ARJ-1REEL7
Description  16-Bit nanoDAC in a SOT-23
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5662ARJ-1REEL7 Datasheet(HTML) 3 Page - Analog Devices

  AD5662ARJ-1REEL7 Datasheet HTML 1Page - Analog Devices AD5662ARJ-1REEL7 Datasheet HTML 2Page - Analog Devices AD5662ARJ-1REEL7 Datasheet HTML 3Page - Analog Devices AD5662ARJ-1REEL7 Datasheet HTML 4Page - Analog Devices AD5662ARJ-1REEL7 Datasheet HTML 5Page - Analog Devices AD5662ARJ-1REEL7 Datasheet HTML 6Page - Analog Devices AD5662ARJ-1REEL7 Datasheet HTML 7Page - Analog Devices AD5662ARJ-1REEL7 Datasheet HTML 8Page - Analog Devices AD5662ARJ-1REEL7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
AD5662
Rev. A | Page 3 of 24
SPECIFICATIONS
VDD = 2.7 V to 5.5 V; RL = 2 kΩ to GND; CL = 200 pF to GND; VREF = VDD; all specifications TMIN to TMAX, unless otherwise noted.
Table 1.
A Grade
B Grade
Y Version1
Parameter
Min
Typ
Max
Min
Typ
Max
Unit
Conditions/Comments
STATIC PERFORMANCE2
Resolution
16
16
Bits
Relative Accuracy
±8
±32
±8
±16
LSB
See Figure 4
Differential Nonlinearity
±1
±1
LSB
Guaranteed monotonic by design
See Figure 5
Zero Code Error
2
10
2
10
mV
All 0s loaded to DAC register
Full-Scale Error
−0.2
−1
−0.2
−1
% FSR
All 1s loaded to DAC register
Offset Error
±10
±10
mV
Gain Error
±1.5
±1.5
% FSR
Zero Code Error Drift3
±2
±2
μV/°C
Gain Temperature Coefficient3
±2.5
±2.5
ppm
Of FSR/°C
DC Power Supply Rejection Ratio3
−100
−100
dB
DAC code = midscale; VDD = 5 V/3 V ±10%
OUTPUT CHARACTERISTICS3
Output Voltage Range
0
VDD
0
VDD
V
Output Voltage Settling Time
8
10
8
10
μs
¼ to ¾ scale change settling to ±2 LSB
RL = 2 kΩ; 0 pF < CL < 200 pF
Slew Rate
1.5
1.5
V/μs
¼ to ¾ scale
Capacitive Load Stability
2
2
nF
RL = ∞
10
10
nF
RL = 2 kΩ
Output Noise Spectral Density4
100
100
nV/√Hz
DAC code = midscale,10 kHz
Output Noise (0.1 Hz to 10 Hz)4
10
10
μV p-p
DAC code = midscale
Total Harmonic Distortion (THD)4
−80
−80
dB
VREF = 2 V ± 300 mV p-p, f = 5 kHz
Digital-to-Analog Glitch Impulse
5
5
nV-s
1 LSB change around major carry
Digital Feedthrough
0.1
0.1
nV-s
DC Output Impedance
0.5
0.5
Ω
Short-Circuit Current4
30
30
mA
VDD = 5 V, 3 V
Power-Up Time
4
4
μs
Coming out of power-down mode
VDD = 5 V, 3 V
REFERENCE INPUT3
Reference Current
40
75
40
75
μA
VREF = VDD = 5 V
30
50
30
50
μA
VREF = VDD = 3.6 V
Reference Input Range5
0.75
VDD
0.75
VDD
V
Reference Input Impedance
125
125
LOGIC INPUTS3
Input Current
±2
±2
μA
All digital inputs
VINL, Input Low Voltage
0.8
0.8
V
VDD = 5 V, 3 V
VINH, Input High Voltage
2
2
V
VDD = 5 V, 3 V
Pin Capacitance
3
3
pF


Similar Part No. - AD5662ARJ-1REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5662ARJ-1 AD-AD5662ARJ-1 Datasheet
357Kb / 20P
   2.7 V to 5.5 V, 250 uA, Rail-to-Rail Output 16-Bit DAC D/A in a SOT-23
Rev. PrA
More results

Similar Description - AD5662ARJ-1REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5680 AD-AD5680 Datasheet
466Kb / 20P
   5 V 18-Bit nanoDAC in a SOT-23
REV. 0
AD5680 AD-AD5680_15 Datasheet
460Kb / 20P
   5 V 18-Bit nanoDAC in a SOT-23
REV. B
AD5062 AD-AD5062 Datasheet
825Kb / 17P
   Full Accurate 16 Bit Vout nanoDac, 2.7V- 5.5V, in a Sot 23
Rev. PrB
AD5060 AD-AD5060 Datasheet
829Kb / 17P
   Full Accurate 14/16 Bit Vout nanoDac Buffered, 3V/5V, Sot 23
Rev. PrC
AD5061 AD-AD5061_15 Datasheet
451Kb / 20P
   16-Bit VOUT nanoDAC SPI Interface 2.7 V to 5.5 V, in an SOT-23
REV. B
AD5620 AD-AD5620_10 Datasheet
538Kb / 28P
   Single, 12-/14-/16-Bit nanoDAC with 5 ppm/째C On-Chip Reference in SOT-23
Rev. F
AD5620 AD-AD5620_15 Datasheet
661Kb / 28P
   Single, 12-/14-/16-Bit nanoDAC with 5 ppm/C On-Chip Reference in SOT-23
Rev. G
AD5640 AD-AD5640_15 Datasheet
661Kb / 28P
   Single, 12-/14-/16-Bit nanoDAC with 5 ppm/C On-Chip Reference in SOT-23
Rev. G
AD5620 AD-AD5620 Datasheet
558Kb / 24P
   Single, 12-/14-/16-Bit nanoDAC with 5 ppm/C On-Chip Reference in SOT-23
REV. A
AD5660 AD-AD5660_15 Datasheet
661Kb / 28P
   Single, 12-/14-/16-Bit nanoDAC with 5 ppm/C On-Chip Reference in SOT-23
Rev. G
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com