Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD5662ARJ-1500RL7 Datasheet(PDF) 18 Page - Analog Devices

Part # AD5662ARJ-1500RL7
Description  16-Bit nanoDAC in a SOT-23
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5662ARJ-1500RL7 Datasheet(HTML) 18 Page - Analog Devices

Back Button AD5662ARJ-1500RL7 Datasheet HTML 14Page - Analog Devices AD5662ARJ-1500RL7 Datasheet HTML 15Page - Analog Devices AD5662ARJ-1500RL7 Datasheet HTML 16Page - Analog Devices AD5662ARJ-1500RL7 Datasheet HTML 17Page - Analog Devices AD5662ARJ-1500RL7 Datasheet HTML 18Page - Analog Devices AD5662ARJ-1500RL7 Datasheet HTML 19Page - Analog Devices AD5662ARJ-1500RL7 Datasheet HTML 20Page - Analog Devices AD5662ARJ-1500RL7 Datasheet HTML 21Page - Analog Devices AD5662ARJ-1500RL7 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
AD5662
Rev. A | Page 18 of 24
APPLICATIONS
CHOOSING A REFERENCE FOR THE AD5662
To achieve the optimum performance from the AD5662,
thought should be given to the choice of a precision voltage
reference. The AD5662 has only one reference input, VREF. The
voltage on the reference input is used to supply the positive
input to the DAC. Therefore any error in the reference is
reflected in the DAC.
When choosing a voltage reference for high accuracy applica-
tions, the sources of error are initial accuracy, ppm drift, long-
term drift, and output voltage noise. Initial accuracy on the
output voltage of the DAC leads to a full-scale error in the
DAC. To minimize these errors, a reference with high initial
accuracy is preferred. Also, choosing a reference with an output
trim adjustment, such as the ADR423, allows a system designer
to trim system errors out by setting a reference voltage to a
voltage other than the nominal. The trim adjustment can also
be used at temperature to trim out any error.
Long-term drift is a measurement of how much the reference
drifts over time. A reference with a tight long-term drift
specification ensures that the overall solution remains relatively
stable during its entire lifetime.
The temperature coefficient of a reference’s output voltage
effect INL, DNL, and TUE. A reference with a tight temperature
coefficient specification should be chosen to reduce temperature
dependence of the DAC output voltage in ambient conditions.
In high accuracy applications, which have a relatively low noise
budget, reference output voltage noise needs to be considered. It
is important to choose a reference with as low an output noise
voltage as practical for the system noise resolution required.
Precision voltage references such as the ADR425 produce low
output noise in the 0.1 Hz to10 Hz range. Examples of recom-
mended precision references for use as supply to the AD5662
are shown in the Table 6.
USING A REFERENCE AS A
POWER SUPPLY FOR THE AD5662
Because the supply current required by the AD5662 is extremely
low, an alternative option is to use a voltage reference to supply
the required voltage to the part (see Figure 41). This is especially
useful if the power supply is quite noisy, or if the system supply
voltages are at some value other than 5 V or 3 V, for example,
15 V. The voltage reference outputs a steady supply voltage for
the AD5662; see Table 6 for a suitable reference. If the low drop-
out REF195 is used, it must supply 250 μA of current to the
AD5662, with no load on the output of the DAC. When the
DAC output is loaded, the REF195 also needs to supply the
current to the load. The total current required (with a 5 kΩ
load on the DAC output) is
250 μA + (5 V/5 kΩ) = 1.25 mA
The load regulation of the REF195 is typically 2 ppm/mA,
which results in a 2.5 ppm (12.5 μV) error for the 1.25 mA
current drawn from it. This corresponds to a 0.164 LSB error.
AD5662
3-WIRE
SERIAL
INTERFACE
SYNC
SCLK
DIN
+15V
+5V
250
μA
VOUT = 0V TO 5V
VREF
VDD
REF195
Figure 41. REF195 as Power Supply to the AD5662
Table 6. Partial List of Precision References for Use with the AD5662
Part No.
Initial Accuracy (mV max)
Temp Drift (ppm
oC max)
0.1 Hz to 10 Hz Noise (μV p-p typ)
VOUT (V)
ADR425
±2
3
3.4
5
ADR395
±6
25
5
5
REF195
±2
5
50
5
AD780
±2
3
4
2.5/3
ADR423
±2
3
3.4
3


Similar Part No. - AD5662ARJ-1500RL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5662ARJ-1 AD-AD5662ARJ-1 Datasheet
357Kb / 20P
   2.7 V to 5.5 V, 250 uA, Rail-to-Rail Output 16-Bit DAC D/A in a SOT-23
Rev. PrA
More results

Similar Description - AD5662ARJ-1500RL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5680 AD-AD5680 Datasheet
466Kb / 20P
   5 V 18-Bit nanoDAC in a SOT-23
REV. 0
AD5680 AD-AD5680_15 Datasheet
460Kb / 20P
   5 V 18-Bit nanoDAC in a SOT-23
REV. B
AD5062 AD-AD5062 Datasheet
825Kb / 17P
   Full Accurate 16 Bit Vout nanoDac, 2.7V- 5.5V, in a Sot 23
Rev. PrB
AD5060 AD-AD5060 Datasheet
829Kb / 17P
   Full Accurate 14/16 Bit Vout nanoDac Buffered, 3V/5V, Sot 23
Rev. PrC
AD5061 AD-AD5061_15 Datasheet
451Kb / 20P
   16-Bit VOUT nanoDAC SPI Interface 2.7 V to 5.5 V, in an SOT-23
REV. B
AD5620 AD-AD5620_10 Datasheet
538Kb / 28P
   Single, 12-/14-/16-Bit nanoDAC with 5 ppm/째C On-Chip Reference in SOT-23
Rev. F
AD5620 AD-AD5620_15 Datasheet
661Kb / 28P
   Single, 12-/14-/16-Bit nanoDAC with 5 ppm/C On-Chip Reference in SOT-23
Rev. G
AD5640 AD-AD5640_15 Datasheet
661Kb / 28P
   Single, 12-/14-/16-Bit nanoDAC with 5 ppm/C On-Chip Reference in SOT-23
Rev. G
AD5620 AD-AD5620 Datasheet
558Kb / 24P
   Single, 12-/14-/16-Bit nanoDAC with 5 ppm/C On-Chip Reference in SOT-23
REV. A
AD5660 AD-AD5660_15 Datasheet
661Kb / 28P
   Single, 12-/14-/16-Bit nanoDAC with 5 ppm/C On-Chip Reference in SOT-23
Rev. G
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com