Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD5662ARJ-1500RL7 Datasheet(PDF) 16 Page - Analog Devices

Part # AD5662ARJ-1500RL7
Description  16-Bit nanoDAC in a SOT-23
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5662ARJ-1500RL7 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD5662ARJ-1500RL7 Datasheet HTML 12Page - Analog Devices AD5662ARJ-1500RL7 Datasheet HTML 13Page - Analog Devices AD5662ARJ-1500RL7 Datasheet HTML 14Page - Analog Devices AD5662ARJ-1500RL7 Datasheet HTML 15Page - Analog Devices AD5662ARJ-1500RL7 Datasheet HTML 16Page - Analog Devices AD5662ARJ-1500RL7 Datasheet HTML 17Page - Analog Devices AD5662ARJ-1500RL7 Datasheet HTML 18Page - Analog Devices AD5662ARJ-1500RL7 Datasheet HTML 19Page - Analog Devices AD5662ARJ-1500RL7 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
AD5662
Rev. A | Page 16 of 24
POWER-DOWN MODES
The AD5662 contains four separate modes of operation. These
modes are software-programmable by setting two bits (DB17
and DB16) in the control register. Table 5 shows how the state
of the bits corresponds to the device’s mode of operation.
Table 5. Modes of Operation for the AD5662
DB17
DB16
Operating Mode
0
0
Normal Operation
Power-Down Modes
0
1
1 kΩ to GND
1
0
100 kΩ to GND
1
1
Three-State
When both bits are set to 0, the part works normally with its
normal power consumption of 250 μA at 5 V. However, for the
three power-down modes, the supply current falls to 480 nA at
5 V (100 nA at 3 V). Not only does the supply current fall, but
the output stage is also internally switched from the output of
the amplifier to a resistor network of known values. This has the
advantage that the output impedance of the part is known while
the part is in power-down mode. The outputs can either be
connected internally to GND through a 1 kΩ or 100 kΩ
resistor, or left open-circuited (three-state) (see Figure 36).
RESISTOR
NETWORK
VOUT
RESISTOR
STRING DAC
POWER-DOWN
CIRCUITRY
AMPLIFIER
Figure 36. Output Stage During Power-Down
The bias generator, the output amplifier, the resistor string, and
other associated linear circuitry are shut down when power-
down mode is activated. However, the contents of the DAC
register are unaffected when in power-down. The time to exit
power-down is typically 4 μs for VDD = 5 V and for VDD = 3 V
(see Figure 24).
MICROPROCESSOR INTERFACING
AD5662 to Blackfin® ADSP-BF53x Interface
Figure 37 shows a serial interface between the AD5662 and
the Blackfin ADSP-BF53x microprocessor. The ADSP-BF53x
processor family incorporates two dual-channel synchronous
serial ports, SPORT1 and SPORT0, for serial and multiprocessor
communications. Using SPORT0 to connect to the AD5662, the
setup for the interface is as follows. DT0PRI drives the DIN pin
of the AD5662, while TSCLK0 drives the SCLK of the part. The
SYNC is driven from TFS0.
AD5662*
*ADDITIONAL PINS OMITTED FOR CLARITY
TFS0
DTOPRI
TSCLK0
SYNC
DIN
SCLK
ADSP-BF53x*
Figure 37. AD5662 to Blackfin ADSP-BF53x Interface
AD5662 to 68HC11/68L11 Interface
Figure 38 shows a serial interface between the AD5662 and the
68HC11/68L11 microcontroller. SCK of the 68HC11/68L11
drives the SCLK of the AD5662, while the MOSI output drives
the serial data line of the DAC.
The SYNC signal is derived from a port line (PC7). The setup
conditions for correct operation of this interface are as follows.
The 68HC11/68L11 is configured with its CPOL bit as a 0 and
its CPHA bit as a 1. When data is being transmitted to the DAC,
the SYNC line is taken low (PC7). When the 68HC11/ 68L11 is
configured as described above, data appearing on the MOSI
output is valid on the falling edge of SCK. Serial data from the
68HC11/68L11 is transmitted in 8-bit bytes with only eight
falling clock edges occurring in the transmit cycle. Data is
transmitted MSB first. In order to load data to the AD5662, PC7
is left low after the first eight bits are transferred, and a second
serial write operation is performed to the DAC; PC7 is taken
high at the end of this procedure.
AD5662*
*ADDITIONAL PINS OMITTED FOR CLARITY
PC7
SCK
MOSI
SYNC
SCLK
DIN
68HC11/68L11*
Figure 38. AD5662 to 68HC11/68L11 Interface


Similar Part No. - AD5662ARJ-1500RL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5662ARJ-1 AD-AD5662ARJ-1 Datasheet
357Kb / 20P
2.7 V to 5.5 V, 250 uA, Rail-to-Rail Output 16-Bit DAC D/A in a SOT-23
Rev. PrA
More results

Similar Description - AD5662ARJ-1500RL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5060 AD-AD5060 Datasheet
829Kb / 17P
Full Accurate 14/16 Bit Vout nanoDac Buffered, 3V/5V, Sot 23
Rev. PrC
AD5620 AD-AD5620 Datasheet
558Kb / 24P
Single, 12-/14-/16-Bit nanoDAC with 5 ppm/C On-Chip Reference in SOT-23
REV. A
AD5062 AD-AD5062 Datasheet
825Kb / 17P
Full Accurate 16 Bit Vout nanoDac, 2.7V- 5.5V, in a Sot 23
Rev. PrB
AD5680 AD-AD5680 Datasheet
466Kb / 20P
5 V 18-Bit nanoDAC in a SOT-23
REV. 0
AD5620 AD-AD5620_10 Datasheet
538Kb / 28P
Single, 12-/14-/16-Bit nanoDAC with 5 ppm/째C On-Chip Reference in SOT-23
Rev. F
AD5061 AD-AD5061_15 Datasheet
451Kb / 20P
16-Bit VOUT nanoDAC SPI Interface 2.7 V to 5.5 V, in an SOT-23
REV. B
AD5620 AD-AD5620_15 Datasheet
661Kb / 28P
Single, 12-/14-/16-Bit nanoDAC with 5 ppm/C On-Chip Reference in SOT-23
Rev. G
AD5660 AD-AD5660_15 Datasheet
661Kb / 28P
Single, 12-/14-/16-Bit nanoDAC with 5 ppm/C On-Chip Reference in SOT-23
Rev. G
AD5640 AD-AD5640_15 Datasheet
661Kb / 28P
Single, 12-/14-/16-Bit nanoDAC with 5 ppm/C On-Chip Reference in SOT-23
Rev. G
AD5680 AD-AD5680_15 Datasheet
460Kb / 20P
5 V 18-Bit nanoDAC in a SOT-23
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com