Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD5662ARJ-1500RL7 Datasheet(PDF) 15 Page - Analog Devices

Part # AD5662ARJ-1500RL7
Description  16-Bit nanoDAC in a SOT-23
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5662ARJ-1500RL7 Datasheet(HTML) 15 Page - Analog Devices

Back Button AD5662ARJ-1500RL7 Datasheet HTML 11Page - Analog Devices AD5662ARJ-1500RL7 Datasheet HTML 12Page - Analog Devices AD5662ARJ-1500RL7 Datasheet HTML 13Page - Analog Devices AD5662ARJ-1500RL7 Datasheet HTML 14Page - Analog Devices AD5662ARJ-1500RL7 Datasheet HTML 15Page - Analog Devices AD5662ARJ-1500RL7 Datasheet HTML 16Page - Analog Devices AD5662ARJ-1500RL7 Datasheet HTML 17Page - Analog Devices AD5662ARJ-1500RL7 Datasheet HTML 18Page - Analog Devices AD5662ARJ-1500RL7 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
AD5662
Rev. A | Page 15 of 24
INPUT SHIFT REGISTER
The input shift register is 24 bits wide (see Figure 34). The first
six bits are don’t cares. The next two are control bits that control
the part’s mode of operation (normal mode or any one of three
power-down modes). See the Power-Down Modes section for a
more complete description of the various modes. The next 16
bits are the data bits. These are transferred to the DAC register
on the 24th falling edge of SCLK.
SYNC INTERRUPT
In a normal write sequence, the SYNC line is kept low for at
least 24 falling edges of SCLK, and the DAC is updated on the
24th falling edge. However, if SYNC is brought high before the
24th falling edge, this acts as an interrupt to the write sequence.
The shift register is reset and the write sequence is seen as
invalid. Neither an update of the DAC register contents nor a
change in the operating mode occurs (see
).
Figure 35
POWER-ON RESET
The AD5662 family contains a power-on reset circuit that
controls the output voltage during power-up. The AD5662x-1
DAC output powers up to 0 V, and the AD5662x-2 DAC output
powers up to midscale. The output remains there until a valid
write sequence is made to the DAC. This is useful in
applications where it is important to know the state of the
output of the DAC while it is in the process of powering up.
DATA BITS
DB23 (MSB)
PD1
PD0
D15
D14
D13
D12
X
X
X
X
X
X
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
DBO (LSB)
D1
D0
NORMAL OPERATION
1 k
Ω TO GND
100 k
Ω TO GND
THREE-STATE
POWER-DOWN MODES
0
0
1
1
0
1
0
1
Figure 34. Input Register Contents
DIN
DB23
DB23
DB0
DB0
INVALID WRITE SEQUENCE:
SYNC HIGH BEFORE 24TH FALLING EDGE
VALID WRITE SEQUENCE, OUTPUT UPDATES
ON THE 24TH FALLING EDGE
SYNC
SCLK
Figure 35. SYNC Interrupt Facility


Similar Part No. - AD5662ARJ-1500RL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5662ARJ-1 AD-AD5662ARJ-1 Datasheet
357Kb / 20P
2.7 V to 5.5 V, 250 uA, Rail-to-Rail Output 16-Bit DAC D/A in a SOT-23
Rev. PrA
More results

Similar Description - AD5662ARJ-1500RL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5060 AD-AD5060 Datasheet
829Kb / 17P
Full Accurate 14/16 Bit Vout nanoDac Buffered, 3V/5V, Sot 23
Rev. PrC
AD5620 AD-AD5620 Datasheet
558Kb / 24P
Single, 12-/14-/16-Bit nanoDAC with 5 ppm/C On-Chip Reference in SOT-23
REV. A
AD5062 AD-AD5062 Datasheet
825Kb / 17P
Full Accurate 16 Bit Vout nanoDac, 2.7V- 5.5V, in a Sot 23
Rev. PrB
AD5680 AD-AD5680 Datasheet
466Kb / 20P
5 V 18-Bit nanoDAC in a SOT-23
REV. 0
AD5620 AD-AD5620_10 Datasheet
538Kb / 28P
Single, 12-/14-/16-Bit nanoDAC with 5 ppm/째C On-Chip Reference in SOT-23
Rev. F
AD5061 AD-AD5061_15 Datasheet
451Kb / 20P
16-Bit VOUT nanoDAC SPI Interface 2.7 V to 5.5 V, in an SOT-23
REV. B
AD5620 AD-AD5620_15 Datasheet
661Kb / 28P
Single, 12-/14-/16-Bit nanoDAC with 5 ppm/C On-Chip Reference in SOT-23
Rev. G
AD5660 AD-AD5660_15 Datasheet
661Kb / 28P
Single, 12-/14-/16-Bit nanoDAC with 5 ppm/C On-Chip Reference in SOT-23
Rev. G
AD5640 AD-AD5640_15 Datasheet
661Kb / 28P
Single, 12-/14-/16-Bit nanoDAC with 5 ppm/C On-Chip Reference in SOT-23
Rev. G
AD5680 AD-AD5680_15 Datasheet
460Kb / 20P
5 V 18-Bit nanoDAC in a SOT-23
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com