Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD5662ARJ-1500RL7 Datasheet(PDF) 14 Page - Analog Devices

Part # AD5662ARJ-1500RL7
Description  16-Bit nanoDAC in a SOT-23
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5662ARJ-1500RL7 Datasheet(HTML) 14 Page - Analog Devices

Back Button AD5662ARJ-1500RL7 Datasheet HTML 10Page - Analog Devices AD5662ARJ-1500RL7 Datasheet HTML 11Page - Analog Devices AD5662ARJ-1500RL7 Datasheet HTML 12Page - Analog Devices AD5662ARJ-1500RL7 Datasheet HTML 13Page - Analog Devices AD5662ARJ-1500RL7 Datasheet HTML 14Page - Analog Devices AD5662ARJ-1500RL7 Datasheet HTML 15Page - Analog Devices AD5662ARJ-1500RL7 Datasheet HTML 16Page - Analog Devices AD5662ARJ-1500RL7 Datasheet HTML 17Page - Analog Devices AD5662ARJ-1500RL7 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
AD5662
Rev. A | Page 14 of 24
THEORY OF OPERATION
DAC SECTION
The AD5662 DAC is fabricated on a CMOS process. The
architecture consists of a string DAC followed by an output
buffer amplifier. Figure 32 shows a block diagram of the DAC
architecture.
VDD
R
R
VOUT
GND
RESISTOR
STRING
REF (+)
REF (–)
OUTPUT
AMPLIFIER
DAC REGISTER
VFB
Figure 32. DAC Architecture
Since the input coding to the DAC is straight binary, the ideal
output voltage is given by
×
=
65,536
D
V
V
REF
OUT
where D is the decimal equivalent of the binary code that is
loaded to the DAC register. It can range from 0 to 65,535.
RESISTOR STRING
The resistor string section is shown in Figure 33. It is simply a
string of resistors, each of value R. The code loaded to the DAC
register determines at which node on the string the voltage is
tapped off to be fed into the output amplifier. The voltage is
tapped off by closing one of the switches connecting the string
to the amplifier. Because it is a string of resistors, it is guaranteed
monotonic.
R
R
R
R
R
TO OUTPUT
AMPLIFIER
Figure 33. Resistor String
OUTPUT AMPLIFIER
The output buffer amplifier can generate rail-to-rail voltages on
its output, which gives an output range of 0 V to VDD. This output
buffer amplifier has a gain of 2 derived from a 50 kΩ resistor
divider network in the feedback path. The output amplifier’s
inverting input is available to the user, allowing for remote
sensing. This VFB pin must be connected to VOUT for normal
operation. It can drive a load of 2 kΩ in parallel with 1000 pF to
GND. The source and sink capabilities of the output amplifier can
be seen in Figure 15. The slew rate is 1.5 V/μs with a ¼ to ¾
full-scale settling time of 10 μs.
SERIAL INTERFACE
The AD5662 has a 3-wire serial interface (SYNC, SCLK, and
DIN) that is compatible with SPI, QSPI, and MICROWIRE
interface standards as well as with most DSPs. See
for
a timing diagram of a typical write sequence.
Figure 2
The write sequence begins by bringing the SYNC line low. Data
from the DIN line is clocked into the 24-bit shift register on the
falling edge of SCLK. The serial clock frequency can be as high
as 30 MHz, making the AD5662 compatible with high speed
DSPs. On the 24th falling clock edge, the last data bit is clocked
in and the programmed function is executed, that is, a change
in DAC register contents and/or a change in the mode of opera-
tion. At this stage, the SYNC line can be kept low or be brought
high. In either case, it must be brought high for a minimum of
33 ns before the next write sequence so that a falling edge of
SYNC can initiate the next write sequence. Since the SYNC
buffer draws more current when VIN = 2.4 V than it does when
VIN = 0.8 V, SYNC should be idled low between write sequences
for even lower power operation. As mentioned previously it
must, however, be brought high again just before the next write
sequence.


Similar Part No. - AD5662ARJ-1500RL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5662ARJ-1 AD-AD5662ARJ-1 Datasheet
357Kb / 20P
2.7 V to 5.5 V, 250 uA, Rail-to-Rail Output 16-Bit DAC D/A in a SOT-23
Rev. PrA
More results

Similar Description - AD5662ARJ-1500RL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5060 AD-AD5060 Datasheet
829Kb / 17P
Full Accurate 14/16 Bit Vout nanoDac Buffered, 3V/5V, Sot 23
Rev. PrC
AD5620 AD-AD5620 Datasheet
558Kb / 24P
Single, 12-/14-/16-Bit nanoDAC with 5 ppm/C On-Chip Reference in SOT-23
REV. A
AD5062 AD-AD5062 Datasheet
825Kb / 17P
Full Accurate 16 Bit Vout nanoDac, 2.7V- 5.5V, in a Sot 23
Rev. PrB
AD5680 AD-AD5680 Datasheet
466Kb / 20P
5 V 18-Bit nanoDAC in a SOT-23
REV. 0
AD5620 AD-AD5620_10 Datasheet
538Kb / 28P
Single, 12-/14-/16-Bit nanoDAC with 5 ppm/째C On-Chip Reference in SOT-23
Rev. F
AD5061 AD-AD5061_15 Datasheet
451Kb / 20P
16-Bit VOUT nanoDAC SPI Interface 2.7 V to 5.5 V, in an SOT-23
REV. B
AD5620 AD-AD5620_15 Datasheet
661Kb / 28P
Single, 12-/14-/16-Bit nanoDAC with 5 ppm/C On-Chip Reference in SOT-23
Rev. G
AD5660 AD-AD5660_15 Datasheet
661Kb / 28P
Single, 12-/14-/16-Bit nanoDAC with 5 ppm/C On-Chip Reference in SOT-23
Rev. G
AD5640 AD-AD5640_15 Datasheet
661Kb / 28P
Single, 12-/14-/16-Bit nanoDAC with 5 ppm/C On-Chip Reference in SOT-23
Rev. G
AD5680 AD-AD5680_15 Datasheet
460Kb / 20P
5 V 18-Bit nanoDAC in a SOT-23
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com