Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD5662ARJ-1500RL7 Datasheet(PDF) 11 Page - Analog Devices

Part # AD5662ARJ-1500RL7
Description  16-Bit nanoDAC in a SOT-23
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5662ARJ-1500RL7 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD5662ARJ-1500RL7 Datasheet HTML 7Page - Analog Devices AD5662ARJ-1500RL7 Datasheet HTML 8Page - Analog Devices AD5662ARJ-1500RL7 Datasheet HTML 9Page - Analog Devices AD5662ARJ-1500RL7 Datasheet HTML 10Page - Analog Devices AD5662ARJ-1500RL7 Datasheet HTML 11Page - Analog Devices AD5662ARJ-1500RL7 Datasheet HTML 12Page - Analog Devices AD5662ARJ-1500RL7 Datasheet HTML 13Page - Analog Devices AD5662ARJ-1500RL7 Datasheet HTML 14Page - Analog Devices AD5662ARJ-1500RL7 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
AD5662
Rev. A | Page 11 of 24
CH1 2.0V
CH2 500mV
M100
μs 125MS/s
A CH1
1.28V
8.0ns/pt
VDD = VREF = 5V
TA = 25°C
VOUT
VDD
1
2
MAX(C2)*
420.0mV
Figure 22. Power-On Reset to 0 V
CH1 2.0V
CH2 1.0V
M100
μs 125MS/s
A CH1
1.28V
8.0ns/pt
VDD = VREF = 5V
TA = 25°C
VOUT
VDD
1
2
Figure 23. Power-On Reset to Midscale
CH1 2.0V
CH2 1.0V
M1.0
μs 5.0gS/s
A CH2
2.16V
200ps/pt
VOUT
SCLK
1
2
Figure 24. Exiting Power-Down to Midscale
SAMPLE NUMBER
2.502500
2.502250
2.502000
2.501750
2.501500
2.501250
2.501000
2.500750
2.500500
2.500250
2.500000
2.499750
2.499500
2.499250
2.499000
2.498750
0
150 200
250
50
100
300
350
400
450
500 550
VDD = VREF = 5V
TA = 25°C
13nS/SAMPLE NUMBER
1 LSB CHANGE AROUND
MIDSCALE (0x8000 TO 0x7FFF)
GLITCH IMPULSE = 2.723nV.s
Figure 25. Digital-to-Analog Glitch Impulse (Negative)
SAMPLE NUMBER
2.500400
2.500300
2.500200
2.500100
2.500000
2.499900
2.499800
2.499700
2.499600
2.499500
2.499400
2.499300
2.499200
2.499100
VDD = VREF = 5V
TA = 25°C
13nS/SAMPLE NUMBER
1 LSB CHANGE AROUND
MIDSCALE (0x7FFF TO 0x8000)
GLITCH IMPULSE = 1.271nV.s
0
150 200
250
50
100
300
350
400
450
500 550
Figure 26. Digital-to-Analog Glitch Impulse (Positive)
SAMPLE NUMBER
2.500250
2.500200
2.500150
2.500100
2.500050
2.500000
2.499950
2.499900
2.499850
2.499800
2.499750
2.499700
2.499650
2.499600
0
150 200
250
50
100
300
350
400
450
500 550
VDD = VREF = 5V
TA = 25°C
20nS/SAMPLE NUMBER
DAC LOADED WITH MIDSCALE
DIGITAL FEEDTHROUGH = 0.06nV.s
Figure 27. Digital Feedthrough


Similar Part No. - AD5662ARJ-1500RL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5662ARJ-1 AD-AD5662ARJ-1 Datasheet
357Kb / 20P
2.7 V to 5.5 V, 250 uA, Rail-to-Rail Output 16-Bit DAC D/A in a SOT-23
Rev. PrA
More results

Similar Description - AD5662ARJ-1500RL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5060 AD-AD5060 Datasheet
829Kb / 17P
Full Accurate 14/16 Bit Vout nanoDac Buffered, 3V/5V, Sot 23
Rev. PrC
AD5620 AD-AD5620 Datasheet
558Kb / 24P
Single, 12-/14-/16-Bit nanoDAC with 5 ppm/C On-Chip Reference in SOT-23
REV. A
AD5062 AD-AD5062 Datasheet
825Kb / 17P
Full Accurate 16 Bit Vout nanoDac, 2.7V- 5.5V, in a Sot 23
Rev. PrB
AD5680 AD-AD5680 Datasheet
466Kb / 20P
5 V 18-Bit nanoDAC in a SOT-23
REV. 0
AD5620 AD-AD5620_10 Datasheet
538Kb / 28P
Single, 12-/14-/16-Bit nanoDAC with 5 ppm/째C On-Chip Reference in SOT-23
Rev. F
AD5061 AD-AD5061_15 Datasheet
451Kb / 20P
16-Bit VOUT nanoDAC SPI Interface 2.7 V to 5.5 V, in an SOT-23
REV. B
AD5620 AD-AD5620_15 Datasheet
661Kb / 28P
Single, 12-/14-/16-Bit nanoDAC with 5 ppm/C On-Chip Reference in SOT-23
Rev. G
AD5660 AD-AD5660_15 Datasheet
661Kb / 28P
Single, 12-/14-/16-Bit nanoDAC with 5 ppm/C On-Chip Reference in SOT-23
Rev. G
AD5640 AD-AD5640_15 Datasheet
661Kb / 28P
Single, 12-/14-/16-Bit nanoDAC with 5 ppm/C On-Chip Reference in SOT-23
Rev. G
AD5680 AD-AD5680_15 Datasheet
460Kb / 20P
5 V 18-Bit nanoDAC in a SOT-23
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com