Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD688ARWZ Datasheet(PDF) 5 Page - Analog Devices

Part # AD688ARWZ
Description  High Precision 10 V Reference
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD688ARWZ Datasheet(HTML) 5 Page - Analog Devices

  AD688ARWZ Datasheet HTML 1Page - Analog Devices AD688ARWZ Datasheet HTML 2Page - Analog Devices AD688ARWZ Datasheet HTML 3Page - Analog Devices AD688ARWZ Datasheet HTML 4Page - Analog Devices AD688ARWZ Datasheet HTML 5Page - Analog Devices AD688ARWZ Datasheet HTML 6Page - Analog Devices AD688ARWZ Datasheet HTML 7Page - Analog Devices AD688ARWZ Datasheet HTML 8Page - Analog Devices AD688ARWZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
AD688
Rev. B | Page 5 of 16
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
+10V OUT FORCE
1
+VS 2
+10V OUT SENSE
3
A3 IN
4
–VS
16
–10V OUT FORCE
15
–10V OUT SENSE
14
A4 IN
13
GAIN ADJ
5
BAL ADJ
12
VHIGH 6
NC
11
NOISE REDUCTION
7
NC
10
VLOW 8
GND SENSE +IN
9
NC = NO CONNECT
AD688
TOP VIEW
(Not to Scale)
Figure 2. Pin Configuration
Table 3. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
+10 V OUT FORCE
+10 V Output with Kelvin Force. Connect to Pin 3.
2
+VS
Positive Power Supply.
3
+10 V OUT SENSE
+10 V Output with Kelvin Sense. Connect to Pin 1.
4
A3 IN
+ Input to A3. Connect to VHIGH, Pin 6.
5
GAIN ADJ
Reference Gain Adjustment for Calibration. See the Calibration section.
6
VHIGH
Unbuffered Reference High Output.
7
NOISE REDUCTION
Noise Filtering Pin. Connect external 1 µF capacitor to ground to reduce output noise, see the
Noise Performance and Reduction section. May be left open.
8
VLOW
Unbuffered Reference Low Output.
9
GND SENSE +IN
Gound with Kelvin Sense.
10
NC
No Connection. Leave floating.
11
NC
No Connection. Leave floating.
12
BAL ADJ
Reference Centering Adjustment for Calibration. See the Calibration section.
13
A4 IN
+ Input to A4. Connect to VLOW, Pin 8.
14
−10 V OUT SENSE
−10 V Output with Kelvin Sense. Connect to Pin 15.
15
−10 V OUT FORCE
−10 V Output with Kelvin Force. Connect to Pin 14.
16
−VS
Negative Power Supply.


Similar Part No. - AD688ARWZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD688AQ AD-AD688AQ Datasheet
406Kb / 8P
   High Precision -10 V Reference
REV. A
More results

Similar Description - AD688ARWZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD688 AD-AD688_15 Datasheet
490Kb / 16P
   High Precision 10 V Reference
REV. B
AD688 AD-AD688 Datasheet
406Kb / 8P
   High Precision -10 V Reference
REV. A
AD587 AD-AD587_15 Datasheet
361Kb / 12P
   High Precision 10 V Reference
Rev. H
AD587 AD-AD587 Datasheet
177Kb / 12P
   High Precision 10 V Reference
REV. F
5962-8982502PA AD-5962-8982502PA Datasheet
361Kb / 12P
   High Precision 10 V Reference
Rev. H
AD581SH883B AD-AD581SH883B Datasheet
329Kb / 12P
   High Precision 10 V IC Reference
REV. C
AD581 AD-AD581_15 Datasheet
329Kb / 12P
   High Precision 10 V IC Reference
REV. C
AD581SH AD-AD581SH Datasheet
329Kb / 12P
   High Precision 10 V IC Reference
REV. C
AD581 AD-AD581 Datasheet
329Kb / 12P
   High Precision 10 V IC Reference
REV. C
REF01 AD-REF01 Datasheet
384Kb / 12P
   10 V Precision Voltage Reference
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com