Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

250057B Datasheet(PDF) 1 Page - Integrated Technology Future

Part # 250057B
Description  100.7 MHz SAW Filter
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITF [Integrated Technology Future]
Direct Link  http://www.itf.co.kr
Logo ITF - Integrated Technology Future

250057B Datasheet(HTML) 1 Page - Integrated Technology Future

  250057B Datasheet HTML 1Page - Integrated Technology Future 250057B Datasheet HTML 2Page - Integrated Technology Future  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
100.7 MHz SAW Filter
Part Number 250057B
Tel: 82-32-621-1213
2012. 06. 21
I T F
Co., Ltd.
102-901, Bucheon Technopark 364, Samjeong-Dong,
Ojeong-Gu, Bucheon-City,
Gyounggi-Do, Korea 421-809
Fax: 82-32-621-1218
http://www.itf.co.kr
sales@itf.co.kr
Rev 1.0
1. Features
Typical 1dB bandwidth of 0.34 MHz
High attenuation
Single Ended Operation
Surface Mounted Package (SMD)
2. Electrical Specifications
Source and Load Impedance = 50
Room Temperature : +25℃
Minimum
Typical
Maximum
Center Frequency (fo)
MHz
-
100.7
-
Insertion Loss
dB
-
14.6
16.5
1dB Bandwidth
MHz
0.2
0.34
-
3dB Bandwidth
MHz
-
0.52
-
40dB Bandwidth
MHz
-
1.46
1.6
Amplitude Ripple (fo ± 0.1 MHz)
dB
-
0.18
1.0
Group Delay Variation (fo ± 0.1 MHz)
nsec
-
290
500
Absolute Delay
usec
-
2.2
-
Ultimate Rejection
dB
50
58
-
Temperature Coefficient of Frequency
ppm/℃
2
-
-0.03
-
S2098 Package Dimension
Matching Schematic
Pin Configuration
Input
10
Ground
1,6
Dimensions shown are nominal in millimeters
Body : Al2O3
Lid : Kovar, Ni Plated
Termination : Au plating 0.3 ~ 1.0um, over a 1.27 ~ 8.89um Ni Plating
Output
5
Others
Ground
C2
C1
L2
L1
Input
50Ω
Output
50Ω
6
7
8
9
10
5
4
3
2
1
7
8
9
10
6
4
3
2
1
5
20.00±0.2
1.02±0.1
1.91±0.1
7.62±0.1
1.56±0.2
10
5
82nH
100nH
27pF
30pF


Similar Part No. - 250057B

ManufacturerPart #DatasheetDescription
logo
Integrated Technology F...
250051B ITF-250051B Datasheet
178Kb / 5P
   Bandpass Filter
250052B ITF-250052B Datasheet
197Kb / 5P
   Bandpass Filter
logo
SUYIN USA, INC.
250053FB023SX00ZX SUYIN-USA-250053FB023SX00ZX Datasheet
278Kb / 2P
   2.50mm Pitch 3 PIN 1 SD CARD
logo
Integrated Technology F...
250056B ITF-250056B Datasheet
181Kb / 2P
   100.0 MHz SAW Filter
logo
SUYIN USA, INC.
250058MA006G102ZL SUYIN-USA-250058MA006G102ZL Datasheet
180Kb / 1P
   SIM CARD CONNECTOR 6 PIN
More results

Similar Description - 250057B

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
SF0240CD03109S APITECH-SF0240CD03109S Datasheet
154Kb / 3P
   240 MHz SAW Filter 240 MHz SAW Filter
SF0162BA03266S APITECH-SF0162BA03266S Datasheet
1Mb / 3P
   SAW Filter 162 MHz SAW Bandpass Filter, 0.06 MHz Bandwidth
logo
Integrated Circuit Syst...
SF0063CN02271T ICST-SF0063CN02271T Datasheet
89Kb / 2P
   63 MHz SAW Bandpass Filter 63 MHz SAW Bandpass Filter
logo
API Technologies Corp
SF0185BA02302S APITECH-SF0185BA02302S Datasheet
126Kb / 3P
   185.76 MHz SAW Bandpass Filter 185.76 MHz SAW Bandpass Filter
SF0243BA03287S APITECH-SF0243BA03287S Datasheet
1Mb / 3P
   SAW Filter 243 MHz SAW Bandpass Filter, 0.1 MHz Bandwidth
logo
Integrated Circuit Syst...
SF0096BA02394S ICST-SF0096BA02394S Datasheet
138Kb / 2P
   96 MHz SAW Bandpass Filter 96 MHz SAW Bandpass Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TA1163A TAI-SAW-TA1163A Datasheet
434Kb / 6P
   SAW Filter 914.5 MHz
TA1059A TAI-SAW-TA1059A Datasheet
367Kb / 8P
   SAW Filter 2477 MHz
TA1067A TAI-SAW-TA1067A Datasheet
430Kb / 8P
   SAW Filter 918 MHz
TA1069A TAI-SAW-TA1069A Datasheet
428Kb / 8P
   SAW Filter 1910 MHz
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com