Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

250057B Datasheet(PDF) 2 Page - Integrated Technology Future

Part # 250057B
Description  100.7 MHz SAW Filter
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITF [Integrated Technology Future]
Direct Link  http://www.itf.co.kr
Logo ITF - Integrated Technology Future

250057B Datasheet(HTML) 2 Page - Integrated Technology Future

  250057B Datasheet HTML 1Page - Integrated Technology Future 250057B Datasheet HTML 2Page - Integrated Technology Future  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
100.7 MHz SAW Filter
Part Number 250057B
Tel: 82-32-621-1213
2012. 06. 21
I T F
Co., Ltd.
102-901, Bucheon Technopark 364, Samjeong-Dong,
Ojeong-Gu, Bucheon-City,
Gyounggi-Do, Korea 421-809
Fax: 82-32-621-1218
http://www.itf.co.kr
sales@itf.co.kr
Rev 1.0
3. Typical Performance ( at +25℃
℃ )
1dB Bandwidth & Ripple
3dB Bandwidth & Group Delay
40dB Bandwidth
Wide band Properties
Smith Chart(S11 & S22)
SWR(S11 & S22)
CH1 S11
SWR
5 /
REF 2.788
Cor
CH2 S22
SWR
5 /
REF 2.271
CENTER 100. 700 000 MHz
SPAN 6. 000 000 MHz
Cor
22 Nov 2011 17:16:30
1
1: 2. 7842
100. 700 000 MHz
1
1: 2. 2698
100. 700 000 MHz
CH1 S21
LOG
10 dB/
REF -21.519 dB
START . 010 000 MHz
STOP 400. 000 000 MHz
22 Nov 2011 17:20:58
1
2
3
1: 0. 0000 dB
0. 000 000 MHz
REF=1
CH1 Markers
2:-23 . 342 dB
62. 0000 MHz
3:-34 . 449 dB
83. 0000 MHz
CH1 S11
1 U FS
Cor
CH2 S22
1 U FS
CENTER 100. 700 000 MHz
SPAN 6. 000 000 MHz
Cor
22 Nov 2011 17:16:39
1
1: 18. 546
8. 4990
13. 433 nH
100. 700 000 MHz
1
1: 33. 756
30. 648
48. 439 nH
100. 700 000 MHz
CH1 S21
LOG
1 dB/
REF -14.49 dB
Cor
CH2 S21
DEL
1 us/
REF 1.964 us
CENTER 100. 700 000 MHz
SPAN 1. 000 000 MHz
Cor
Smo
22 Nov 2011 17:15:48
1
2
3
4
1: 0. 0000 dB
0. 000 000 MHz
REF=1
CH1 Markers
BW:
. 524443 MHz
cent : 100. 695725 MHz
Q: 192. 01
1_loss : -14 . 585 dB
2
3
3: 70. 763 ns
. 200 000 MHz
REF=2
CH2 Markers
mean: 2. 2028 us
s. dev : 80. 937 ns
p-p : 291. 44 ns
CH1 S21
LOG
10 dB/
REF -14.6 dB
CENTER 100. 700 000 MHz
SPAN 6. 000 000 MHz
*
Cor
22 Nov 2011 17:13:39
1
2
3
4
1: 0. 0000 dB
0. 000 000 MHz
REF=1
CH1 Markers
BW
:
1. 463439 MHz
cent : 100. 676001 MHz
Q: 68. 794
1_loss : -14 . 612 dB
CH1 S21
LOG
1 dB/
REF -14.49 dB
Cor
CH2 S21
LOG
1 dB/
REF -14.59 dB
CENTER 100. 700 000 MHz
SPAN 1. 000 000 MHz
Cor
22 Nov 2011 17:15:03
1
2
3
4
1: 0. 0000 dB
0. 000 000 MHz
REF=1
CH1 Markers
BW:
. 340553 MHz
cent : 100. 702441 MHz
Q: 295. 70
1_loss : -14 . 592 dB
2
3
3: . 08100 dB
. 200 000 MHz
REF=2
CH2 Markers
mean:-14 . 526 dB
s. dev : . 04040 dB
p-p : . 17960 dB


Similar Part No. - 250057B

ManufacturerPart #DatasheetDescription
logo
Integrated Technology F...
250051B ITF-250051B Datasheet
178Kb / 5P
   Bandpass Filter
250052B ITF-250052B Datasheet
197Kb / 5P
   Bandpass Filter
logo
SUYIN USA, INC.
250053FB023SX00ZX SUYIN-USA-250053FB023SX00ZX Datasheet
278Kb / 2P
   2.50mm Pitch 3 PIN 1 SD CARD
logo
Integrated Technology F...
250056B ITF-250056B Datasheet
181Kb / 2P
   100.0 MHz SAW Filter
logo
SUYIN USA, INC.
250058MA006G102ZL SUYIN-USA-250058MA006G102ZL Datasheet
180Kb / 1P
   SIM CARD CONNECTOR 6 PIN
More results

Similar Description - 250057B

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
SF0240CD03109S APITECH-SF0240CD03109S Datasheet
154Kb / 3P
   240 MHz SAW Filter 240 MHz SAW Filter
SF0162BA03266S APITECH-SF0162BA03266S Datasheet
1Mb / 3P
   SAW Filter 162 MHz SAW Bandpass Filter, 0.06 MHz Bandwidth
logo
Integrated Circuit Syst...
SF0063CN02271T ICST-SF0063CN02271T Datasheet
89Kb / 2P
   63 MHz SAW Bandpass Filter 63 MHz SAW Bandpass Filter
logo
API Technologies Corp
SF0185BA02302S APITECH-SF0185BA02302S Datasheet
126Kb / 3P
   185.76 MHz SAW Bandpass Filter 185.76 MHz SAW Bandpass Filter
SF0243BA03287S APITECH-SF0243BA03287S Datasheet
1Mb / 3P
   SAW Filter 243 MHz SAW Bandpass Filter, 0.1 MHz Bandwidth
logo
Integrated Circuit Syst...
SF0096BA02394S ICST-SF0096BA02394S Datasheet
138Kb / 2P
   96 MHz SAW Bandpass Filter 96 MHz SAW Bandpass Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TA1163A TAI-SAW-TA1163A Datasheet
434Kb / 6P
   SAW Filter 914.5 MHz
TA1059A TAI-SAW-TA1059A Datasheet
367Kb / 8P
   SAW Filter 2477 MHz
TA1067A TAI-SAW-TA1067A Datasheet
430Kb / 8P
   SAW Filter 918 MHz
TA1069A TAI-SAW-TA1069A Datasheet
428Kb / 8P
   SAW Filter 1910 MHz
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com