Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

G9SB3012A Datasheet(PDF) 6 Page - Omron Electronics LLC

Part # G9SB3012A
Description  Safety Relay Unit
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G9SB3012A Datasheet(HTML) 6 Page - Omron Electronics LLC

  G9SB3012A Datasheet HTML 1Page - Omron Electronics LLC G9SB3012A Datasheet HTML 2Page - Omron Electronics LLC G9SB3012A Datasheet HTML 3Page - Omron Electronics LLC G9SB3012A Datasheet HTML 4Page - Omron Electronics LLC G9SB3012A Datasheet HTML 5Page - Omron Electronics LLC G9SB3012A Datasheet HTML 6Page - Omron Electronics LLC G9SB3012A Datasheet HTML 7Page - Omron Electronics LLC G9SB3012A Datasheet HTML 8Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
G9SB
G9SB
Installation
s
Internal connections
Note:
1. For 1-channel input with G9SB-
@@@-B/D models,
short terminals T12 and T22. It is not possible to wire
G9SB-
@@@2-A/C models for 1-channel input.
2. Only G9SB-301
@-@ models have terminals 33-34 and
41-42.
K1
K2
K1
K1
K2
K2
K1
a
a
+
-
K2
TH
SA
A1
A2
T31
T32
13
23
33
41
14
24
34
42
K1
K2
K1
K1
K2
K2
K1
a
a
+
-
K2
TH
SA
A1 A2
T11
T12
T31
T32
13
41
33
14
24
34
42
T21
T22
23
K1
K2
K1
K1
K2
K2
K1
a
a
+
-
K2
TH
SA
A1 A2 T11
T12
T31
T32
13
23
33
41
14
24
34
42
T21
T22
G9SB-2002-A/C (24 VAC/VDC)
G9SB-3012-A/C (24 VAC/VDC)
Control
circuit
G9SB-200-B/D (24 VAC/VDC)
G9SB-301-B/D (24 VAC/VDC)
Control
circuit
G9SB-3010 (24 VDC)
Control
circuit


Similar Part No. - G9SB3012A

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G9SB OMRON-G9SB Datasheet
774Kb / 10P
   Ultra Slim Safety Relay Unit
G9SB-200-B OMRON-G9SB-200-B Datasheet
774Kb / 10P
   Ultra Slim Safety Relay Unit
G9SB-200-D OMRON-G9SB-200-D Datasheet
774Kb / 10P
   Ultra Slim Safety Relay Unit
G9SB-200-D OMRON-G9SB-200-D Datasheet
1Mb / 98P
   Safety Light Curtain Type 4
March 2010
G9SB-2002-A OMRON-G9SB-2002-A Datasheet
774Kb / 10P
   Ultra Slim Safety Relay Unit
More results

Similar Description - G9SB3012A

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G9SB-2002-A OMRON-G9SB-2002-A Datasheet
774Kb / 10P
   Ultra Slim Safety Relay Unit
logo
Hongfa Technology
HFA4 HONGFA-HFA4 Datasheet
104Kb / 4P
   SAFETY RELAY
HFA6 HONGFA-HFA6 Datasheet
82Kb / 4P
   SAFETY RELAY
logo
List of Unclassifed Man...
OA5669 ETC2-OA5669 Datasheet
120Kb / 4P
   Safety relay
logo
Hongfa Technology
HFA6 HONGFA-HFA6 Datasheet
81Kb / 4P
   SAFETY RELAY
HFA2 HONGFA-HFA2 Datasheet
63Kb / 3P
   SAFETY RELAY
HFA4 HONGFA-HFA4 Datasheet
103Kb / 4P
   SAFETY RELAY
HFA2 HONGFA-HFA2 Datasheet
62Kb / 3P
   SAFETY RELAY
logo
Pepperl+Fuchs Inc.
SB4-OR-4CP-4C PF-SB4-OR-4CP-4C Datasheet
1Mb / 4P
   Safety control unit
2023-02-15
SB4-OR-4CP-B PF-SB4-OR-4CP-B Datasheet
1Mb / 4P
   Safety control unit
2023-02-15
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com