Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

G9SB3012A Datasheet(PDF) 4 Page - Omron Electronics LLC

Part # G9SB3012A
Description  Safety Relay Unit
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G9SB3012A Datasheet(HTML) 4 Page - Omron Electronics LLC

  G9SB3012A Datasheet HTML 1Page - Omron Electronics LLC G9SB3012A Datasheet HTML 2Page - Omron Electronics LLC G9SB3012A Datasheet HTML 3Page - Omron Electronics LLC G9SB3012A Datasheet HTML 4Page - Omron Electronics LLC G9SB3012A Datasheet HTML 5Page - Omron Electronics LLC G9SB3012A Datasheet HTML 6Page - Omron Electronics LLC G9SB3012A Datasheet HTML 7Page - Omron Electronics LLC G9SB3012A Datasheet HTML 8Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
G9SB
G9SB
G9SB-200-D (24 VAC/VDC) or G9SB-301-D (24 VAC/VDC) with 2-channel Safety Area Sensor/Manual-reset
G9SB-3010 (24 VDC) with 2-channel Limit Switch Input/Auto-reset
KM1 KM2
S1
KM1
KM2
2
KM1
KM2
M
K1
K2
K1
K1
K2
K2
K1
a
a
+
-
K2
TH
SA
A1 A2
T11
T12
T31
T32
13
41
33
14
24
34
42
T21
T22
23
Emitter
Receiver
F3S-A
Shield
Red
Red/black
Shield
Feedback loop
Control
circuit
Timing Chart
F3S-A:
Safety Area Sensor
S1:
Reset switch
KM1 and KM2: Magnetic Contactor (LC1D)
M:
3-phase motor
E1 and E2:
24-VDC power supply (S82K)
Note
Output turns ON with the rising edge of re-
set switch S1, but will not operate if there
is a short breakdown in S1.
Note:
1. Connect E1 to
model
other
than the F3S-A.
2. Only the G9SB-
301-D
model
has
terminals
33-34 and 41-
42.
F3S-A: Incident
Interrupted
K1 and K2 (NC)
K1 and K2 (NO)
KM1 and KM2 (NC)
KM1 and KM2 (NO)
Reset switch S1
KM1
KM2
M
KM1
KM2
11
12
23
24
S2
S1
KM1 KM2
K1
K2
K1
K1
K2
K2
K1
a
a
+
-
K2
TH
SA
A1
A2
T31
T32
13
23
33
41
14
24
34
42
Open
Control
circuit
Feedback loop
Timing Chart
Limit switches S1 and S2
K1 and K2 (NC)
K1 and K2 (NO)
KM1 and KM2 (NC)
KM1 and KM2 (NO)
S1:
Safety limit switch with positive
opening mechanism (D4D or D4B)
S2:
Limit switch
KM1 and KM2: Magnetic Contactor (LC1D)
M:
3-phase motor


Similar Part No. - G9SB3012A

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G9SB OMRON-G9SB Datasheet
774Kb / 10P
   Ultra Slim Safety Relay Unit
G9SB-200-B OMRON-G9SB-200-B Datasheet
774Kb / 10P
   Ultra Slim Safety Relay Unit
G9SB-200-D OMRON-G9SB-200-D Datasheet
774Kb / 10P
   Ultra Slim Safety Relay Unit
G9SB-200-D OMRON-G9SB-200-D Datasheet
1Mb / 98P
   Safety Light Curtain Type 4
March 2010
G9SB-2002-A OMRON-G9SB-2002-A Datasheet
774Kb / 10P
   Ultra Slim Safety Relay Unit
More results

Similar Description - G9SB3012A

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G9SB-2002-A OMRON-G9SB-2002-A Datasheet
774Kb / 10P
   Ultra Slim Safety Relay Unit
logo
Hongfa Technology
HFA4 HONGFA-HFA4 Datasheet
104Kb / 4P
   SAFETY RELAY
HFA6 HONGFA-HFA6 Datasheet
82Kb / 4P
   SAFETY RELAY
logo
List of Unclassifed Man...
OA5669 ETC2-OA5669 Datasheet
120Kb / 4P
   Safety relay
logo
Hongfa Technology
HFA6 HONGFA-HFA6 Datasheet
81Kb / 4P
   SAFETY RELAY
HFA2 HONGFA-HFA2 Datasheet
63Kb / 3P
   SAFETY RELAY
HFA4 HONGFA-HFA4 Datasheet
103Kb / 4P
   SAFETY RELAY
HFA2 HONGFA-HFA2 Datasheet
62Kb / 3P
   SAFETY RELAY
logo
Pepperl+Fuchs Inc.
SB4-OR-4CP-4C PF-SB4-OR-4CP-4C Datasheet
1Mb / 4P
   Safety control unit
2023-02-15
SB4-OR-4CP-B PF-SB4-OR-4CP-B Datasheet
1Mb / 4P
   Safety control unit
2023-02-15
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com