Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

G9SB3012A Datasheet(PDF) 1 Page - Omron Electronics LLC

Part # G9SB3012A
Description  Safety Relay Unit
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G9SB3012A Datasheet(HTML) 1 Page - Omron Electronics LLC

  G9SB3012A Datasheet HTML 1Page - Omron Electronics LLC G9SB3012A Datasheet HTML 2Page - Omron Electronics LLC G9SB3012A Datasheet HTML 3Page - Omron Electronics LLC G9SB3012A Datasheet HTML 4Page - Omron Electronics LLC G9SB3012A Datasheet HTML 5Page - Omron Electronics LLC G9SB3012A Datasheet HTML 6Page - Omron Electronics LLC G9SB3012A Datasheet HTML 7Page - Omron Electronics LLC G9SB3012A Datasheet HTML 8Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
G9SB
Safety Relay Unit
Ultra Slim Safety Relay Unit
s Models of width 17.5 mm (smallest Unit in the
world as of January 2001) available with 2 or 3
poles. Models of width 22.5 mm with 3 poles also
available.
s EN standards (TÜV approval) pending.
s DIN track mounting possible.
Ordering Information
Model Number Legend:
1.
Function
None: Emergency stop
2.
Contact Configuration (Safety Output)
2:
DPST-NO
3:
3PST-NO
3.
Contact Configuration (OFF-delay Output)
0:
None
4.
Contact Configuration (Auxiliary Output)
0:
None
1:
SPST-NC
5.
Input Configuration
None: 1-channel or 2-channel input possible
0:
None (direct breaking)
2:
2-channel input
6.
Miscellaneous
A:
Auto-reset, inverse input
B:
Auto-reset, + common input
C:
Manual-reset, inverse input
D:
Manual-reset, + common input
Main contacts
Auxiliary
contact
Number of input
channels
Reset mode
Input type
Rated
voltage
Model
Category
DPST-NO
None
2 channels
Auto-reset
Inverse
24 VAC/VDC
G9SB-2002-A
4
1 channel or 2
channels
+ common
G9SB-200-B
2 channels
Manual-reset
Inverse
G9SB-2002-C
1 channel or 2
channels
+ common
G9SB-200-D
3PST-NO
SPST-NC
None (direct
breaking)
Auto-reset
---
24 VDC
G9SB-3010
3
2 channels
Inverse
24 VAC/VDC
G9SB-3012-A
4
1 channel or 2
channels
+ common
G9SB-301-B
2 channels
Manual-reset
Inverse
G9SB-3012-C
1 channel or 2
channels
+ common
G9SB-301-D
G9SB-@@@@@ @
1 2 3 4 5
6


Similar Part No. - G9SB3012A

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G9SB OMRON-G9SB Datasheet
774Kb / 10P
   Ultra Slim Safety Relay Unit
G9SB-200-B OMRON-G9SB-200-B Datasheet
774Kb / 10P
   Ultra Slim Safety Relay Unit
G9SB-200-D OMRON-G9SB-200-D Datasheet
774Kb / 10P
   Ultra Slim Safety Relay Unit
G9SB-200-D OMRON-G9SB-200-D Datasheet
1Mb / 98P
   Safety Light Curtain Type 4
March 2010
G9SB-2002-A OMRON-G9SB-2002-A Datasheet
774Kb / 10P
   Ultra Slim Safety Relay Unit
More results

Similar Description - G9SB3012A

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G9SB-2002-A OMRON-G9SB-2002-A Datasheet
774Kb / 10P
   Ultra Slim Safety Relay Unit
logo
Hongfa Technology
HFA4 HONGFA-HFA4 Datasheet
104Kb / 4P
   SAFETY RELAY
HFA6 HONGFA-HFA6 Datasheet
82Kb / 4P
   SAFETY RELAY
logo
List of Unclassifed Man...
OA5669 ETC2-OA5669 Datasheet
120Kb / 4P
   Safety relay
logo
Hongfa Technology
HFA6 HONGFA-HFA6 Datasheet
81Kb / 4P
   SAFETY RELAY
HFA2 HONGFA-HFA2 Datasheet
63Kb / 3P
   SAFETY RELAY
HFA4 HONGFA-HFA4 Datasheet
103Kb / 4P
   SAFETY RELAY
HFA2 HONGFA-HFA2 Datasheet
62Kb / 3P
   SAFETY RELAY
logo
Pepperl+Fuchs Inc.
SB4-OR-4CP-4C PF-SB4-OR-4CP-4C Datasheet
1Mb / 4P
   Safety control unit
2023-02-15
SB4-OR-4CP-B PF-SB4-OR-4CP-B Datasheet
1Mb / 4P
   Safety control unit
2023-02-15
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com