Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

G9SB3012A Datasheet(PDF) 7 Page - Omron Electronics LLC

Part # G9SB3012A
Description  Safety Relay Unit
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G9SB3012A Datasheet(HTML) 7 Page - Omron Electronics LLC

  G9SB3012A Datasheet HTML 1Page - Omron Electronics LLC G9SB3012A Datasheet HTML 2Page - Omron Electronics LLC G9SB3012A Datasheet HTML 3Page - Omron Electronics LLC G9SB3012A Datasheet HTML 4Page - Omron Electronics LLC G9SB3012A Datasheet HTML 5Page - Omron Electronics LLC G9SB3012A Datasheet HTML 6Page - Omron Electronics LLC G9SB3012A Datasheet HTML 7Page - Omron Electronics LLC G9SB3012A Datasheet HTML 8Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
G9SB
G9SB
Precautions
Wiring
Turn OFF the G9SB before wiring. Do not touch the terminals of
the G9SB while the power is turned ON, because the terminals
are charged and may cause an electric shock.
Use the following to wire the G9SB.
Stranded wire: 0.2 to 2.5 mm
2
Solid wire:
0.2 to 2.5 mm2
Tighten each screw to a torque of 0.5 to 0.6 N·m, or the G9SB
may malfunction or generate heat.
External inputs connected to T11 and T12 or T21 and T22 of the
G9SB must be no-voltage contact inputs.
Applicable Safety Category
All G9SB Relays meet the requirements of Safety Category 4 of
the EN954-1 standards when they are used as shown in the
examples provided by OMRON. Relays may not meet the stan-
dards in some operating conditions. The G9SB-3010 can be
applied to Safety Category 3 of the EN954-1 using double break-
ing.
The applicable safety category is determined from the whole
safety control system. Make sure that the whole safety control
system meets EN954-1 requirements.
Mounting Multiple Units
When mounting multiple Units close to each other, the rated cur-
rent will be 3 A. Do not apply a current higher than 3 A.
Connecting Inputs
If using multiple G9SB models, inputs cannot be made using the
same switch. This is also true for other input terminals.
Earth Short
A positive thermistor is built into the G9SB circuits, so you can
detect earth short breakdowns and breakdown shorts between
channel 1 and channel 2. (Detection of breakdown shorts
between channel 1 and channel 2 is supported for G9SB-2002-
@/
3012-
@ models only.)
Note
In order to detect earth short breakdowns, connect the mi-
nus side of the power supply to ground.
T11 T12
T11 T12
G9SB
G9SB


Similar Part No. - G9SB3012A

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G9SB OMRON-G9SB Datasheet
774Kb / 10P
Ultra Slim Safety Relay Unit
G9SB-200-B OMRON-G9SB-200-B Datasheet
774Kb / 10P
Ultra Slim Safety Relay Unit
G9SB-200-D OMRON-G9SB-200-D Datasheet
774Kb / 10P
Ultra Slim Safety Relay Unit
G9SB-200-D OMRON-G9SB-200-D Datasheet
1Mb / 98P
Safety Light Curtain Type 4
March 2010
G9SB-2002-A OMRON-G9SB-2002-A Datasheet
774Kb / 10P
Ultra Slim Safety Relay Unit
More results

Similar Description - G9SB3012A

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G9SB-2002-A OMRON-G9SB-2002-A Datasheet
774Kb / 10P
Ultra Slim Safety Relay Unit
logo
Hongfa Technology
HFA4 HONGFA-HFA4 Datasheet
104Kb / 4P
SAFETY RELAY
HFA6 HONGFA-HFA6 Datasheet
82Kb / 4P
SAFETY RELAY
logo
List of Unclassifed Man...
OA5669 ETC2-OA5669 Datasheet
120Kb / 4P
Safety relay
logo
Hongfa Technology
HFA6 HONGFA-HFA6 Datasheet
81Kb / 4P
SAFETY RELAY
HFA2 HONGFA-HFA2 Datasheet
63Kb / 3P
SAFETY RELAY
HFA4 HONGFA-HFA4 Datasheet
103Kb / 4P
SAFETY RELAY
HFA2 HONGFA-HFA2 Datasheet
62Kb / 3P
SAFETY RELAY
logo
Pepperl+Fuchs Inc.
SB4-OR-4CP-4C PF-SB4-OR-4CP-4C Datasheet
1Mb / 4P
Safety control unit
2023-02-15
SB4-OR-4CP-B PF-SB4-OR-4CP-B Datasheet
1Mb / 4P
Safety control unit
2023-02-15
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com