Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BLM18RK121SN1 Datasheet(PDF) 2 Page - Murata Manufacturing Co., Ltd.

Part # BLM18RK121SN1
Description  EMIFIL (Inductor type) Chip Ferrite Bead
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

BLM18RK121SN1 Datasheet(HTML) 2 Page - Murata Manufacturing Co., Ltd.

  BLM18RK121SN1 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. BLM18RK121SN1 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. BLM18RK121SN1 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Continued from the preceding page.
http://www.murata.com/
Data Sheet
! Note:
1. This datasheet is downloaded from the website of Murata Manufacturing co., ltd. Therefore, it’s specifications are subject to change or our
products in it may be discontinued without advance notice. Please check with our sales representatives or product engineers before ordering.
2. This datasheet has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product
specifications or transact the approval sheet for product specifications before ordering.
2
o This data sheet is applied for CHIP FERRITE BEAD used for General Electronics equipment for your design.
2011.5.12
Frequency (MHz)
1
10
100
1000
3000
1200
900
600
300
0
BLM18RK102SN1
BLM18RK601SN1
BLM18RK471SN1
BLM18RK221SN1
BLM18RK121SN1
1
10
100
1000
3000
Frequency (MHz)
200
150
100
50
0
Z
R
X
1
10
100
1000
3000
Frequency (MHz)
0
100
200
300
Z
R
X
1
10
100
1000
3000
Frequency (MHz)
600
450
300
150
0
Z
R
X
1
10
100
1000
3000
Frequency (MHz)
X
Z
R
0
200
400
600
800
1
10
100
1000
3000
Frequency (MHz)
0
200
400
600
800
1000
1200
X
Z
R
Noise Suppression Products/EMI Suppression Filters > EMIFILr (Inductor type) > Chip Ferrite Bead
I Impedance-Frequency Characteristics (Main Items)
I Impedance-Frequency Characteristics
BLM18RK121SN1
I Impedance-Frequency Characteristics
BLM18RK221SN1
I Impedance-Frequency Characteristics
BLM18RK471SN1
I Impedance-Frequency Characteristics
BLM18RK601SN1
I Impedance-Frequency Characteristics
BLM18RK102SN1
Continued on the following page.


Similar Part No. - BLM18RK121SN1

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
BLM18RK121SN1 MURATA-BLM18RK121SN1 Datasheet
290Kb / 18P
On-Board Type (DC) EMI Suppression Filters
BLM18RK121SN1 MURATA-BLM18RK121SN1 Datasheet
2Mb / 88P
EMI Suppression Filters
BLM18RK121SN1 MURATA-BLM18RK121SN1 Datasheet
1,015Kb / 39P
DESIGN ENGINEERING KITS
BLM18RK121SN1 MURATA-BLM18RK121SN1 Datasheet
3Mb / 89P
SMD/BLOCK Type EMI Suppression Filters
BLM18RK121SN1 MURATA-BLM18RK121SN1 Datasheet
2Mb / 88P
SMD/BLOCK Type EMI Suppression Filters
More results

Similar Description - BLM18RK121SN1

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
BLM18EG101TN1D MURATA-BLM18EG101TN1D Datasheet
152Kb / 4P
EMIFIL (Inductor type) Chip Ferrite Bead for GHz Noise
BLM21PG220SN1D MURATA-BLM21PG220SN1D Datasheet
123Kb / 4P
EMIFIL (Inductor type) Chip Ferrite Bead
BLM18RK102SN1D MURATA-BLM18RK102SN1D Datasheet
81Kb / 3P
EMIFIL (Inductor type) Chip Ferrite Bead
BLM15AX100SN1 MURATA-BLM15AX100SN1 Datasheet
106Kb / 3P
EMIFIL (Inductor type) Chip Ferrite Bead
BLM15HG601SN1 MURATA-BLM15HG601SN1 Datasheet
182Kb / 3P
EMIFIL (Inductor type) Chip Ferrite Bead for GHz Noise
BLM18BD470SN1 MURATA-BLM18BD470SN1 Datasheet
253Kb / 8P
EMIFIL (Inductor type) Chip Ferrite Bead
BLM18TG121TN1 MURATA-BLM18TG121TN1 Datasheet
104Kb / 2P
EMIFIL (Inductor type) Chip Ferrite Bead
BLM03AX MURATA-BLM03AX Datasheet
90Kb / 3P
EMIFIL (Inductor type) Chip Ferrite Bead
BLM15H MURATA-BLM15H Datasheet
187Kb / 3P
EMIFIL (Inductor type) Chip Ferrite Bead for GHz Noise
logo
Murata Manufacturing Co...
BLM15AG601AN1B MURATA1-BLM15AG601AN1B Datasheet
56Kb / 2P
EMIFIL (Inductor type) Chip Ferrite Bead
2011.5.12
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com