Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TCJB107M0020070 Datasheet(PDF) 2 Page - AVX Corporation

Part # TCJB107M0020070
Description  TCJ Series Tantalum Solid Electrolytic Chip Capacitors with Conductive Polymer Electrode
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

TCJB107M0020070 Datasheet(HTML) 2 Page - AVX Corporation

  TCJB107M0020070 Datasheet HTML 1Page - AVX Corporation TCJB107M0020070 Datasheet HTML 2Page - AVX Corporation TCJB107M0020070 Datasheet HTML 3Page - AVX Corporation TCJB107M0020070 Datasheet HTML 4Page - AVX Corporation TCJB107M0020070 Datasheet HTML 5Page - AVX Corporation TCJB107M0020070 Datasheet HTML 6Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
70
n AUGUST 2013
TCJ Series
Tantalum Solid Electrolytic Chip Capacitors
with Conductive Polymer Electrode
Capacitance
Rated Voltage DC (V
R) to 85°C
μF
Code
2.5V (e)
4V (G)
6.3V (J)
10V (A)
16V (C)
1.0
105
4.7
475
K(500), R(500)
6.8
685
A(200)
10
106
A(300), R(500)
A(300)
A(200), B(200), T(150,200)
15
156
A(300)
A(300)
A(200)
B(150)
22
226
A(300)
A(300), K(400)
B(300), T(150)
B(150)
R(500), S(400), T(150)
A(200)
B(70,200)
33
336
A(300)
B(70,200)
C(100)
T(150)
T(70,150)
A(200), B(70)
47
476
A(200), T(80)
K(400), P(500)
B(70), C(100)
T(80,120)
68
686
A(250)
A(250), B(70)
B(55,70)
T(80)
C(100), W(70)
100
107
A(200), B(70)
A(200), B(70)
B(45,69,70)
G(300), T(150)
150
157
B(70)
B(70)
B(45,69,70)
H(200), W(40,70)
220
227
B(45,70)
B(70,200)
CAPACITANCE AND RATED VOLTAGE, VR (VOLTAGE CODE) RANGE
(LETTER DENOTES CASE SIZE)
125ºC RATED PARTS
Cap
Rated Voltage DC (V
R) to 85°C
μF
Code
2.5V (e)
4V (G)
6.3V (J)
10V (A)
16V (C)
20V (D)
25V (E)
35V (V)
50V (T)
63V (J)
75V (P) 100V (A) 125V (B)
0.47
474
B(400)
0.68
684
B(400)
B(300)
1.0
105
N*, P(500)
A(250)*
A*, B(300)
B(300), C(300)
1.5
155
B(200)
B(300), C(300)
C(300)
2.2
225
B(200)
C(300)
C(200)
3.3
335
B(200)
C(200)
C(200)
D(250)
4.7
475
B(90,150)
B(200), C(200)
C(200)
C(200), D(120)
D(150)
6.8
685
B(90,150)
C(200)
C(200)
D(120)
D(120)
V(250)
D(120)
E(100,150)
10
106
N(250,500)
B(90,150)
B(200),
D(120)
E(100,150)
C(200),Y(70)
E(70,100)
15
156
B(100,150)
C(200), D(70,100)
E(70,100)
Y(70,200)*
W*,Y(200)*
22
226
N(500)
T(70)
Y(70)
B(150), C(100)
D(70,100), Y(70)*
D(60,100), Y(70)
33
336
Y(45,60,70)
Y(70)
D(60,100)
D(70,100)
Y(60,70,100)
E(55,70)
47
476
K(150,200),
Y(45,70)
D(55)*, Y(70) D(60,100), E(50)
E(55)
R(500), T(55,70)
68
686
T(200)
D(45,55)
D(45,55)
D(55), E(45)
E(50)
Y(45,55)
Y(45,50)
100
107
A(70)*, T(70,200)
D(45,55), Y(45,55)
E(40)
D(55), E(45)
E(80)
150
157
B(35), Y(40)
D(40,45,55)
E(40)
Y(40,45,55)
220
227
A(35)*
B(35,60)
D(35,40,50), W(100)*
D(40,50), Y(40,50)
B(35,45,70)
Y(40)
Y(35,40,50)
330
337
B(35,45,70)
D(40,50)
D(40,50)
Y(40)
Y(40,50)
Y(40,50)
470
477
D(40,50)
D(40,50)
Y(40,50)
Y(40,50)
105ºC RATED PARTS
Available Ratings, (ESR ratings in mOhms in brackets)
Engineering samples - please contact manufacturer
*Codes under development – subject to change
Note: Voltage ratings are minimum values. AVX reserves the right to supply
higher ratings in the same case size, to the same reliability standards.


Similar Part No. - TCJB107M0020070

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
TCJB107M0020070 AVX-TCJB107M0020070 Datasheet
202Kb / 4P
   Tantalum Solid Electrolytic Chip Capacitors with Conductive Polymer Electrode
TCJB107M0020070 AVX-TCJB107M0020070 Datasheet
135Kb / 6P
   TCJ Series Tantalum solid Electrolytic Chip Capacitors With Conductive Polymer Electrode
TCJB107M0020070 AVX-TCJB107M0020070 Datasheet
109Kb / 4P
   Tantalum Solid Electrolytic Chip Capacitors with Conductive Polymer Electrode
TCJB107M0020070 AVX-TCJB107M0020070 Datasheet
109Kb / 4P
   Tantalum Solid Electrolytic Chip Capacitors with Conductive Polymer Electrode
TCJB107M0020070 AVX-TCJB107M0020070 Datasheet
143Kb / 8P
   Tantalum Solid Electrolytic Chip Capacitors with Conductive Polymer Electrode
More results

Similar Description - TCJB107M0020070

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
TCJA106M010R0300 AVX-TCJA106M010R0300 Datasheet
135Kb / 6P
   TCJ Series Tantalum solid Electrolytic Chip Capacitors With Conductive Polymer Electrode
TCJB476M010R0070 AVX-TCJB476M010R0070 Datasheet
109Kb / 4P
   Tantalum Solid Electrolytic Chip Capacitors with Conductive Polymer Electrode
TCJA686M0020250 AVX-TCJA686M0020250 Datasheet
202Kb / 4P
   Tantalum Solid Electrolytic Chip Capacitors with Conductive Polymer Electrode
TCJT476M006R0080 AVX-TCJT476M006R0080 Datasheet
143Kb / 8P
   Tantalum Solid Electrolytic Chip Capacitors with Conductive Polymer Electrode
TCJA686M002-0250 AVX-TCJA686M002-0250 Datasheet
118Kb / 4P
   Tantalum Solid Electrolytic Chip Capacitors with Conductive Polymer Electrode
TCJB107M006R0070 AVX-TCJB107M006R0070 Datasheet
109Kb / 4P
   Tantalum Solid Electrolytic Chip Capacitors with Conductive Polymer Electrode
TCJD106M050R0120 AVX-TCJD106M050R0120 Datasheet
143Kb / 8P
   Tantalum Solid Electrolytic Chip Capacitors with Conductive Polymer Electrode
TCJB107M006R0045 AVX-TCJB107M006R0045 Datasheet
109Kb / 4P
   Tantalum Solid Electrolytic Chip Capacitors with Conductive Polymer Electrode
TCJA476M006R0200 AVX-TCJA476M006R0200 Datasheet
109Kb / 4P
   Tantalum Solid Electrolytic Chip Capacitors with Conductive Polymer Electrode
TCJD475M063R0120 AVX-TCJD475M063R0120 Datasheet
143Kb / 8P
   Tantalum Solid Electrolytic Chip Capacitors with Conductive Polymer Electrode
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com