Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

G2R-K-1AZ4-TE Datasheet(PDF) 14 Page - Omron Electronics LLC

Part # G2R-K-1AZ4-TE
Description  PCB Power Relay
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G2R-K-1AZ4-TE Datasheet(HTML) 14 Page - Omron Electronics LLC

Back Button G2R-K-1AZ4-TE Datasheet HTML 6Page - Omron Electronics LLC G2R-K-1AZ4-TE Datasheet HTML 7Page - Omron Electronics LLC G2R-K-1AZ4-TE Datasheet HTML 8Page - Omron Electronics LLC G2R-K-1AZ4-TE Datasheet HTML 9Page - Omron Electronics LLC G2R-K-1AZ4-TE Datasheet HTML 10Page - Omron Electronics LLC G2R-K-1AZ4-TE Datasheet HTML 11Page - Omron Electronics LLC G2R-K-1AZ4-TE Datasheet HTML 12Page - Omron Electronics LLC G2R-K-1AZ4-TE Datasheet HTML 13Page - Omron Electronics LLC G2R-K-1AZ4-TE Datasheet HTML 14Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 14 / 14 page
background image
14
G2R
PCB Power Relay
G
2
R
■Precautions
●Please refer to “PCB Relays Common Precautions” for correct use.
●Mounting
• When mounting a number of relays on
a PCB, be sure to provide a minimum
mounting space of 5 mm between the
two juxtaposed relays as shown
below.
●Handling
• The terminals are compatible with
Faston receptacle #187 and are
suitable for positive-lock mounting.
Use only Faston terminals with the
specified numbers.
Select leads for connecting Faston
receptacles with wire diameters that
are within the allowable range for the
load current.
Do not apply excessive force to the
terminals when mounting or
dismounting the Faston receptacle.
Also, do not insert terminals at an
angle, or insert/remove multiple
terminals at the same time. Be sure to
insert and remove terminals carefully
one at a time.
Refer to the following table for
examples of positive-lock connectors
made by AMP. Contact the
manufacturer directly for details on
connectors including availability.
Note: The numbers shown in parentheses are for
air-feeding.
●Minimum Pulse Width of Double-
winding Latching Relays
• The minimum pulse width shown in
the table of characteristics are values
measured under conditions of ambient
temperature at 23°C with rated
operating voltage imposed on coil. The
Relay may not provide a satisfactory
performance as its holding ability
decreases depending on the operating
circuit conditions and ambient
temperature, or decreases due to
degradation over time.
In actual operation, impose to the coil
a rated operating voltage with a pulse
width that is suitable to the actual load,
and reset the setting at least once a
year, to correspond to the degradation
over time.
• When using the Relay in a strong
magnetic field environment, the
magnetic body may be demagnetized
due to the influence of environment,
causing the Relay to malfunction.
Therefore, do not use the Relay in a
strong magnetic field environment.
●Degradation over Time of Double-
winding Latching Relays Holding
Ability
• If a double-winding latching Relay is
used left set for an extended period,
changes over time will degrade the
magnetic force, and the reduction in
holding ability may cause the set
status to be released. This is also
because of the properties of semi-
hard magnetic material, and the rate
of degradation over time depends on
the ambient environment (e.g.,
temperature, humidity, vibration, and
presence or absence of external
magnetic fields).Perform maintenance
at least once a year by resetting,
applying the rated voltage again, and
then setting.
●Wiring High Capacity (-E) Models
• High-capacity models (-E) have a
structure that connects two terminals
from one contact.
When designing the circuit, use both
terminals.
If you use only one terminal, the relay
may be unable to satisfy specified
performance.
Correct Use
5 mm
min.
5 mm min.
Type
Receptacle
terminals
Positive housing
#187
(Width
4.75)
AMP170330-1
(170324-1)
AMP170331-1
(170325-1)
AMP170332-1
(170326-1)
AMP172074-1
(natural color)
AMP172074-4
(yellow)
AMP172074-5
(green)
AMP172074-6
(blue)
• Application examples provided in this document are for reference only. In actual applications, confirm equipment functions and safety before using the product.
• Consult your OMRON representative before using the product under conditions which are not described in the manual or applying the product to nuclear control systems, railroad
systems, aviation systems, vehicles, combustion systems, medical equipment, amusement machines, safety equipment, and other systems or equipment that may have a serious
influence on lives and property if used improperly. Make sure that the ratings and performance characteristics of the product provide a margin of safety for the system or
equipment, and be sure to provide the system or equipment with double safety mechanisms.
OMRON Corporation
Electronic and Mechanical Components Company
Contact: www.omron.com/ecb
Cat. No. K013-E1-13
0812(0207)(O)
Note: Do not use this document to operate the Unit.


Similar Part No. - G2R-K-1AZ4-TE

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G2R-1 OMRON-G2R-1 Datasheet
1Mb / 19P
PCB Relay A Power Relay for a Variety of Purposes with Various Models
G2R-1 OMRON-G2R-1 Datasheet
562Kb / 14P
Power PCB Relay
G2R-1 OMRON-G2R-1 Datasheet
1Mb / 15P
A POWER RELAY FOR A VARIETY OF PURPOSES WITH VARIOUS MODELS
G2R-1 OMRON-G2R-1 Datasheet
656Kb / 12P
Creepage distance of 8.0 mm min. between coil and con tact.
G2R-1 OMRON-G2R-1 Datasheet
656Kb / 12P
Power PCB Relay
More results

Similar Description - G2R-K-1AZ4-TE

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G6D-1A OMRON-G6D-1A Datasheet
125Kb / 4P
Power PCB Relay
logo
American Electronic Com...
DM85-INRUSH AEC-DM85-INRUSH Datasheet
210Kb / 2P
pcb power relay
logo
Willow Technologies Ltd
DG05 WILLOW-DG05 Datasheet
172Kb / 2P
pcb power relay
logo
American Electronic Com...
DM43 AEC-DM43 Datasheet
261Kb / 3P
pcb power relay
DM44 AEC-DM44 Datasheet
236Kb / 2P
pcb power relay
logo
Tyco Electronics
RT2 MACOM-RT2 Datasheet
246Kb / 3P
Power PCB Relay
42900 MACOM-42900 Datasheet
271Kb / 3P
Power PCB Relay
logo
Omron Electronics LLC
G8PT OMRON-G8PT Datasheet
2Mb / 8P
Power PCB Relay
G4W OMRON-G4W Datasheet
180Kb / 6P
PCB Power Relay
G2R OMRON-G2R Datasheet
562Kb / 14P
Power PCB Relay
G2R-1A-DC12 OMRON-G2R-1A-DC12 Datasheet
656Kb / 12P
Power PCB Relay
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com