Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KM4110 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # KM4110
Description  0.5mA, Low Cost, 2.7V & 5V, 75MHz Rail-to-Rail Amplifiers
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KM4110 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  KM4110 Datasheet HTML 1Page - Fairchild Semiconductor KM4110 Datasheet HTML 2Page - Fairchild Semiconductor KM4110 Datasheet HTML 3Page - Fairchild Semiconductor KM4110 Datasheet HTML 4Page - Fairchild Semiconductor KM4110 Datasheet HTML 5Page - Fairchild Semiconductor KM4110 Datasheet HTML 6Page - Fairchild Semiconductor KM4110 Datasheet HTML 7Page - Fairchild Semiconductor KM4110 Datasheet HTML 8Page - Fairchild Semiconductor KM4110 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Features
s
505
µA supply current
s
75MHz bandwidth
s
Power down to Is = 33µA (KM4120)
s
Fully specified at +2.7V and +5V supplies
s
Output voltage range: 0.07V to 4.86V; Vs = +5
s
Input voltage range: -0.3V to +3.8V; Vs = +5
s
50V/
µs slew rate
s
±15mA linear output current
s
±30mA output short circuit current
s
12nV/
√Hz input voltage noise
s
Directly replaces AD8031 in single
supply applications
s
Small package options (SOT23-5 and SOT23-6)
Applications
s
Portable/battery-powered applications
s
A/D buffer
s
Active filters
s
Signal conditioning
s
Portable test instruments
General Description
The KM4110 (single) and KM4120 (single with disable)
are low cost, voltage feedback amplifiers. These
amplifiers are designed to operate on +2.7V, +5V, or
±2.5V supplies. The input voltage range extends
300mV below the negative rail and 1.2V below the
positive rail.
The KM4110 offers superior dynamic performance
with a 75MHz small signal bandwidth and 50V/
µs
slew rate. The combination of low power, high
output current drive, and rail-to-rail performance
make the KM4110 well suited for battery-powered
communication/ computing systems.
The combination of low cost and high performance
make the KM4110 suitable for high volume applica-
tions in both consumer and industrial applications
such as wireless phones, scanners, and color copiers.
KM4110/KM4120
0.5mA, Low Cost, +2.7V & +5V, 75MHz Rail-to-Rail Amplifiers
www.fairchildsemi.com
REV. 1A February 2001
KM4110/KM4120 Packages
-
1
2
3
Out
-Vs
+In
+Vs
-In
5
4
-
1
2
3
Out
-Vs
+In
+Vs
-In
6
4
5
DIS
SOT23-5 (KM4110)
SOT23-6 (KM4120)
Non-Inverting Freq. Response Vs = +5V
Frequency (MHz)
0.1
1
10
100
G = 2
Rf = 1kΩ


Similar Part No. - KM4110

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KM4111 FAIRCHILD-KM4111 Datasheet
151Kb / 10P
0.2mA, Low Cost, 2.7V & 5V, 35MHz Rail-to-Rail Amplifiers
KM4112 FAIRCHILD-KM4112 Datasheet
139Kb / 9P
70A, Low Cost, 2.7V & 5V, 7.3MHz Rail-to-Rail Amplifier
More results

Similar Description - KM4110

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR1008 EXAR-XR1008 Datasheet
750Kb / 17P
0.5mA, 75MHz Rail-to-Rail Amplifiers
CLC1008 EXAR-CLC1008 Datasheet
2Mb / 16P
0.5mA, Low Cost, 2.5 to 5.5V, 75MHz Rail-to-Rail Amplifiers
logo
Cadeka Microcircuits LL...
CLC1008 CADEKA-CLC1008 Datasheet
3Mb / 17P
0.5mA, Low Cost, 2.5 to 5.5V, 75MHz Rail-to-Rail Amplifiers
logo
Fairchild Semiconductor
KM4210 FAIRCHILD-KM4210 Datasheet
77Kb / 2P
Dual, 0.5mA, Low Cost, 2.7V and %V, 75MHz Rail-to-Rail Amplifier
KM4111 FAIRCHILD-KM4111 Datasheet
151Kb / 10P
0.2mA, Low Cost, 2.7V & 5V, 35MHz Rail-to-Rail Amplifiers
KM4170 FAIRCHILD-KM4170 Datasheet
459Kb / 16P
Low Cost, 2.7V & 5V, Rail-to-Rail I/O Amplifiers
KM4100 FAIRCHILD-KM4100 Datasheet
333Kb / 11P
Low Cost, 2.7V and 5V, 260MHz Rail-to-Rail Amplifiers
logo
Exar Corporation
CLC1005 EXAR-CLC1005 Datasheet
2Mb / 19P
Low Cost, 2.7V to 5.5V, 260MHz Rail-to-Rail Amplifiers
logo
Fairchild Semiconductor
KM4112 FAIRCHILD-KM4112 Datasheet
139Kb / 9P
70A, Low Cost, 2.7V & 5V, 7.3MHz Rail-to-Rail Amplifier
KM4200 FAIRCHILD-KM4200 Datasheet
322Kb / 11P
Dual, Low Cost, 2.7V & 5V, 260MHz Rail-to-Rail Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com