Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KM4110 Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # KM4110
Description  0.5mA, Low Cost, 2.7V & 5V, 75MHz Rail-to-Rail Amplifiers
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KM4110 Datasheet(HTML) 4 Page - Fairchild Semiconductor

  KM4110 Datasheet HTML 1Page - Fairchild Semiconductor KM4110 Datasheet HTML 2Page - Fairchild Semiconductor KM4110 Datasheet HTML 3Page - Fairchild Semiconductor KM4110 Datasheet HTML 4Page - Fairchild Semiconductor KM4110 Datasheet HTML 5Page - Fairchild Semiconductor KM4110 Datasheet HTML 6Page - Fairchild Semiconductor KM4110 Datasheet HTML 7Page - Fairchild Semiconductor KM4110 Datasheet HTML 8Page - Fairchild Semiconductor KM4110 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
DATA SHEET
KM4110/KM4120
4
REV. 1A February 2001
KM4110/KM4120 Performance Characteristics (Vs = +5V, G = 2, RL = 1kΩ to Vs/2, Rf = 1kΩ; unless noted)
Non-Inverting Freq. Response Vs = +5V
Frequency (MHz)
0.1
1
G = 10
Rf = 1kΩ
10
100
G = 5
Rf = 1kΩ
G = 1
Rf = 0
G = 2
Rf = 1kΩ
Inverting Freq. Response Vs = +5V
Frequency (MHz)
0.1
1
G = -10
Rf = 1kΩ
10
100
G = -5
Rf = 1kΩ
G = -2
Rf = 1kΩ
G = -1
Rf = 1kΩ
Non-Inverting Freq. Response Vs = +2.7V
Frequency (MHz)
0.1
1
G = 10
Rf = 2kΩ
10
100
G = 5
Rf = 1kΩ
G = 1
Rf = 0
G = 2
Rf = 1kΩ
Inverting Freq. Response Vs = +2.7V
Frequency (MHz)
0.1
1
G = -10
Rf = 1kΩ
10
100
G = -5
Rf = 1kΩ
G = -1
Rf = 1kΩ
G = -2
Rf = 1kΩ
Frequency Response vs. CL
Frequency (MHz)
0.1
1
10
100
CL = 100pF
Rs = 100Ω
CL = 50pF
Rs = 100Ω
CL = 10pF
Rs = 0Ω
CL = 20pF
Rs = 100Ω
+
-
1k
1k
Rs
CL
RL
Frequency Response vs. RL
Frequency (MHz)
0.1
1
10
100
RL = 1kΩ
RL = 10kΩ
RL = 100Ω
Large Signal Frequency Response
Frequency (MHz)
0.1
1
10
100
Vo = 1Vpp
Vo = 2Vpp
Vo = 4Vpp
Frequency Response vs. Temperature
Frequency (MHz)
0.01
1
100
10
0.1


Similar Part No. - KM4110

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KM4111 FAIRCHILD-KM4111 Datasheet
151Kb / 10P
   0.2mA, Low Cost, 2.7V & 5V, 35MHz Rail-to-Rail Amplifiers
KM4112 FAIRCHILD-KM4112 Datasheet
139Kb / 9P
   70A, Low Cost, 2.7V & 5V, 7.3MHz Rail-to-Rail Amplifier
More results

Similar Description - KM4110

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR1008 EXAR-XR1008 Datasheet
750Kb / 17P
   0.5mA, 75MHz Rail-to-Rail Amplifiers
CLC1008 EXAR-CLC1008 Datasheet
2Mb / 16P
   0.5mA, Low Cost, 2.5 to 5.5V, 75MHz Rail-to-Rail Amplifiers
logo
Cadeka Microcircuits LL...
CLC1008 CADEKA-CLC1008 Datasheet
3Mb / 17P
   0.5mA, Low Cost, 2.5 to 5.5V, 75MHz Rail-to-Rail Amplifiers
logo
Fairchild Semiconductor
KM4210 FAIRCHILD-KM4210 Datasheet
77Kb / 2P
   Dual, 0.5mA, Low Cost, 2.7V and %V, 75MHz Rail-to-Rail Amplifier
KM4111 FAIRCHILD-KM4111 Datasheet
151Kb / 10P
   0.2mA, Low Cost, 2.7V & 5V, 35MHz Rail-to-Rail Amplifiers
KM4170 FAIRCHILD-KM4170 Datasheet
459Kb / 16P
   Low Cost, 2.7V & 5V, Rail-to-Rail I/O Amplifiers
KM4100 FAIRCHILD-KM4100 Datasheet
333Kb / 11P
   Low Cost, 2.7V and 5V, 260MHz Rail-to-Rail Amplifiers
logo
Exar Corporation
CLC1005 EXAR-CLC1005 Datasheet
2Mb / 19P
   Low Cost, 2.7V to 5.5V, 260MHz Rail-to-Rail Amplifiers
logo
Fairchild Semiconductor
KM4112 FAIRCHILD-KM4112 Datasheet
139Kb / 9P
   70A, Low Cost, 2.7V & 5V, 7.3MHz Rail-to-Rail Amplifier
KM4200 FAIRCHILD-KM4200 Datasheet
322Kb / 11P
   Dual, Low Cost, 2.7V & 5V, 260MHz Rail-to-Rail Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com