Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

V78-1000 Datasheet(PDF) 1 Page - CUI INC

Part # V78-1000
Description  NON-ISOLATED SWITCHING REGULATOR
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

V78-1000 Datasheet(HTML) 1 Page - CUI INC

  V78-1000 Datasheet HTML 1Page - CUI INC V78-1000 Datasheet HTML 2Page - CUI INC V78-1000 Datasheet HTML 3Page - CUI INC V78-1000 Datasheet HTML 4Page - CUI INC V78-1000 Datasheet HTML 5Page - CUI INC V78-1000 Datasheet HTML 6Page - CUI INC V78-1000 Datasheet HTML 7Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
cui.com
date 04/22/2013
page 1 of 7
SERIES: V78-1000
│ DESCRIPTION: NON-ISOLATED SWITCHING REGULATOR
date 04/22/2013
page 1 of 7
FEATURES
• 1 A current output
• extremely high efficiency up to 97%
• no heat sink required
• pin compatible to LM78XX linear regulators
• available in straight and right angle SIP packages
• low ripple and noise
• short circuit protection, thermal shutdown
• wide temperature (-40~85°C)
RoHS
PART NUMBER KEY
MODEL
input
voltage
output
voltage
output
current
ripple
and noise1
efficiency
typ
(Vdc)
range
(Vdc)
(Vdc)
max
(mA)
max
(mVp-p)
Vin min
(%)
Vin max
(%)
V7803-1000
24
4.75~28
3.3
1,000
35
90
83
V7805-1000
24
6.5~32
5
1,000
35
93
88
V7806-1000
24
9~32
6.5
1,000
35
94
90
V7809-1000
24
12~32
9
1,000
35
95
92
V7812-1000
24
16~32
12
1,000
35
96
94
V7815-1000
24
20~32
15
1,000
35
97
94
Notes:
1. ripple and noise are measured at 20 MHz BW
V78 XX - 1000 X
Output Voltage
Output Current
Base Number
"blank" = straight pins
R = 90° pins


Similar Part No. - V78-1000

ManufacturerPart #DatasheetDescription
logo
CUI INC
V78-1000 CUI-V78-1000 Datasheet
1Mb / 7P
NON-ISOLATED SWITCHING REGULATOR
09/22/2021
V78-1000-SMT CUI-V78-1000-SMT Datasheet
552Kb / 6P
NON-ISOLATED SWITCHING REGULATOR
V78-1000-SMT CUI-V78-1000-SMT Datasheet
461Kb / 6P
NON-ISOLATED SWITCHING REGULATOR
09/16/2020
V78-1000-SMT CUI-V78-1000-SMT_V01 Datasheet
461Kb / 6P
NON-ISOLATED SWITCHING REGULATOR
09/16/2020
V78-1000 CUI-V78-1000_V01 Datasheet
1Mb / 7P
NON-ISOLATED SWITCHING REGULATOR
09/22/2021
More results

Similar Description - V78-1000

ManufacturerPart #DatasheetDescription
logo
CUI INC
V7802-1000-SMT CUI-V7802-1000-SMT Datasheet
453Kb / 6P
NON-ISOLATED SWITCHING REGULATOR
P7805-S CUI-P7805-S Datasheet
480Kb / 6P
NON-ISOLATED SWITCHING REGULATOR
V78-1500 CUI-V78-1500 Datasheet
670Kb / 6P
NON-ISOLATED SWITCHING REGULATOR
V78-1000 CUI-V78-1000_V01 Datasheet
1Mb / 7P
NON-ISOLATED SWITCHING REGULATOR
09/22/2021
V78-1500 CUI-V78-1500_V01 Datasheet
1Mb / 6P
NON-ISOLATED SWITCHING REGULATOR
09/22/2021
V78-500 CUI-V78-500_V01 Datasheet
457Kb / 7P
NON-ISOLATED SWITCHING REGULATOR
06/24/2019
P783-S CUI-P783-S Datasheet
1Mb / 7P
NON-ISOLATED SWITCHING REGULATOR
09/23/2021
V78-500-SMT CUI-V78-500-SMT_V01 Datasheet
1Mb / 8P
NON-ISOLATED SWITCHING REGULATOR
08/17/2021
P78-2000-S CUI-P78-2000-S Datasheet
2Mb / 6P
NON-ISOLATED SWITCHING REGULATOR
09/23/2021
P78-2000R-S CUI-P78-2000R-S Datasheet
1Mb / 6P
NON-ISOLATED SWITCHING REGULATOR
08/08/2022
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com