Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

V78-1000 Datasheet(PDF) 5 Page - CUI INC

Part # V78-1000
Description  NON-ISOLATED SWITCHING REGULATOR
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

V78-1000 Datasheet(HTML) 5 Page - CUI INC

  V78-1000 Datasheet HTML 1Page - CUI INC V78-1000 Datasheet HTML 2Page - CUI INC V78-1000 Datasheet HTML 3Page - CUI INC V78-1000 Datasheet HTML 4Page - CUI INC V78-1000 Datasheet HTML 5Page - CUI INC V78-1000 Datasheet HTML 6Page - CUI INC V78-1000 Datasheet HTML 7Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
cui.com
CUI Inc
│ SERIES: V78-1000 │ DESCRIPTION: NON-ISOLATED SWITCHING REGULATOR
date 04/22/2013
│ page 5 of 7
EFFICIENCY AND RIPPLE CURVES
V7803-1000
V7805-1000
V7812-1000
V7806-1000
V7809-1000
V7815-1000
V7803-1000
V7805-1000
V7812-1000
V7806-1000
V7809-1000
V7815-1000
V7803-1000
V7805-1000
V7812-1000
V7806-1000
V7809-1000
V7815-1000
V7803-1000
V7805-1000
V7812-1000
V7806-1000
V7809-1000
V7815-1000
V7803-1000
V7805-1000
V7812-1000
V7806-1000
V7809-1000
V7815-1000
V7803-1000
V7805-1000
V7812-1000
V7806-1000
V7809-1000
V7815-1000
Efficiency
Ripple
Efficiency VS Vin(Full Load)
60
70
80
90
100
4.75
8121620242832 Vin(V)
Efficiency(%)
V7803-1000
V7805-1000
V7812-1000
V7806-1000
V7809-1000
V7815-1000
Ripple VS Vin( Full Load)
5
10
15
20
25
30
35
40
4.75
8121620242832 Vin(V)
Ripple (mV)
Efficiency VS Load(Vin=Vin_min)
65
70
75
80
85
90
95
100
40
80
200400
600800 1000 Load(mA)
Efficiency(%)
Ripple VS Load(Vin=Vin_min)
0
5
10
15
20
40
80
200400
600800
1000 Load(mA)
Ripple(mV)
Efficiency VS Load(Vin=Vin_max)
50
60
70
80
90
100
40
80
200400
600
8001000 Load(mA)
Efficiency(%)
Ripple VS Load(Vin=24V)
0
5
10
15
20
25
30
35
40
80
200400
600800 1000 Load(mA)
Ripple(mV)


Similar Part No. - V78-1000

ManufacturerPart #DatasheetDescription
logo
CUI INC
V78-1000 CUI-V78-1000 Datasheet
1Mb / 7P
NON-ISOLATED SWITCHING REGULATOR
09/22/2021
V78-1000-SMT CUI-V78-1000-SMT Datasheet
552Kb / 6P
NON-ISOLATED SWITCHING REGULATOR
V78-1000-SMT CUI-V78-1000-SMT Datasheet
461Kb / 6P
NON-ISOLATED SWITCHING REGULATOR
09/16/2020
V78-1000-SMT CUI-V78-1000-SMT_V01 Datasheet
461Kb / 6P
NON-ISOLATED SWITCHING REGULATOR
09/16/2020
V78-1000 CUI-V78-1000_V01 Datasheet
1Mb / 7P
NON-ISOLATED SWITCHING REGULATOR
09/22/2021
More results

Similar Description - V78-1000

ManufacturerPart #DatasheetDescription
logo
CUI INC
V78-1500 CUI-V78-1500 Datasheet
670Kb / 6P
NON-ISOLATED SWITCHING REGULATOR
V78-500 CUI-V78-500_V01 Datasheet
457Kb / 7P
NON-ISOLATED SWITCHING REGULATOR
06/24/2019
V78-1500 CUI-V78-1500_V01 Datasheet
1Mb / 6P
NON-ISOLATED SWITCHING REGULATOR
09/22/2021
P78-2000R-S CUI-P78-2000R-S Datasheet
1Mb / 6P
NON-ISOLATED SWITCHING REGULATOR
08/08/2022
V78-1000 CUI-V78-1000_V01 Datasheet
1Mb / 7P
NON-ISOLATED SWITCHING REGULATOR
09/22/2021
P783-S CUI-P783-S Datasheet
1Mb / 7P
NON-ISOLATED SWITCHING REGULATOR
09/23/2021
V7802-1000-SMT CUI-V7802-1000-SMT Datasheet
453Kb / 6P
NON-ISOLATED SWITCHING REGULATOR
P7805-S CUI-P7805-S Datasheet
480Kb / 6P
NON-ISOLATED SWITCHING REGULATOR
V78-500-SMT CUI-V78-500-SMT_V01 Datasheet
1Mb / 8P
NON-ISOLATED SWITCHING REGULATOR
08/17/2021
P78-2000-S CUI-P78-2000-S Datasheet
2Mb / 6P
NON-ISOLATED SWITCHING REGULATOR
09/23/2021
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com