Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

V78-1000 Datasheet(PDF) 4 Page - CUI INC

Part # V78-1000
Description  NON-ISOLATED SWITCHING REGULATOR
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

V78-1000 Datasheet(HTML) 4 Page - CUI INC

  V78-1000 Datasheet HTML 1Page - CUI INC V78-1000 Datasheet HTML 2Page - CUI INC V78-1000 Datasheet HTML 3Page - CUI INC V78-1000 Datasheet HTML 4Page - CUI INC V78-1000 Datasheet HTML 5Page - CUI INC V78-1000 Datasheet HTML 6Page - CUI INC V78-1000 Datasheet HTML 7Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
cui.com
CUI Inc
│ SERIES: V78-1000 │ DESCRIPTION: NON-ISOLATED SWITCHING REGULATOR
date 04/22/2013
│ page 4 of 7
EXTERNAL CAPACITOR TABLE
Part Number
C1,C3 (Ceramic capacitor)
C2,C4 (Ceramic capacitor)
V7803-1000(R)
10μF/50V
22μF/6.3V
V7805-1000(R)
10μF/50V
22μF/10V
V7806-1000(R)
10μF/50V
10μF/10V
V7809-1000(R)
10μF/50V
10μF/16V
V7812-1000(R)
10μF/50V
10μF/25V
V7815-1000(R)
10μF/50V
10μF/25V
TYPICAL APPLICATION CIRCUIT
APPLICATION EXAMPLE
V78XX-1000(R)
V78XX-1000(R)
1
2
3
+Vin
GND
-Vout
C2
GND
1
2
3
+Vout
C3
C4
1. C1 and C2 are required and should be fitted close to the converter
pins.
2. The capacitance of C1,C2, C3 and C4 sees external capacitor
table, it can be increased properlyif required,and tantalum or low
ESR electrolytic capacitors may also suffice.
3. No parallel connectionorplug and play.
C1
V78XX-1000(R)
V78XX-1000(R)
1
2
3
Vin
GND
+Vout
C2
C1
1
2
3
+Vin
GND
-Vout
C2
C1
GND
OUTPUT RIPPLE REDUCTION
3
Vin
GND
+Vout
1
DC/DC
Converter
C1
22 F
2
C2
L
To reduce output ripple, it is recommended to add a LC filter in output port.
L: Recommended parameter 10 H~ 47 H.


Similar Part No. - V78-1000

ManufacturerPart #DatasheetDescription
logo
CUI INC
V78-1000 CUI-V78-1000 Datasheet
1Mb / 7P
   NON-ISOLATED SWITCHING REGULATOR
09/22/2021
V78-1000-SMT CUI-V78-1000-SMT Datasheet
552Kb / 6P
   NON-ISOLATED SWITCHING REGULATOR
V78-1000-SMT CUI-V78-1000-SMT Datasheet
461Kb / 6P
   NON-ISOLATED SWITCHING REGULATOR
09/16/2020
V78-1000-SMT CUI-V78-1000-SMT_V01 Datasheet
461Kb / 6P
   NON-ISOLATED SWITCHING REGULATOR
09/16/2020
V78-1000 CUI-V78-1000_V01 Datasheet
1Mb / 7P
   NON-ISOLATED SWITCHING REGULATOR
09/22/2021
More results

Similar Description - V78-1000

ManufacturerPart #DatasheetDescription
logo
CUI INC
V78-1500 CUI-V78-1500 Datasheet
670Kb / 6P
   NON-ISOLATED SWITCHING REGULATOR
V78-500 CUI-V78-500_V01 Datasheet
457Kb / 7P
   NON-ISOLATED SWITCHING REGULATOR
06/24/2019
V78-1500 CUI-V78-1500_V01 Datasheet
1Mb / 6P
   NON-ISOLATED SWITCHING REGULATOR
09/22/2021
P78-2000R-S CUI-P78-2000R-S Datasheet
1Mb / 6P
   NON-ISOLATED SWITCHING REGULATOR
08/08/2022
V78-1000 CUI-V78-1000_V01 Datasheet
1Mb / 7P
   NON-ISOLATED SWITCHING REGULATOR
09/22/2021
P783-S CUI-P783-S Datasheet
1Mb / 7P
   NON-ISOLATED SWITCHING REGULATOR
09/23/2021
V7802-1000-SMT CUI-V7802-1000-SMT Datasheet
453Kb / 6P
   NON-ISOLATED SWITCHING REGULATOR
P7805-S CUI-P7805-S Datasheet
480Kb / 6P
   NON-ISOLATED SWITCHING REGULATOR
V78-500-SMT CUI-V78-500-SMT_V01 Datasheet
1Mb / 8P
   NON-ISOLATED SWITCHING REGULATOR
08/17/2021
P78-2000-S CUI-P78-2000-S Datasheet
2Mb / 6P
   NON-ISOLATED SWITCHING REGULATOR
09/23/2021
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com