Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

V78-1000 Datasheet(PDF) 2 Page - CUI INC

Part # V78-1000
Description  NON-ISOLATED SWITCHING REGULATOR
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

V78-1000 Datasheet(HTML) 2 Page - CUI INC

  V78-1000 Datasheet HTML 1Page - CUI INC V78-1000 Datasheet HTML 2Page - CUI INC V78-1000 Datasheet HTML 3Page - CUI INC V78-1000 Datasheet HTML 4Page - CUI INC V78-1000 Datasheet HTML 5Page - CUI INC V78-1000 Datasheet HTML 6Page - CUI INC V78-1000 Datasheet HTML 7Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
cui.com
CUI Inc
│ SERIES: V78-1000 │ DESCRIPTION: NON-ISOLATED SWITCHING REGULATOR
date 04/22/2013
│ page 2 of 7
INPUT
parameter
conditions/description
min
typ
max
units
operating input voltage
3.3 V model
5 V model
6.5 V model
9 V model
12 V model
15 V model
4.75
6.5
9.0
12
16
20
24
24
24
24
24
24
28
32
32
32
32
32
Vdc
Vdc
Vdc
Vdc
Vdc
Vdc
OUTPUT
parameter
conditions/description
min
typ
max
units
line regulation
Vin = min ~ max, at full load
±0.2
±0.4
%
load regulation
measured from 10% load to full load
±0.4
±0.6
%
voltage accuracy
100% load
±2
±3
%
switching frequency
100% load, input voltage range
280
330
450
kHz
temperature coefficient
±0.02
%/°C
load capatance
1,000
μF
PROTECTIONS
parameter
conditions/description
min
typ
max
units
short circuit protection
continuous, automatic recovery
thermal shutdown
150
°C
SAFETY AND COMPLIANCE
parameter
conditions/description
min
typ
max
units
MTBF
2,000,000
hours
RoHS compliant
yes
ENVIRONMENTAL
parameter
conditions/description
min
typ
max
units
operating temperature
-40
85
°C
storage temperature
-55
125
°C
case temperature
100
°C
storage humidity
non-condensing
95
%
temperature rise
at full load
25
°C
lead temperature
1.5 mm from case for 10 seconds
300
°C


Similar Part No. - V78-1000

ManufacturerPart #DatasheetDescription
logo
CUI INC
V78-1000 CUI-V78-1000 Datasheet
1Mb / 7P
NON-ISOLATED SWITCHING REGULATOR
09/22/2021
V78-1000-SMT CUI-V78-1000-SMT Datasheet
552Kb / 6P
NON-ISOLATED SWITCHING REGULATOR
V78-1000-SMT CUI-V78-1000-SMT Datasheet
461Kb / 6P
NON-ISOLATED SWITCHING REGULATOR
09/16/2020
V78-1000-SMT CUI-V78-1000-SMT_V01 Datasheet
461Kb / 6P
NON-ISOLATED SWITCHING REGULATOR
09/16/2020
V78-1000 CUI-V78-1000_V01 Datasheet
1Mb / 7P
NON-ISOLATED SWITCHING REGULATOR
09/22/2021
More results

Similar Description - V78-1000

ManufacturerPart #DatasheetDescription
logo
CUI INC
V78-1500 CUI-V78-1500 Datasheet
670Kb / 6P
NON-ISOLATED SWITCHING REGULATOR
V78-500 CUI-V78-500_V01 Datasheet
457Kb / 7P
NON-ISOLATED SWITCHING REGULATOR
06/24/2019
V78-1500 CUI-V78-1500_V01 Datasheet
1Mb / 6P
NON-ISOLATED SWITCHING REGULATOR
09/22/2021
P78-2000R-S CUI-P78-2000R-S Datasheet
1Mb / 6P
NON-ISOLATED SWITCHING REGULATOR
08/08/2022
V78-1000 CUI-V78-1000_V01 Datasheet
1Mb / 7P
NON-ISOLATED SWITCHING REGULATOR
09/22/2021
P783-S CUI-P783-S Datasheet
1Mb / 7P
NON-ISOLATED SWITCHING REGULATOR
09/23/2021
V7802-1000-SMT CUI-V7802-1000-SMT Datasheet
453Kb / 6P
NON-ISOLATED SWITCHING REGULATOR
P7805-S CUI-P7805-S Datasheet
480Kb / 6P
NON-ISOLATED SWITCHING REGULATOR
V78-500-SMT CUI-V78-500-SMT_V01 Datasheet
1Mb / 8P
NON-ISOLATED SWITCHING REGULATOR
08/17/2021
P78-2000-S CUI-P78-2000-S Datasheet
2Mb / 6P
NON-ISOLATED SWITCHING REGULATOR
09/23/2021
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com