Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KA7541 Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # KA7541
Description  Simple Ballast Controller
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KA7541 Datasheet(HTML) 2 Page - Fairchild Semiconductor

  KA7541 Datasheet HTML 1Page - Fairchild Semiconductor KA7541 Datasheet HTML 2Page - Fairchild Semiconductor KA7541 Datasheet HTML 3Page - Fairchild Semiconductor KA7541 Datasheet HTML 4Page - Fairchild Semiconductor KA7541 Datasheet HTML 5Page - Fairchild Semiconductor KA7541 Datasheet HTML 6Page - Fairchild Semiconductor KA7541 Datasheet HTML 7Page - Fairchild Semiconductor KA7541 Datasheet HTML 8Page - Fairchild Semiconductor KA7541 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
KA7541
2
Internal Block Diagram
Absolute Maximum Ratings
Absolute Maximum Ratings (-25
°°°°C≤≤≤≤Ta≤≤≤≤125°°°°C)
Parameter
Symbol
Value
Unit
Supply voltage
VCC
30
V
Peak drive output current
IOH, IOL
±300
mA
Drive output clamping diodes
VO>VCC, or VO<
−0.3
Iclamp
±10
mA
Soft start, and no lamp detection input voltage
VIN
−0.3 to 6
V
Operating temperature range
Topr
-25 to 125
°C
Storage temperature range
Tstg
−65 to 150
°C
Power dissipation
8-DIP
Pd
0.8
W
8-SOP
0.5
Thermal resistance (Junction-to-air)
8-DIP
θja
100
°C/W
8-SOP
165
Parameter
Symbol
Value
Unit
Temperature stability for reference voltage (Vref)
∆Vref(Typ)
15
mV
Temperature stability for operating frequency (fos)
∆fos(Typ)
5
kHz
CS
0.22
µF
1
2
3
4
5
6
7
8
Ct
RS
Ldet
180pF
+
Vref
IH
Ict
2V Ref
Internal
bias
+
+
+
IC
1.8V
9.5V
F.D
UVLO
UVLO
Frequency
divider
+
Shut down signal
40k
5pF
2V
+
8Ict
latch
Q
IH = Ik
× (Vref − VSS) / Vref
IS = Vref / RS
VCC
OUT 1
OUT 2
GND
3pF
Current
mirror
VZ
Ik = IS / 6
VCC
VCC
Vref
Oscilator
IS
22k
2.5
µA
30k
2k
+
-
-
+
3V
1V
Oscilator
S
R


Similar Part No. - KA7541

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KA7540 SAMSUNG-KA7540 Datasheet
104Kb / 14P
   Simple Dimming Ballast Control IC
KA7540D SAMSUNG-KA7540D Datasheet
104Kb / 14P
   Simple Dimming Ballast Control IC
logo
Fairchild Semiconductor
KA75420 FAIRCHILD-KA75420 Datasheet
48Kb / 8P
   Voltage Detector
KA75420M FAIRCHILD-KA75420M Datasheet
48Kb / 8P
   Voltage Detector
KA75420M FAIRCHILD-KA75420M Datasheet
55Kb / 8P
   Voltage Detector
More results

Similar Description - KA7541

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN7544 FAIRCHILD-FAN7544 Datasheet
1Mb / 14P
   Simple Ballast Controller
logo
AUK corp
S6510P AUK-S6510P Datasheet
340Kb / 6P
   SIMPLE BALLAST CONTROLLER
S6510 AUK-S6510 Datasheet
316Kb / 6P
   SIMPLE BALLAST CONTROLLER
logo
Samsung semiconductor
KA7540 SAMSUNG-KA7540 Datasheet
104Kb / 14P
   Simple Dimming Ballast Control IC
logo
Micro Linear Corporatio...
ML4831 MICRO-LINEAR-ML4831 Datasheet
325Kb / 14P
   Electronic Ballast Controller
ML4830 MICRO-LINEAR-ML4830 Datasheet
218Kb / 15P
   Electronic Ballast Controller
logo
Princeton Technology Co...
PT5631 PTC-PT5631_10 Datasheet
391Kb / 4P
   Dimming Ballast Controller IC
PT5621 PTC-PT5621_10 Datasheet
835Kb / 4P
   Three-Way Ballast Controller
PT5611 PTC-PT5611 Datasheet
338Kb / 4P
   Dimming Ballast Controller IC
PT5621 PTC-PT5621 Datasheet
835Kb / 4P
   Three-Way Ballast Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com