Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KA7541 Datasheet(PDF) 10 Page - Fairchild Semiconductor

Part # KA7541
Description  Simple Ballast Controller
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KA7541 Datasheet(HTML) 10 Page - Fairchild Semiconductor

Back Button KA7541 Datasheet HTML 6Page - Fairchild Semiconductor KA7541 Datasheet HTML 7Page - Fairchild Semiconductor KA7541 Datasheet HTML 8Page - Fairchild Semiconductor KA7541 Datasheet HTML 9Page - Fairchild Semiconductor KA7541 Datasheet HTML 10Page - Fairchild Semiconductor KA7541 Datasheet HTML 11Page - Fairchild Semiconductor KA7541 Datasheet HTML 12Page - Fairchild Semiconductor KA7541 Datasheet HTML 13Page - Fairchild Semiconductor KA7541 Datasheet HTML 14Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
KA7541
10
Component Listing
Part number
Value
Note
Manufacturer
R1
2.7M
1/4W
-
R2
18k
1/4W
-
R3, 12
150k
1W
-
R4, 13
22k
1/4W
-
R5, 10, 11
47
1/4W
-
R6
3.3
1/4W
-
R7
0.2
1W
-
R8
1.2M
1/4W
-
R9
103
Variable resistor
-
R14
180k
1/4W
-
R15, 16
330k
1/4W
-
R17, 18
680k
1/4W
-
R19
15k
1/4W
-
C1, 2
150nF, 275vac
Box-Cap
-
C3, 4
2200pF, 3000V
Y-Cap
-
C5
0.22
µF, 630V
Miller-Cap
-
C6, 10
47
µF, 35V
Electrolytic
-
C7
0.33
µFMLCC
-
C8
1nF, 25V
Ceramic
-
C9
47
µF, 450V
Electrolytic
-
C11, 21
0.22
µF, 25V
Ceramic
-
C12
180pF, 25V
Ceramic
-
C13
0.1
µF, 25V
Ceramic
-
C14
1nF, 630V
Miller-Cap
-
C15, 16
4700pF, 1000V
Miller-Cap
-
C17, 18, 19, 20
6800pF, 630V
Miller-Cap
-
Q1, 2, 3
500V, 3.6A
FQPF6N50
FairChild
D1, 2, 3, 4
1000V, 1A
1N4007
-
D5
1000V, 1A
UF4007
-
D6
75V, 150mA
1N4148
-
D7, 8
600V, 1A
1N4937
-
ZD1
15V, 1W
1N4744
-
L1
45mH
Line Filter
-
L2
590
µH (62T:5T)
EI3026
L3, 4
3.1mH (120T)
EI2820
-
T1
1.2mH(30T:60T)
EE1614
F1
250V, 3A
Fuse
-
TNR
470V
471
-
NTC
10
10D09
-


Similar Part No. - KA7541

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KA7540 SAMSUNG-KA7540 Datasheet
104Kb / 14P
   Simple Dimming Ballast Control IC
KA7540D SAMSUNG-KA7540D Datasheet
104Kb / 14P
   Simple Dimming Ballast Control IC
logo
Fairchild Semiconductor
KA75420 FAIRCHILD-KA75420 Datasheet
48Kb / 8P
   Voltage Detector
KA75420M FAIRCHILD-KA75420M Datasheet
48Kb / 8P
   Voltage Detector
KA75420M FAIRCHILD-KA75420M Datasheet
55Kb / 8P
   Voltage Detector
More results

Similar Description - KA7541

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN7544 FAIRCHILD-FAN7544 Datasheet
1Mb / 14P
   Simple Ballast Controller
logo
AUK corp
S6510P AUK-S6510P Datasheet
340Kb / 6P
   SIMPLE BALLAST CONTROLLER
S6510 AUK-S6510 Datasheet
316Kb / 6P
   SIMPLE BALLAST CONTROLLER
logo
Samsung semiconductor
KA7540 SAMSUNG-KA7540 Datasheet
104Kb / 14P
   Simple Dimming Ballast Control IC
logo
Micro Linear Corporatio...
ML4831 MICRO-LINEAR-ML4831 Datasheet
325Kb / 14P
   Electronic Ballast Controller
ML4830 MICRO-LINEAR-ML4830 Datasheet
218Kb / 15P
   Electronic Ballast Controller
logo
Princeton Technology Co...
PT5631 PTC-PT5631_10 Datasheet
391Kb / 4P
   Dimming Ballast Controller IC
PT5621 PTC-PT5621_10 Datasheet
835Kb / 4P
   Three-Way Ballast Controller
PT5611 PTC-PT5611 Datasheet
338Kb / 4P
   Dimming Ballast Controller IC
PT5621 PTC-PT5621 Datasheet
835Kb / 4P
   Three-Way Ballast Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com