Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KA7541 Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part # KA7541
Description  Simple Ballast Controller
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KA7541 Datasheet(HTML) 6 Page - Fairchild Semiconductor

Back Button KA7541 Datasheet HTML 2Page - Fairchild Semiconductor KA7541 Datasheet HTML 3Page - Fairchild Semiconductor KA7541 Datasheet HTML 4Page - Fairchild Semiconductor KA7541 Datasheet HTML 5Page - Fairchild Semiconductor KA7541 Datasheet HTML 6Page - Fairchild Semiconductor KA7541 Datasheet HTML 7Page - Fairchild Semiconductor KA7541 Datasheet HTML 8Page - Fairchild Semiconductor KA7541 Datasheet HTML 9Page - Fairchild Semiconductor KA7541 Datasheet HTML 10Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
KA7541
6
Figure 2. Oscillator sawtooth & Output gate drive waveform
As a result, the switching frequency is as following
Ts = 2
× (∆Tch + ∆Tdis) = 15.29µ
fsw = 1 / TS = 65KHz
The explicit equation calculating the size of the timing capacitor for a certain switching frequency is written below.
Soft Start
The switching frequency is linearly decreasing from the pre-heating frequency to the normal switching frequency.
In KA7541, the initial pre-heating frequency can be adjusted depending on the types of the lamps used. During the pre-heating
mode, a sixth of the soft start current (IS) which flows through the soft start resistor (RS) at pin #3 is added to the normal
timing capacitor charging current (50
µA). The rising and falling slope of the triangular waveform are increased due to this
added current.
Soft start current (IS) = 2V / RS
Rising slope: dv / dt = i / C = (50
µA + IS / 6) / Ct
Falling slope: dv / dt = i / C = 7
× (50µA + IS / 6) / Ct
So, once the value of RS and Ct are known, the pre-heating frequency can be calculated straightforward by using the
following equation.
The dead time ratio during pre-heating mode is maintained to be constant as well as in normal mode.
(on duty: dead time = 7:1 )
The voltage of the soft start capacitor (CS) determines the soft start time (tss). When VCC voltage exceeds the start-up voltage
(Vth(st)), the soft start capacitor start to be charged by the current source (313nA). The switching frequency decreases linearly
to fsw(nor) from fsw(pre) until the soft start capacitor voltage (VCS) touches 2V. Therefore the soft start duration time (tss)
can be acquired by the following formula.
Vct
(Pin #2)
Voutput
(Pin #6, 7)
Charging
Period(
∆Tch)
Discharging
Period(
∆Tdis)
2.86V
1.0V
14V
0V
C
t
11.76
10
6
×
f
sw
---------------------------------
=
fsw pre
()
50
10
6
0.33
Rs
-----------
+
×
Ct
4.25
×
-------------------------------------------
=


Similar Part No. - KA7541

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KA7540 SAMSUNG-KA7540 Datasheet
104Kb / 14P
   Simple Dimming Ballast Control IC
KA7540D SAMSUNG-KA7540D Datasheet
104Kb / 14P
   Simple Dimming Ballast Control IC
logo
Fairchild Semiconductor
KA75420 FAIRCHILD-KA75420 Datasheet
48Kb / 8P
   Voltage Detector
KA75420M FAIRCHILD-KA75420M Datasheet
48Kb / 8P
   Voltage Detector
KA75420M FAIRCHILD-KA75420M Datasheet
55Kb / 8P
   Voltage Detector
More results

Similar Description - KA7541

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN7544 FAIRCHILD-FAN7544 Datasheet
1Mb / 14P
   Simple Ballast Controller
logo
AUK corp
S6510P AUK-S6510P Datasheet
340Kb / 6P
   SIMPLE BALLAST CONTROLLER
S6510 AUK-S6510 Datasheet
316Kb / 6P
   SIMPLE BALLAST CONTROLLER
logo
Samsung semiconductor
KA7540 SAMSUNG-KA7540 Datasheet
104Kb / 14P
   Simple Dimming Ballast Control IC
logo
Micro Linear Corporatio...
ML4831 MICRO-LINEAR-ML4831 Datasheet
325Kb / 14P
   Electronic Ballast Controller
ML4830 MICRO-LINEAR-ML4830 Datasheet
218Kb / 15P
   Electronic Ballast Controller
logo
Princeton Technology Co...
PT5631 PTC-PT5631_10 Datasheet
391Kb / 4P
   Dimming Ballast Controller IC
PT5621 PTC-PT5621_10 Datasheet
835Kb / 4P
   Three-Way Ballast Controller
PT5611 PTC-PT5611 Datasheet
338Kb / 4P
   Dimming Ballast Controller IC
PT5621 PTC-PT5621 Datasheet
835Kb / 4P
   Three-Way Ballast Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com