Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KA7541 Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # KA7541
Description  Simple Ballast Controller
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KA7541 Datasheet(HTML) 4 Page - Fairchild Semiconductor

  KA7541 Datasheet HTML 1Page - Fairchild Semiconductor KA7541 Datasheet HTML 2Page - Fairchild Semiconductor KA7541 Datasheet HTML 3Page - Fairchild Semiconductor KA7541 Datasheet HTML 4Page - Fairchild Semiconductor KA7541 Datasheet HTML 5Page - Fairchild Semiconductor KA7541 Datasheet HTML 6Page - Fairchild Semiconductor KA7541 Datasheet HTML 7Page - Fairchild Semiconductor KA7541 Datasheet HTML 8Page - Fairchild Semiconductor KA7541 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
KA7541
4
Electrical Characteristics
Unless otherwise specified, for typical values Vcc=14V, Ta=25oC, For Min/Max values Ta is the operating ambient
temperature range with
-25oC
≤ Ta ≤ 125oC and 11V ≤ VCC ≤ 30V
Note:
1. These parameters, although guaranteed, are not 100% tested in production.
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
UNDER VOLTAGE LOCK OUT SECTION
Start threshold voltage
VTH(st)
VCC increasing
8.5
9.5
10.5
V
UVLO hysteresis
HY(st)
-
1.3
1.8
2.3
V
SUPPLY CURRENT SECTION
Start up supply current
IST
VCC<VTH(st)
-
0.15
0.25
mA
Operating supply current
ICC
Output not switching
-
6
10
mA
Dynamic operating supply current
IDCC
50kHz, CI=1nF
-
7
14
mA
REFERENCE SECTION
Reference voltage
Vref
Iref=0mA, Vcc
=14V
1.95
2
2.05
V
Line regulation
∆Vref 1
14V
≤VCC≤25V
-
0.1
10
mV
Temperature stability of Vref
∆Vref 2
-25
≤Ta≤125°C, Vcc=14V
-
15
-
mV
OSCILLATOR SECTION
Operating frequency
fos
VSS=3V, CT=470pF
44
50
56
KHz
Operating dead time
tod
VSS=3V, Vcc
=14V
2.4
2.9
3.4
µs
Soft start frequency
fss
VSS=0V, CT=470pF
56
65
74
KHz
Soft start dead time
tsd
VSS=0V, Vcc
=14V
1.8
2.3
2.8
µs
OUTPUT SECTION
Rising time (note1)
tr
CI=1nF, Vcc
=12V
-
120
200
ns
Falling time (note1)
tf
CI=1nF, Vcc
=12V
-
50
100
ns
Maximum output voltage
Vomax(o)
VCC=20V
12
15
18
V
Output voltage with UVLO activated
Vomin(o)
VCC=5V, IO=100
µA-
-
1
V
NO LAMP PROTECTION SECTION
No lamp detect voltage
Vnd
-
1.9
2
2.1
V


Similar Part No. - KA7541

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KA7540 SAMSUNG-KA7540 Datasheet
104Kb / 14P
   Simple Dimming Ballast Control IC
KA7540D SAMSUNG-KA7540D Datasheet
104Kb / 14P
   Simple Dimming Ballast Control IC
logo
Fairchild Semiconductor
KA75420 FAIRCHILD-KA75420 Datasheet
48Kb / 8P
   Voltage Detector
KA75420M FAIRCHILD-KA75420M Datasheet
48Kb / 8P
   Voltage Detector
KA75420M FAIRCHILD-KA75420M Datasheet
55Kb / 8P
   Voltage Detector
More results

Similar Description - KA7541

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN7544 FAIRCHILD-FAN7544 Datasheet
1Mb / 14P
   Simple Ballast Controller
logo
AUK corp
S6510P AUK-S6510P Datasheet
340Kb / 6P
   SIMPLE BALLAST CONTROLLER
S6510 AUK-S6510 Datasheet
316Kb / 6P
   SIMPLE BALLAST CONTROLLER
logo
Samsung semiconductor
KA7540 SAMSUNG-KA7540 Datasheet
104Kb / 14P
   Simple Dimming Ballast Control IC
logo
Micro Linear Corporatio...
ML4831 MICRO-LINEAR-ML4831 Datasheet
325Kb / 14P
   Electronic Ballast Controller
ML4830 MICRO-LINEAR-ML4830 Datasheet
218Kb / 15P
   Electronic Ballast Controller
logo
Princeton Technology Co...
PT5631 PTC-PT5631_10 Datasheet
391Kb / 4P
   Dimming Ballast Controller IC
PT5621 PTC-PT5621_10 Datasheet
835Kb / 4P
   Three-Way Ballast Controller
PT5611 PTC-PT5611 Datasheet
338Kb / 4P
   Dimming Ballast Controller IC
PT5621 PTC-PT5621 Datasheet
835Kb / 4P
   Three-Way Ballast Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com